Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

54ACQ573 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. 54ACQ573
Description  Quiet Series Octal Latch with TRI-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ACQ573 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  54ACQ573 Datasheet HTML 1Page - National Semiconductor (TI) 54ACQ573 Datasheet HTML 2Page - National Semiconductor (TI) 54ACQ573 Datasheet HTML 3Page - National Semiconductor (TI) 54ACQ573 Datasheet HTML 4Page - National Semiconductor (TI) 54ACQ573 Datasheet HTML 5Page - National Semiconductor (TI) 54ACQ573 Datasheet HTML 6Page - National Semiconductor (TI) 54ACQ573 Datasheet HTML 7Page - National Semiconductor (TI) 54ACQ573 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DC Characteristics for ’ACQ Family Devices (Continued)
54ACQ
Symbol
Parameter
V
CC
T
A = −55˚C to +125˚C
Units
Conditions
(V)
Guaranteed Limits
I
OLD
(Note 4)
Minimum Dynamic
Output Current
5.5
50
mA
V
OLD = 1.65 VMax
I
OHD
5.5
−50
mA
V
OHD = 3.85 VMin
I
CC
Maximum Quiescent
5.5
80.0
µA
V
IN = VCC
Supply Current
or GND (Note 5)
I
OZ
Maximum TRI-STATE
V
I(OE) = VIL,VIH
Leakage Current
5.5
±5.0
µA
V
I = VCC, GND
V
O = VCC, GND
V
OLP
Quiet Output
5.0
1.75
V
Maximum Dynamic V
OL
(Notes 6, 7)
V
OLV
Quiet Output
5.0
−1.2
V
Minimum Dynamic V
OL
(Notes 6, 7)
Note 3: All outputs loaded; thresholds on input associated with output under test.
Note 4: Maximum test duration 2.0 ms, one output loaded at a time.
Note 5: IIN and ICC @ 3.0V are guaranteed to be less than or equal to the respective limit @ 5.5V VCC.
ICC for 54ACQ @ 25˚C is identical to 74ACQ @ 25˚C.
Note 6: Plastic DIP package.
Note 7: Max number of outputs defined as (n). Data Inputs are driven 0V to 5V. One output @ GND.
DC Characteristics for ’ACTQ Family Devices
54ACTQ
Symbol
Parameter
V
CC
T
A = −55˚C to +125˚C
Units
Conditions
(V)
Guaranteed Limits
V
IH
Minimum High Level
4.5
2.0
V
V
OUT = 0.1V
Input Voltage
5.5
2.0
or V
CC − 0.1V
V
IL
Maximum Low Level
4.5
0.8
V
V
OUT = 0.1V
Input Voltage
5.5
0.8
or V
CC − 0.1V
V
OH
Minimum High Level
4.5
4.4
V
I
OUT = −50 µA
Output Voltage
5.5
5.4
(Note 8)
V
IN = VIL or VIH
4.5
3.70
V
I
OH = −24 mA
5.5
4.70
I
OH = −24 mA
V
OL
Maximum Low Level
4.5
0.1
V
I
OUT = 50 µA
Output Voltage
5.5
0.1
(Note 8)
V
IN = VIL or VIH
4.5
0.50
V
I
OL = 24 mA
5.5
0.50
I
OL = 24 mA
I
IN
Maximum Input
5.5
±1.0
µA
V
I = VCC, GND
Leakage Current
I
OZ
Maximum TRI-STATE
5.5
±5.0
µA
V
I = VIL,VIH
Leakage Current
V
O = VCC, GND
I
CCT
Maximum
5.5
1.6
mA
V
I = VCC − 2.1V
I
CC/Input
www.national.com
4


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn