Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSMS0512D-4R7M Datasheet(PDF) 1 Page - Frontier Electronics.

Part # CSMS0512D-4R7M
Description  SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

CSMS0512D-4R7M Datasheet(HTML) 1 Page - Frontier Electronics.

  CSMS0512D-4R7M Datasheet HTML 1Page - Frontier Electronics. CSMS0512D-4R7M Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CSMS0512D Series
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
Rev. A
A. Electrical Specifications:
P/N
Marking
Inductance
@100KHz
(μH)
Inductance
Tolerance
DCR
±20%
(Ω)
Rated Current (mA)
SRF Min.
(MHz)
I sat
I rms
CSMS0512D-1R0N
1R0
1.0
± 30%
0.053
4500
2300
100
CSMS0512D-1R5N
1R5
1.5
± 30%
0.070
3800
2200
86
CSMS0512D-2R2M
2R2
2.2
± 20%
0.085
3100
2000
70
CSMS0512D-3R3M
3R3
3.3
± 20%
0.160
2400
1450
48
CSMS0512D-4R7M
4R7
4.7
± 20%
0.180
2200
1400
40
CSMS0512D-6R8M
6R8
6.8
± 20%
0.260
1700
1100
36
CSMS0512D-100M
100
10
± 20%
0.420
1400
850
26
CSMS0512D-150M
150
15
± 20%
0.670
1200
640
22
B. Dimensions: mm (Inch)
Series
a
b
c
d
e
f
g
h
i
k
m
n
CSMS0512D
4.9
(0.193)
4.9
(0.193)
1.2
(0.047)
1.2
(0.047)
1.3
(0.051)
3.3
(0.130)
3.8
(0.150)
0.2
(0.008)
1.5
(0.059)
4.2
(0.165)
4.0
(0.157)
3.6
(0.142)
Tol.
±0.2
(0.008)
±0.2
(0.008)
Max.
±0.2
(0.008)
Typ.
±0.2
(0.008)
Typ.
Typ.
Typ.
Typ.
Typ.
Typ.
C. General Information:
1. CSMS0512D-xxx_, “CSMS0512D” = P/N, “xxx” = Inductance, “_” = Tolerance.
2. Tolerance “_”: M: ± 20%, N: ± 30%
3. Magnetically shielded
4. High saturation current
5. Storage temperature: -40ºC to +85ºC.
6. Operating temperature range: -25ºC to +125ºC (Including self-heating).
7. Inductance measured using the HP4285A and Chroma1320 & 3302.
8. DCR measured using Chroma 16502.
9. SRF measured using the HP4291B.
10. Saturation Current Idc1: The value of current causes a 30% Inductance reduction from initial value. ( at : 20 ºC ambient)
11. Temperature rise current Idc2: The value of current causes a 40ºC temperature rise. ( at : 20 ºC ambient)
12. Rated Current: Either Idc1 or Idc2 whichever is smaller.
13. MSL: Level 1.
14. Inductance and Current range: From 1.0 µH (2300mA) to 15.0 µH (640mA).
D. Applications:
1. Game Consoles
2. Set Top Boxes
3. Cables Modems
4. Computers
5. Mobile Communication Devices (Cell Phones, Radios, etc.)
6. PDA, LCD, DVD, BRP, HD.
Frontier Electronics Corp.
®
Page 1 of 2
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Similar Part No. - CSMS0512D-4R7M

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
CSMS0512D FRONTIER-CSMS0512D Datasheet
177Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSMS0512D100M FRONTIER-CSMS0512D100M Datasheet
177Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSMS0512D150M FRONTIER-CSMS0512D150M Datasheet
177Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSMS0512D1R0N FRONTIER-CSMS0512D1R0N Datasheet
177Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSMS0512D1R5N FRONTIER-CSMS0512D1R5N Datasheet
177Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
More results

Similar Description - CSMS0512D-4R7M

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
CSS0211P FRONTIER-CSS0211P_15 Datasheet
174Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS0214P FRONTIER-CSS0214P_15 Datasheet
178Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS0218P FRONTIER-CSS0218P_15 Datasheet
173Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS0628P FRONTIER-CSS0628P_15 Datasheet
190Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS105D FRONTIER-CSS105D_15 Datasheet
194Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS0518P-4R1L FRONTIER-CSS0518P-4R1L Datasheet
225Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS1050G-R80L FRONTIER-CSS1050G-R80L Datasheet
282Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSMS0612D FRONTIER-CSMS0612D Datasheet
183Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS124P FRONTIER-CSS124P_15 Datasheet
236Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSMS0412D FRONTIER-CSMS0412D Datasheet
169Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSMS0628D FRONTIER-CSMS0628D Datasheet
188Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com