Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

54ACQ245 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. 54ACQ245
Description  Quiet Series Octal Bidirectional Transceiver with TRI-STATE Inputs/Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ACQ245 Datasheet(HTML) 6 Page - National Semiconductor (TI)

  54ACQ245 Datasheet HTML 1Page - National Semiconductor (TI) 54ACQ245 Datasheet HTML 2Page - National Semiconductor (TI) 54ACQ245 Datasheet HTML 3Page - National Semiconductor (TI) 54ACQ245 Datasheet HTML 4Page - National Semiconductor (TI) 54ACQ245 Datasheet HTML 5Page - National Semiconductor (TI) 54ACQ245 Datasheet HTML 6Page - National Semiconductor (TI) 54ACQ245 Datasheet HTML 7Page - National Semiconductor (TI) 54ACQ245 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AC Electrical Characteristics for ’ACTQ Devices
54ACTQ
V
CC
T
A = −55˚C
Fig.
Symbol
Parameter
(V)
to +125˚C
Units
No.
(Note 10)
C
L = 50 pF
Min
Max
t
PHL,tPLH
Propagation Delay
5.0
1.5
9.0
ns
Data to Output
t
PZL,tPZH
Output Enable Time
5.0
1.5
12.0
ns
t
PHZ,tPLZ
Output Disable Time
5.0
1.5
11.5
ns
Note 10: Voltage Range 5.0 is 5.0V ±0.5V
Capacitance
Symbol
Parameter
Typ
Units
Conditions
C
IN
Input Capacitance
4.5
pF
V
CC = OPEN
C
I/O
Input/Output
15
pF
V
CC = 5.0V
Capacitance
C
PD
Power Dissipation
80.0
pF
V
CC = 5.0V
Capacitance
www.national.com
6


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn