![]() |
Electronic Components Datasheet Search |
|
54ACQ245 Datasheet(PDF) 4 Page - National Semiconductor (TI) |
|
|
54ACQ245 Datasheet(HTML) 4 Page - National Semiconductor (TI) |
4 / 8 page ![]() DC Characteristics for ’ACQ Family Devices (Continued) 54ACQ Symbol Parameter V CC T A = Units Conditions (V) −55˚C to +125˚C Guaranteed Limits I OLD (Note 3) Minimum Dynamic Output Current 5.5 50 mA V OLD = 1.65V Max I OHD 5.5 −50 mA V OHD = 3.85V Min I CC Maximum Quiescent 5.5 80.0 µA V IN = VCC Supply Current or GND (Note 4) I OZT Maximum I/O V I(OE) = VIL,VIH Leakage Current 5.5 ±5.5 µA V I = VCC, GND V O = VCC, GND V OLP Quiet Output 5.0 1.5 V Maximum Dynamic V OL (Note 5) V OLV Quiet Output 5.0 −1.2 V Minimum Dynamic V OL (Note 5) Note 2: All outputs loaded; thresholds on input associated with output under test. Note 3: Maximum test duration 2.0 ms, one output loaded at a time. Note 4: IIN and ICC @ 3.0V are guaranteed to be less than or equal to the respective limit @ 5.5V VCC. Note 5: Max number of outputs defined as (n). Data Inputs are driven 0V to 5V; one output @ GND. DC Characteristics for ’ACTQ Family Devices 54ACTQ Symbol Parameter V CC T A = Units Conditions (V) −55˚C to +125˚C Guaranteed Limits V IH Minimum High Level 4.5 2.0 V V OUT = 0.1V Input Voltage 5.5 2.0 or V CC − 0.1V V IL Maximum Low Level 4.5 0.8 V V OUT = 0.1V Input Voltage 5.5 0.8 or V CC − 0.1V V OH Minimum High Level 4.5 4.4 V I OUT = −50 µA Output Voltage 5.5 5.4 (Note 6) V IN = VIL or VIH 4.5 3.70 V I OH −24 mA 5.5 4.70 −24 mA V OL Maximum Low Level 4.5 0.1 V I OUT = 50 µA Output Voltage 5.5 0.1 (Note 6) V IN = VIL or VIH 4.5 0.50 V I OL 24 mA 5.5 0.50 24 mA I IN Maximum Input 5.5 ±1.0 µA V I = VCC, GND Leakage Current I OZT Maximum TRI-STATE 5.5 ±5.0 µA V I = VIL,VIH Leakage Current V O = VCC, GND www.national.com 4 |