Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EFM32WG290 Datasheet(PDF) 48 Page - Silicon Laboratories

Part # EFM32WG290
Description  Output state retention and wake-up from Shutoff Mode
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFM32WG290 Datasheet(HTML) 48 Page - Silicon Laboratories

Back Button EFM32WG290 Datasheet HTML 44Page - Silicon Laboratories EFM32WG290 Datasheet HTML 45Page - Silicon Laboratories EFM32WG290 Datasheet HTML 46Page - Silicon Laboratories EFM32WG290 Datasheet HTML 47Page - Silicon Laboratories EFM32WG290 Datasheet HTML 48Page - Silicon Laboratories EFM32WG290 Datasheet HTML 49Page - Silicon Laboratories EFM32WG290 Datasheet HTML 50Page - Silicon Laboratories EFM32WG290 Datasheet HTML 51Page - Silicon Laboratories EFM32WG290 Datasheet HTML 52Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 82 page
background image
...the world's most energy friendly microcontrollers
2014-06-13 - EFM32WG290FXX - d0188_Rev1.40
48
www.silabs.com
Figure 3.37. ACMP Characteristics, Vdd = 3V, Temp = 25°C, FULLBIAS = 0, HALFBIAS = 1
0
4
8
12
ACMP_CTRL_BIASPROG
0.0
0.5
1.0
1.5
2.0
2.5
Current consumption, HYSTSEL = 4
0
2
4
6
8
10
12
14
ACMP_CTRL_BIASPROG
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
HYSTSEL= 0.0
HYSTSEL= 2.0
HYSTSEL= 4.0
HYSTSEL= 6.0
Response time
0
1
2
3
4
5
6
7
ACMP_CTRL_HYSTSEL
0
20
40
60
80
100
BIASPROG= 0.0
BIASPROG= 4.0
BIASPROG= 8.0
BIASPROG= 12.0
Hysteresis


Similar Part No. - EFM32WG290

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32WG290F128-B-BGA112 SILABS-EFM32WG290F128-B-BGA112 Datasheet
5Mb / 469P
   EFM32 Gecko Family
Rev. 2.42
EFM32WG290F128-BGA112 SILABS-EFM32WG290F128-BGA112 Datasheet
282Kb / 4P
   Updated specifications based on the results of additional silicon characterization
EFM32WG290F256-B-BGA112 SILABS-EFM32WG290F256-B-BGA112 Datasheet
5Mb / 469P
   EFM32 Gecko Family
Rev. 2.42
EFM32WG290F256-BGA112 SILABS-EFM32WG290F256-BGA112 Datasheet
282Kb / 4P
   Updated specifications based on the results of additional silicon characterization
EFM32WG290F64-B-BGA112 SILABS-EFM32WG290F64-B-BGA112 Datasheet
5Mb / 469P
   EFM32 Gecko Family
Rev. 2.42
More results

Similar Description - EFM32WG290

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32LG232 SILABS-EFM32LG232 Datasheet
1Mb / 75P
   Output state retention and wake-up from Shutoff Mode
EFM32TG840 SILABS-EFM32TG840 Datasheet
2Mb / 70P
   Output state retention and wake-up from Shutoff Mode
EFM32WG280 SILABS-EFM32WG280 Datasheet
2Mb / 82P
   Output state retention and wake-up from Shutoff Mode
EFM32ZG222 SILABS-EFM32ZG222 Datasheet
1Mb / 70P
   Output state retention and wake-up from Shutoff Mode
EFM32LG880 SILABS-EFM32LG880 Datasheet
2Mb / 85P
   Output state retention and wake-up from Shutoff Mode
EFM32GG942 SILABS-EFM32GG942 Datasheet
1Mb / 74P
   Output state retention and wake-up from Shutoff Mode
EFM32HG222 SILABS-EFM32HG222 Datasheet
1Mb / 70P
   Output state retention and wake-up from Shutoff Mode
EFM32WG330 SILABS-EFM32WG330 Datasheet
1Mb / 76P
   Output state retention and wake-up from Shutoff Mode
EFM32LG360 SILABS-EFM32LG360 Datasheet
1Mb / 75P
   Output state retention and wake-up from Shutoff Mode
EFM32HG210 SILABS-EFM32HG210 Datasheet
1Mb / 69P
   Output state retention and wake-up from Shutoff Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com