Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAR64-04W Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BAR64-04W
Description  Silicon PIN Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAR64-04W Datasheet(HTML) 1 Page - Infineon Technologies AG

  BAR64-04W Datasheet HTML 1Page - Infineon Technologies AG BAR64-04W Datasheet HTML 2Page - Infineon Technologies AG BAR64-04W Datasheet HTML 3Page - Infineon Technologies AG BAR64-04W Datasheet HTML 4Page - Infineon Technologies AG BAR64-04W Datasheet HTML 5Page - Infineon Technologies AG BAR64-04W Datasheet HTML 6Page - Infineon Technologies AG BAR64-04W Datasheet HTML 7Page - Infineon Technologies AG BAR64-04W Datasheet HTML 8Page - Infineon Technologies AG BAR64-04W Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Feb-14-2003
1
BAR64...
Silicon PIN Diode
 High voltage current controlled RF resistor
for RF attenuator and switches
 Frequency range above 1 MHz up to 6 GHz
 Very low capacitance at zero volt reverse bias
at frequencies above 1 GHz (typ. 0.17 pF)
 Low forward resistance (typ. 2.1  @ 10 mA)
 Very low signal distortion
BAR64-02L
BAR64-02V
BAR64-03W
BAR64-07
BAR64-04
BAR64-04T
BAR64-04W
BAR64-06
BAR64-06W
BAR64-05
BAR64-05W
1
2
1
D2
2
3
4
D1
3
1
D2
2
D1
3
1
D2
2
D1
3
1
D2
2
D1
Type
Package
Configuration
LS(nH) Marking
BAR64-02L *
BAR64-02V
BAR64-03W
BAR64-04
BAR64-04T
BAR64-04W
BAR64-05
BAR64-05W
BAR64-06
BAR64-06W
BAR64-07
TSLP-2-1
SC79
SOD323
SOT23
SC75
SOT323
SOT23
SOT323
SOT23
SOD323
SOT143
single, leadless
single
single
series
series
series
common cathode
common cathode
common anode
common anode
parallel pair
0.4
0.6
1.8
1.8
1.2
1.4
1.8
1.4
1.8
1.4
2
MM
O
2 blue
PPs
PPs
PPs
PRs
PRs
PSs
PSs
PTs
* Preliminary Data


Similar Part No. - BAR64-04W

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAR64-04W SIEMENS-BAR64-04W Datasheet
48Kb / 4P
   Silicon PIN Diode (High voltage current controlled RF resistor for RF attenuator and switches Frequency range above 1 MHz)
logo
Infineon Technologies A...
BAR64-04W INFINEON-BAR64-04W Datasheet
269Kb / 16P
   Silicon PIN Diode
2007-12-11
BAR64-04W INFINEON-BAR64-04W Datasheet
1,011Kb / 16P
   High voltage current controlled RF resistor for RF attenuator and switches
2011-07-18
BAR64-04W INFINEON-BAR64-04W Datasheet
1Mb / 15P
   Silicon PIN Diode
2013-06-10
BAR64-04W INFINEON-BAR64-04W Datasheet
1Mb / 15P
   Silicon PIN Diode
2013-06-10
More results

Similar Description - BAR64-04W

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBV3700LT1 LRC-MMBV3700LT1 Datasheet
57Kb / 2P
   Silicon Pin Diode
logo
NXP Semiconductors
BAP70-02 PHILIPS-BAP70-02 Datasheet
53Kb / 8P
   Silicon PIN diode
2002 Aug 06
BAP1321-01 PHILIPS-BAP1321-01 Datasheet
75Kb / 7P
   Silicon PIN diode
2001 Nov 01
logo
Siemens Semiconductor G...
BA886 SIEMENS-BA886 Datasheet
26Kb / 2P
   Silicon PIN Diode
logo
NXP Semiconductors
BAP1321-03 PHILIPS-BAP1321-03 Datasheet
66Kb / 7P
   Silicon PIN diode
2004 Feb 17
logo
Vishay Siliconix
S391D VISHAY-S391D Datasheet
45Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
S392D VISHAY-S392D Datasheet
46Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
logo
Leshan Radio Company
BAP65-02 LRC-BAP65-02 Datasheet
108Kb / 2P
   Silicon PIN diode
logo
NXP Semiconductors
BAP64-02 PHILIPS-BAP64-02 Datasheet
53Kb / 8P
   Silicon PIN diode
1999 Sep 21
logo
Quanzhou Jinmei Electro...
BAP70-05_2015 JMNIC-BAP70-05_2015 Datasheet
55Kb / 7P
   Silicon PIN diode
BAP1321-02_2015 JMNIC-BAP1321-02_2015 Datasheet
73Kb / 8P
   Silicon PIN diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com