Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAR66 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BAR66
Description  Silicon PIN Diode Array
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAR66 Datasheet(HTML) 2 Page - Infineon Technologies AG

  BAR66 Datasheet HTML 1Page - Infineon Technologies AG BAR66 Datasheet HTML 2Page - Infineon Technologies AG BAR66 Datasheet HTML 3Page - Infineon Technologies AG BAR66 Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Feb-04-2003
2
BAR66...
Electrical Characteristics at TA = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Breakdown voltage
I(BR) = 5 µA
V(BR)
150
-
-
V
Reverse current
VR = 100 V
IR
-
-
20
nA
Forward voltage
IF = 50 mA
VF
-
0.95
1.2
V
AC Characteristics
Diode capacitance
VR = 35 V, f = 1 MHz
VR = 0 V, f = 100 MHz
CT
-
-
0.4
0.35
0.6
0.9
pF
Zero bias conductance
VR = 0 V, f = 100 MHz
gP
-
220
-
µs
Forward resistance
IF = 5 mA, f = 100 MHz
rf
-
1.5
1.8

Charge carrier life time
IF = 10 mA, IR = 6 mA, measured at IR = 3 mA,
RL = 100 
 rr
-
0.7
-
µs


Similar Part No. - BAR66

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAR66 SIEMENS-BAR66 Datasheet
22Kb / 2P
   Silicon PIN Diode Array (Surge protection device Two PIN diodes, series configuration)
logo
Guangdong Kexin Industr...
BAR66 KEXIN-BAR66 Datasheet
38Kb / 2P
   Silicon PIN Diode Array
logo
Infineon Technologies A...
BAR66 INFINEON-BAR66 Datasheet
73Kb / 6P
   Silicon PIN Diode Array
2007-04-19
BAR66 INFINEON-BAR66_07 Datasheet
73Kb / 6P
   Silicon PIN Diode Array
2007-04-19
More results

Similar Description - BAR66

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAP70AM PHILIPS-BAP70AM Datasheet
209Kb / 8P
   Silicon PIN diode array
Rev. 2-7 September 2010
logo
Quanzhou Jinmei Electro...
BAP70AM_2015 JMNIC-BAP70AM_2015 Datasheet
56Kb / 7P
   Silicon PIN diode array
BAP70AM JMNIC-BAP70AM_15 Datasheet
56Kb / 7P
   Silicon PIN diode array
logo
Infineon Technologies A...
BAR66 INFINEON-BAR66_07 Datasheet
73Kb / 6P
   Silicon PIN Diode Array
2007-04-19
logo
Guangdong Kexin Industr...
BAR66 KEXIN-BAR66 Datasheet
38Kb / 2P
   Silicon PIN Diode Array
logo
NXP Semiconductors
BAP70AM NXP-BAP70AM Datasheet
49Kb / 7P
   Silicon PIN diode array
Rev. 01 20 November 2006
logo
Infineon Technologies A...
BAR90-081LS INFINEON-BAR90-081LS Datasheet
677Kb / 8P
   Silicon Trench PIN Diode Array
2009-01-26
logo
Vishay Siliconix
S268P VISHAY-S268P Datasheet
80Kb / 5P
   Silicon PIN Photodiode Array
Rev. 2, 20-May-99
logo
Siemens Semiconductor G...
BAR66 SIEMENS-BAR66 Datasheet
22Kb / 2P
   Silicon PIN Diode Array (Surge protection device Two PIN diodes, series configuration)
SMBD2837 SIEMENS-SMBD2837 Datasheet
100Kb / 4P
   Silicon Switching Diode Array
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com