Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAR65 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BAR65
Description  Silicon PIN Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAR65 Datasheet(HTML) 2 Page - Infineon Technologies AG

  BAR65 Datasheet HTML 1Page - Infineon Technologies AG BAR65 Datasheet HTML 2Page - Infineon Technologies AG BAR65 Datasheet HTML 3Page - Infineon Technologies AG BAR65 Datasheet HTML 4Page - Infineon Technologies AG BAR65 Datasheet HTML 5Page - Infineon Technologies AG BAR65 Datasheet HTML 6Page - Infineon Technologies AG BAR65 Datasheet HTML 7Page - Infineon Technologies AG BAR65 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Feb-04-2003
2
BAR65...
Thermal Resistance
Parameter
Symbol
Value
Unit
Junction - soldering point1)
BAR65-02L
BAR65-02V
BAR65-03W
BAR65-07
RthJS
 90
 130
 145
 370
K/W
Electrical Characteristics at TA = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Reverse current
VR = 20 V
IR
-
-
20
nA
Forward voltage
IF = 100 mA
VF
-
0.93
1
V
1For calculation of RthJA please refer to Application Note Thermal Resistance


Similar Part No. - BAR65

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAR65-02 SIEMENS-BAR65-02 Datasheet
14Kb / 3P
   Silicon RF Switching Diode Preliminary data (Low loss, low capacitance PIN-diode Band switch for TV-tuners)
logo
Infineon Technologies A...
BAR65-02L INFINEON-BAR65-02L Datasheet
119Kb / 12P
   Silicon PIN Diode
2007-04-19
BAR65-02L INFINEON-BAR65-02L Datasheet
981Kb / 12P
   Silicon PIN Diode
2011-06-14
BAR65-02V INFINEON-BAR65-02V Datasheet
119Kb / 12P
   Silicon PIN Diode
2007-04-19
BAR65-02V INFINEON-BAR65-02V Datasheet
981Kb / 12P
   Silicon PIN Diode
2011-06-14
More results

Similar Description - BAR65

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBV3700LT1 LRC-MMBV3700LT1 Datasheet
57Kb / 2P
   Silicon Pin Diode
logo
NXP Semiconductors
BAP70-02 PHILIPS-BAP70-02 Datasheet
53Kb / 8P
   Silicon PIN diode
2002 Aug 06
BAP1321-01 PHILIPS-BAP1321-01 Datasheet
75Kb / 7P
   Silicon PIN diode
2001 Nov 01
logo
Siemens Semiconductor G...
BA886 SIEMENS-BA886 Datasheet
26Kb / 2P
   Silicon PIN Diode
logo
NXP Semiconductors
BAP1321-03 PHILIPS-BAP1321-03 Datasheet
66Kb / 7P
   Silicon PIN diode
2004 Feb 17
logo
Vishay Siliconix
S391D VISHAY-S391D Datasheet
45Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
S392D VISHAY-S392D Datasheet
46Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
logo
Leshan Radio Company
BAP65-02 LRC-BAP65-02 Datasheet
108Kb / 2P
   Silicon PIN diode
logo
NXP Semiconductors
BAP64-02 PHILIPS-BAP64-02 Datasheet
53Kb / 8P
   Silicon PIN diode
1999 Sep 21
logo
Quanzhou Jinmei Electro...
BAP70-05_2015 JMNIC-BAP70-05_2015 Datasheet
55Kb / 7P
   Silicon PIN diode
BAP1321-02_2015 JMNIC-BAP1321-02_2015 Datasheet
73Kb / 8P
   Silicon PIN diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com