Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAR14-1 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BAR14-1
Description  Silicon PIN Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAR14-1 Datasheet(HTML) 3 Page - Infineon Technologies AG

  BAR14-1 Datasheet HTML 1Page - Infineon Technologies AG BAR14-1 Datasheet HTML 2Page - Infineon Technologies AG BAR14-1 Datasheet HTML 3Page - Infineon Technologies AG BAR14-1 Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Dec-20-2002
3
BAR14-1 / BAR15-1 / BAR16-1 / BAR61...
Diode capacitance CT =  (VR)
f
= Parameter
0
0.0
EHD07067
BAR 14-1...16-1
C T
R
V
0.5
pF
1.0
f = 1
= 100
f
MHz
MHz
10
20
30
40
V
50
Forward resistance rf =  (IF)
f
= 100MHz
10
EHD07066
BAR 14-1...16-1
r
f
F
Ι
-2
2
10
mA
0
10
10
4
10
1
10
2
10
3
-1
10
0
10
1
10
Forward current IF =  (VF)
TA = 25°C
0.0
10
EHD07065
BAR 14-1...16-1
Ι
F
F
V
-2
-1
10
0
10
1
10
10
2
mA
-40 ˚C
T
A =
25
150
85
0.5
1.0
V
1.5
˚C
˚C
˚C
Forward current IF =  (TS)
BAR14-1, BAR15-1, BAR16-1
0
15
30
45
60
75
90 105 120 °C
150
TS
0
20
40
60
80
100
120
mA
160


Similar Part No. - BAR14-1

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAR14-1 SIEMENS-BAR14-1 Datasheet
69Kb / 3P
   Silicon PIN Diodes
logo
Infineon Technologies A...
BAR14-1 INFINEON-BAR14-1 Datasheet
87Kb / 7P
   Silicon PIN Diode
2007-04-19
BAR14-1 INFINEON-BAR14-1 Datasheet
848Kb / 7P
   Silicon PIN Diode
2007-04-19
BAR14-1 INFINEON-BAR14-1 Datasheet
848Kb / 7P
   RF switch, RF attenuator for frequencies above 10 MHz
2007-04-19
BAR14-1 INFINEON-BAR14-1_07 Datasheet
87Kb / 7P
   Silicon PIN Diode
2007-04-19
More results

Similar Description - BAR14-1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBV3700LT1 LRC-MMBV3700LT1 Datasheet
57Kb / 2P
   Silicon Pin Diode
logo
NXP Semiconductors
BAP70-02 PHILIPS-BAP70-02 Datasheet
53Kb / 8P
   Silicon PIN diode
2002 Aug 06
BAP1321-01 PHILIPS-BAP1321-01 Datasheet
75Kb / 7P
   Silicon PIN diode
2001 Nov 01
logo
Siemens Semiconductor G...
BA886 SIEMENS-BA886 Datasheet
26Kb / 2P
   Silicon PIN Diode
logo
NXP Semiconductors
BAP1321-03 PHILIPS-BAP1321-03 Datasheet
66Kb / 7P
   Silicon PIN diode
2004 Feb 17
logo
Vishay Siliconix
S391D VISHAY-S391D Datasheet
45Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
S392D VISHAY-S392D Datasheet
46Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
logo
Leshan Radio Company
BAP65-02 LRC-BAP65-02 Datasheet
108Kb / 2P
   Silicon PIN diode
logo
NXP Semiconductors
BAP64-02 PHILIPS-BAP64-02 Datasheet
53Kb / 8P
   Silicon PIN diode
1999 Sep 21
logo
Quanzhou Jinmei Electro...
BAP70-05_2015 JMNIC-BAP70-05_2015 Datasheet
55Kb / 7P
   Silicon PIN diode
BAP1321-02_2015 JMNIC-BAP1321-02_2015 Datasheet
73Kb / 8P
   Silicon PIN diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com