Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3118D2DAPR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3118D2DAPR
Description  Filter-Free Class-D Stereo Amplifier Family
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3118D2DAPR Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPA3118D2DAPR Datasheet HTML 12Page - Texas Instruments TPA3118D2DAPR Datasheet HTML 13Page - Texas Instruments TPA3118D2DAPR Datasheet HTML 14Page - Texas Instruments TPA3118D2DAPR Datasheet HTML 15Page - Texas Instruments TPA3118D2DAPR Datasheet HTML 16Page - Texas Instruments TPA3118D2DAPR Datasheet HTML 17Page - Texas Instruments TPA3118D2DAPR Datasheet HTML 18Page - Texas Instruments TPA3118D2DAPR Datasheet HTML 19Page - Texas Instruments TPA3118D2DAPR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 43 page
background image
2
L
P
L
S
OUT
L
R
V
R + 2
R
P
=
for unclipped power
2
R
æ
ö
æ
ö
´
ç
÷
ç
÷
ç
÷
´
è
ø
è
ø
´
TPA3116D2, TPA3118D2, TPA3130D2
SLOS708E – APRIL 2012 – REVISED SEPTEMBER 2015
www.ti.com
where
POUT (10%THD) = 1.25 × POUT (unclipped)
RL is the load resistance.
RS is the total series resistance including RDS(on), and output filter resistance.
VP is the peak amplitude
VP = 4 × PLIMIT voltage if PLIMIT < 4 × VP
(2)
Table 3. Power Limit Example
PVCC (V)
PLIMIT VOLTAGE (V)(1)
R to GND
R to GVDD
OUTPUT VOLTAGE (Vrms)
24 V
GVDD
Short
Open
17.9
24 V
3.3
45 k
Ω
51 k
Ω
12.67
24 V
2.25
24 k
Ω
51 k
Ω
9
12 V
GVDD
Short
Open
10.33
12 V
2.25
24 k
Ω
51 k
Ω
9
12 V
1.5
18 k
Ω
68 k
Ω
6.3
(1)
PLIMIT measurements taken with EVM gain set to 26dB and input voltage set to 1Vrms.
7.3.5 GVDD Supply
The GVDD Supply is used to power the gates of the output full bridge transistors. It can also be used to supply
the PLIMIT and GAIN/SLV voltage dividers. Decouple GVDD with a X5R ceramic 1 µF capacitor to GND. The
GVDD supply is not intended to be used for external supply. It is recommended to limit the current consumption
by using resistor voltage dividers for GAIN/SLV and PLIMIT of 100 k
Ω or more.
7.3.6 BSPx AND BSNx Capacitors
The full H-bridge output stages use only NMOS transistors. Therefore, they require bootstrap capacitors for the
high side of each output to turn on correctly. A 220 nF ceramic capacitor of quality X5R or better, rated for at
least 16 V, must be connected from each output to its corresponding bootstrap input. (See the application circuit
diagram in Figure 37.) The bootstrap capacitors connected between the BSxx pins and corresponding output
function as a floating power supply for the high-side N-channel power MOSFET gate drive circuitry. During each
high-side switching cycle, the bootstrap capacitors hold the gate-to-source voltage high enough to keep the high-
side MOSFETs turned on.
7.3.7 Differential Inputs
The differential input stage of the amplifier cancels any noise that appears on both input lines of the channel. To
use the TPA31xxD2 family with a differential source, connect the positive lead of the audio source to the RINP or
LINP input and the negative lead from the audio source to the RINN or LINN input. To use the TPA31xxD2 family
with a single-ended source, ac ground the negative input through a capacitor equal in value to the input capacitor
on positive and apply the audio source to either input. In a single-ended input application, the unused input
should be ac grounded at the audio source instead of at the device input for best noise performance. For good
transient performance, the impedance seen at each of the two differential inputs should be the same.
The impedance seen at the inputs should be limited to an RC time constant of 1 ms or less if possible. This is to
allow the input dc blocking capacitors to become completely charged during the 10 ms power-up time. If the input
capacitors are not allowed to completely charge, there will be some additional sensitivity to component matching
which can result in pop if the input components are not well matched.
7.3.8 Device Protection System
The TPA31xxD2 family contains a complete set of protection circuits carefully designed to make system design
efficient as well as to protect the device against any kind of permanent failures due to short circuits, overload,
over temperature, and under-voltage. The FAULTZ pin will signal if an error is detected according to Table 4:
16
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: TPA3116D2 TPA3118D2 TPA3130D2


Similar Part No. - TPA3118D2DAPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3118D2DAPR TI1-TPA3118D2DAPR Datasheet
1Mb / 34P
[Old version datasheet]   15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
TPA3118D2DAPR TI-TPA3118D2DAPR Datasheet
2Mb / 45P
[Old version datasheet]   15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
DECEMBER 2017
More results

Similar Description - TPA3118D2DAPR

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
NAU8223 NUVOTON-NAU8223 Datasheet
1,013Kb / 23P
   3.1W Stereo Filter-Free Class-D Audio Amplifier
logo
Texas Instruments
TPA3110D2 TI1-TPA3110D2 Datasheet
1Mb / 34P
[Old version datasheet]   Filter-Free Stereo Class-D Audio Power Amplifier
TPA3110D2-Q1 TI1-TPA3110D2-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   Filter-Free Stereo Class-D Audio Power Amplifier
logo
List of Unclassifed Man...
NAU8223 ETC2-NAU8223 Datasheet
1,013Kb / 23P
   3.1W Stereo Filter-Free Class-D Audio Amplifier
logo
Texas Instruments
TPA3131D2 TI1-TPA3131D2 Datasheet
1Mb / 35P
[Old version datasheet]   25-W Filter-Free Class-D Stereo Amplifier
TPA3116D2 TI1-TPA3116D2 Datasheet
1Mb / 34P
[Old version datasheet]   15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
logo
Holtek Semiconductor In...
HT82V7534 HOLTEK-HT82V7534 Datasheet
3Mb / 16P
   3W Stereo Filter-free Class-D Audio Power Amplifier
logo
Shenzhen Huazhimei Semi...
HMA3110 HMSEMI-HMA3110 Datasheet
535Kb / 10P
   15W stereo filter-free class D audio power amplifier
HM2012 HMSEMI-HM2012 Datasheet
548Kb / 7P
   2.1W/ch Stereo Filter-free Class-D Audio Power Amplifier
logo
Texas Instruments
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com