Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EFM32GG942 Datasheet(PDF) 32 Page - Silicon Laboratories

Part # EFM32GG942
Description  Output state retention and wake-up from Shutoff Mode
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFM32GG942 Datasheet(HTML) 32 Page - Silicon Laboratories

Back Button EFM32GG942 Datasheet HTML 28Page - Silicon Laboratories EFM32GG942 Datasheet HTML 29Page - Silicon Laboratories EFM32GG942 Datasheet HTML 30Page - Silicon Laboratories EFM32GG942 Datasheet HTML 31Page - Silicon Laboratories EFM32GG942 Datasheet HTML 32Page - Silicon Laboratories EFM32GG942 Datasheet HTML 33Page - Silicon Laboratories EFM32GG942 Datasheet HTML 34Page - Silicon Laboratories EFM32GG942 Datasheet HTML 35Page - Silicon Laboratories EFM32GG942 Datasheet HTML 36Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 74 page
background image
...the world's most energy friendly microcontrollers
2014-05-23 - EFM32GG942FXX - d0128_Rev1.30
32
www.silabs.com
Figure 3.14. Integral Non-Linearity (INL)
Ideal t ransfer
curve
Digit al ouput code
Analog Input
INL= | [(VD- VSS)/ VLSBIDEAL] - D| where 0 < D < 2
N - 1
0
1
2
3
4092
4093
4094
4095
VOFFSET
Act ual ADC
t ranfer funct ion
before offset and
gain correct ion
Act ual ADC
t ranfer funct ion
aft er offset and
gain correct ion
INL Error
(End Point INL)
Figure 3.15. Differential Non-Linearity (DNL)
Ideal t ransfer
curve
Digit al
ouput
code
Analog Input
DNL= | [(VD+ 1 - VD)/ VLSBIDEAL] - 1| where 0 < D < 2
N - 2
0
1
2
3
4092
4093
4094
4095
Act ual t ransfer
funct ion wit h one
m issing code.
4
5
Full Scale Range
0.5
LSB
Ideal Code Cent er
Ideal 50%
Transit ion Point
Ideal spacing
bet ween t wo
adjacent codes
VLSBIDEAL= 1 LSB
Code widt h = 2 LSB
DNL= 1 LSB
Example: Adjacent
input value VD+ 1
corrresponds t o digit al
out put code D+ 1
Example: Input value
VD corrresponds to
digit al out put code D


Similar Part No. - EFM32GG942

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EFM32GG942 ETC2-EFM32GG942 Datasheet
3Mb / 68P
   EFM32GG942 DATASHEET
EFM32GG942F1024-QFP64 ETC2-EFM32GG942F1024-QFP64 Datasheet
3Mb / 68P
   EFM32GG942 DATASHEET
EFM32GG942F512-QFP64 ETC2-EFM32GG942F512-QFP64 Datasheet
3Mb / 68P
   EFM32GG942 DATASHEET
More results

Similar Description - EFM32GG942

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32LG232 SILABS-EFM32LG232 Datasheet
1Mb / 75P
   Output state retention and wake-up from Shutoff Mode
EFM32TG840 SILABS-EFM32TG840 Datasheet
2Mb / 70P
   Output state retention and wake-up from Shutoff Mode
EFM32WG280 SILABS-EFM32WG280 Datasheet
2Mb / 82P
   Output state retention and wake-up from Shutoff Mode
EFM32WG290 SILABS-EFM32WG290 Datasheet
2Mb / 82P
   Output state retention and wake-up from Shutoff Mode
EFM32ZG222 SILABS-EFM32ZG222 Datasheet
1Mb / 70P
   Output state retention and wake-up from Shutoff Mode
EFM32LG880 SILABS-EFM32LG880 Datasheet
2Mb / 85P
   Output state retention and wake-up from Shutoff Mode
EFM32HG222 SILABS-EFM32HG222 Datasheet
1Mb / 70P
   Output state retention and wake-up from Shutoff Mode
EFM32WG330 SILABS-EFM32WG330 Datasheet
1Mb / 76P
   Output state retention and wake-up from Shutoff Mode
EFM32LG360 SILABS-EFM32LG360 Datasheet
1Mb / 75P
   Output state retention and wake-up from Shutoff Mode
EFM32HG210 SILABS-EFM32HG210 Datasheet
1Mb / 69P
   Output state retention and wake-up from Shutoff Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com