Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA6211A1DRBG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPA6211A1DRBG4
Description  3.1-W Mono Fully Differential Audio Power Amplifier
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6211A1DRBG4 Datasheet(HTML) 2 Page - Texas Instruments

  TPA6211A1DRBG4 Datasheet HTML 1Page - Texas Instruments TPA6211A1DRBG4 Datasheet HTML 2Page - Texas Instruments TPA6211A1DRBG4 Datasheet HTML 3Page - Texas Instruments TPA6211A1DRBG4 Datasheet HTML 4Page - Texas Instruments TPA6211A1DRBG4 Datasheet HTML 5Page - Texas Instruments TPA6211A1DRBG4 Datasheet HTML 6Page - Texas Instruments TPA6211A1DRBG4 Datasheet HTML 7Page - Texas Instruments TPA6211A1DRBG4 Datasheet HTML 8Page - Texas Instruments TPA6211A1DRBG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
TPA6211A1
SLOS367E – AUGUST 2003 – REVISED NOVEMBER 2015
www.ti.com
Table of Contents
9.3
Feature Description................................................. 12
1
Features .................................................................. 1
9.4
Device Functional Modes........................................ 17
2
Applications ........................................................... 1
10
Application and Implementation........................ 18
3
Description ............................................................. 1
10.1
Application Information.......................................... 18
4
Revision History..................................................... 2
10.2
Typical Application ............................................... 18
5
Device Comparison Table..................................... 3
10.3
System Examples ................................................. 22
6
Pin Configuration and Functions ......................... 3
11
Power Supply Recommendations ..................... 24
7
Specifications......................................................... 4
11.1
Power Supply Decoupling Capacitor .................... 24
7.1
Absolute Maximum Ratings ...................................... 4
12
Layout................................................................... 24
7.2
ESD Ratings.............................................................. 4
12.1
Layout Guidelines ................................................. 24
7.3
Recommended Operation Conditions ....................... 4
12.2
Layout Examples................................................... 24
7.4
Thermal Information .................................................. 4
13
Device and Documentation Support ................. 26
7.5
Electrical Characteristics........................................... 4
13.1
Device Support...................................................... 26
7.6
Operating Characteristics.......................................... 5
13.2
Documentation Support ....................................... 26
7.7
Dissipation Ratings ................................................... 6
13.3
Community Resources.......................................... 26
7.8
Typical Characteristics .............................................. 6
13.4
Trademarks ........................................................... 26
8
Parameter Measurement Information ................ 11
13.5
Electrostatic Discharge Caution ............................ 26
9
Detailed Description ............................................ 12
13.6
Glossary ................................................................ 26
9.1
Overview ................................................................. 12
14
Mechanical, Packaging, and Orderable
9.2
Functional Block Diagram ....................................... 12
Information ........................................................... 26
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision D (June 2011) to Revision E
Page
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section. ................................................................................................ 1
Changes from Revision C (June 2008) to Revision D
Page
Deleted the Lead temperature 1,6 mm (1/16 Inch) from case for 10 seconds row from the Abs Max Table ........................ 4
Changes from Revision B (August 2004) to Revision C
Page
Changed Storage temperature From: –65°C to 85°C To: –65°C to 150°C............................................................................ 4
2
Submit Documentation Feedback
Copyright © 2003–2015, Texas Instruments Incorporated
Product Folder Links: TPA6211A1


Similar Part No. - TPA6211A1DRBG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6211A1DRBG4 TI-TPA6211A1DRBG4 Datasheet
1Mb / 29P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1DRBG4 TI1-TPA6211A1DRBG4 Datasheet
1Mb / 37P
[Old version datasheet]   3.1-W Mono Fully Differential Audio Power Amplifier
More results

Similar Description - TPA6211A1DRBG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6211A1-Q1 TI1-TPA6211A1-Q1 Datasheet
754Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1 TI1-TPA6211A1_17 Datasheet
1Mb / 37P
[Old version datasheet]   3.1-W Mono Fully Differential Audio Power Amplifier
TPA6211A1 TI-TPA6211A1_07 Datasheet
1Mb / 29P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1 TI-TPA6211A1 Datasheet
593Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1 TI-TPA6211A1_15 Datasheet
874Kb / 32P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1-Q1 TI1-TPA6211A1-Q1_16 Datasheet
1Mb / 33P
[Old version datasheet]   TPA6211A1-Q1 3.1-W Mono Fully Differential Audio Power Amplifier
logo
Unisonic Technologies
PA6204 UTC-PA6204_17 Datasheet
164Kb / 7P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6203A1 TI-TPA6203A1_V01 Datasheet
2Mb / 36P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6204 UTC-PA6204 Datasheet
174Kb / 6P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA6204 EUTECH-EUA6204 Datasheet
379Kb / 12P
   1.36-W Mono Fully Differential Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com