Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA6211A1DRB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPA6211A1DRB
Description  3.1-W Mono Fully Differential Audio Power Amplifier
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6211A1DRB Datasheet(HTML) 3 Page - Texas Instruments

  TPA6211A1DRB Datasheet HTML 1Page - Texas Instruments TPA6211A1DRB Datasheet HTML 2Page - Texas Instruments TPA6211A1DRB Datasheet HTML 3Page - Texas Instruments TPA6211A1DRB Datasheet HTML 4Page - Texas Instruments TPA6211A1DRB Datasheet HTML 5Page - Texas Instruments TPA6211A1DRB Datasheet HTML 6Page - Texas Instruments TPA6211A1DRB Datasheet HTML 7Page - Texas Instruments TPA6211A1DRB Datasheet HTML 8Page - Texas Instruments TPA6211A1DRB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
8
SHUTDOWN
BYPASS
IN+
IN–
V
O–
GND
V
DD
V
O+
7
6
1
2
3
4
5
1
2
3
4
8
7
6
5
SHUTDOWN
BYPASS
IN+
IN–
V
O–
GND
V
DD
V
O+
TPA6211A1
www.ti.com
SLOS367E – AUGUST 2003 – REVISED NOVEMBER 2015
5 Device Comparison Table
DEVICE
SPEAKER AMP
SPEAKER CHANNELS
OUTPUT POWER (W)
PSRR (dB)
NUMBER
TYPE
TPA6211A1
Mono
Class-AB
3.1
85
TPA6203A1
Mono
Class-AB
1.25
90
TPA6204A1
Mono
Class-AB
1.7
85
TPA6205a1
Mono
Class-AB
1.25
90
6 Pin Configuration and Functions
DGN Package
DRB Package
8-Pin MSOP-PowerPAD
8-Pin SON With Exposed Thermal Pad
Top View
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
BYPASS
2
Mid-supply voltage, adding a bypass capacitor improves PSRR
GND
7
I
High-current ground
IN+
3
I
Positive differential input
IN-
4
I
Negative differential input
SHUTDOWN
1
I
Shutdown terminal (active low logic)
VDD
6
I
Power supply
VO+
5
O
Positive BTL output
VO-
8
O
Negative BTL output
Connect to ground. Thermal pad must be soldered down in all applications to properly secure
Thermal Pad
device on the PCB.
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPA6211A1


Similar Part No. - TPA6211A1DRB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6211A1DRB TI-TPA6211A1DRB Datasheet
593Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1DRB TI-TPA6211A1DRB Datasheet
1Mb / 29P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1DRB TI1-TPA6211A1DRB Datasheet
1Mb / 37P
[Old version datasheet]   3.1-W Mono Fully Differential Audio Power Amplifier
TPA6211A1DRBG4 TI-TPA6211A1DRBG4 Datasheet
1Mb / 29P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1DRBG4 TI1-TPA6211A1DRBG4 Datasheet
1Mb / 37P
[Old version datasheet]   3.1-W Mono Fully Differential Audio Power Amplifier
More results

Similar Description - TPA6211A1DRB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6211A1-Q1 TI1-TPA6211A1-Q1 Datasheet
754Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1 TI1-TPA6211A1_17 Datasheet
1Mb / 37P
[Old version datasheet]   3.1-W Mono Fully Differential Audio Power Amplifier
TPA6211A1 TI-TPA6211A1_07 Datasheet
1Mb / 29P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1 TI-TPA6211A1 Datasheet
593Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1 TI-TPA6211A1_15 Datasheet
874Kb / 32P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1-Q1 TI1-TPA6211A1-Q1_16 Datasheet
1Mb / 33P
[Old version datasheet]   TPA6211A1-Q1 3.1-W Mono Fully Differential Audio Power Amplifier
logo
Unisonic Technologies
PA6204 UTC-PA6204_17 Datasheet
164Kb / 7P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6203A1 TI-TPA6203A1_V01 Datasheet
2Mb / 36P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6204 UTC-PA6204 Datasheet
174Kb / 6P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA6204 EUTECH-EUA6204 Datasheet
379Kb / 12P
   1.36-W Mono Fully Differential Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com