Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TWL6041BYFFT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TWL6041BYFFT
Description  8-Channel Low-Power Audio Codec for Portable Applications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TWL6041BYFFT Datasheet(HTML) 1 Page - Texas Instruments

  TWL6041BYFFT Datasheet HTML 1Page - Texas Instruments TWL6041BYFFT Datasheet HTML 2Page - Texas Instruments TWL6041BYFFT Datasheet HTML 3Page - Texas Instruments TWL6041BYFFT Datasheet HTML 4Page - Texas Instruments TWL6041BYFFT Datasheet HTML 5Page - Texas Instruments TWL6041BYFFT Datasheet HTML 6Page - Texas Instruments TWL6041BYFFT Datasheet HTML 7Page - Texas Instruments TWL6041BYFFT Datasheet HTML 8Page - Texas Instruments TWL6041BYFFT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TWL6041
SWCS058D – AUGUST 2010 – REVISED AUGUST 2014
TWL6041 8-Channel Low-Power Audio Codec for Portable Applications
1
Device Overview
1.1
Features
1
• Four Audio Digital-to-Analog Converter (DAC)
• Analog Low-Power Loop from Line-in to
Channels
Headphone and Speaker Outputs
• Stereo Capless Headphone Drivers
• Dual Phase-Locked Loops (PLLs) for Flexible
Clock Support:
– Up to 104-dB DR
– 32-kHz Sleep Clock Input for System Low-
– Power Tune for Performance and Power
Power Playback Mode
Consumption Tradeoff
– 12-, 19.2-, 26-, and 38.4-MHz System Clock
• Stereo 8
Ω, 1.5 W per Channel Speaker Drivers
Input
also with 4-
Ω Support Capability
• Accessory Plug and Unplug Detection, Accessory
• Differential Earpiece Driver
Button Press Detection
• Stereo Line-Out
• Integrated Power Supplies:
• Two Audio Analog-to-Digital Converter (ADC)
– Negative Charge Pump for Capless Headphone
Channels
Driver
– 96-dBA SNR
– Two Low Dropout Voltage Regulators (LDOs)
• Four Audio Inputs:
for High Power Supply Rejection Ration (PSRR)
– Three Differential Microphone Inputs
• I2C Control
– Stereo Line-In and FM Input
• Thermal Protection:
• Two Vibrator and Haptics Feedback Channels
– Host Interrupt
– Differential H-bridge Drivers
• Power Supplies:
• Two Low-Noise Analog Microphone Bias Outputs
– Analog: 2.1 V
• Two Digital Microphone Bias Outputs
– Digital I/O: 1.8 V
– Battery: 2.3 V–5.5 V
• Package 3.8-mm × 3.8-mm 81-Pin WCSP
1.2
Applications
Mobile and Smart Phones
Handheld Devices
MP3 Players
1.3
Description
The TWL6041 is an audio codec with a high level of integration providing analog audio codec functions for
portable applications, as shown in Figure 1-1. The device contains multiple audio analog inputs and
outputs, as well as microphone biases and accessory detection. The device is connected to the OMAP™
4 host processor through a proprietary PDM interface for audio data communication enabling partitioning
with optimized power consumption and performance. Multichannel audio data is multiplexed to a single
wire for downlink (PDML) and uplink (PDMUL).
The OMAP4 device provides the TWL6041 device with five PDM audio-input channels (DL0–DL4).
Channels DL0–DL3 are connected to four parallel DAC channels multiplexed to stereo headphone (HSL,
HSR), stereo speaker (HFL, HFR), and earpiece (EAR) or stereo line outputs (AUXL, AUXR).
The stereo headphone path has a low-power (LP) mode operating from a 32-kHz sleep clock to enable
more than 100 hours of MP3 playback time. Very-high dynamic range of 104 dBA is achieved when using
the system clock input and DAC path high-performance (HP) mode. Class-AB headphone drivers provide
a 1-Vrms output and are ground centered for capless connection to a headphone, thus enabling system
size and cost reduction. The earpiece driver is a differential class-AB driver with 2-Vrms capability to a
typical 32-
Ω load or 1.4-Vrms to a typical 16-Ω load.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TWL6041BYFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TWL6041BYFFT TI1-TWL6041BYFFT Datasheet
417Kb / 9P
[Old version datasheet]   8-CHANNEL HIGH_QUALITY LOW-POWER AUDIO CODEC
More results

Similar Description - TWL6041BYFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TWL6040 TI1-TWL6040_16 Datasheet
724Kb / 12P
[Old version datasheet]   TWL6040 8-Channel Low-Power Audio Codec for Portable Applications
TWL6040 TI1-TWL6040 Datasheet
533Kb / 37P
[Old version datasheet]   8-CHANNEL HIGH_QUALITY LOW-POWER AUDIO CODEC FOR PORTABLE APPLICATIONS
TWL6040 TI-TWL6040_V02 Datasheet
458Kb / 15P
[Old version datasheet]   TWL6040 8-Channel Low-Power Audio Codec for Portable Applications
REVISED AUGUST 2014
TWL6040 TI-TWL6040_V01 Datasheet
749Kb / 12P
[Old version datasheet]   TWL6040 8-Channel Low-Power Audio Codec for Portable Applications
REVISED AUGUST 2014
logo
Wolfson Microelectronic...
WM9711 WOLFSON-WM9711 Datasheet
645Kb / 66P
   LOW POWER AUDIO CODEC FOR PORTABLE APPLICATIONS
WM9711 WOLFSON-WM9711_06 Datasheet
607Kb / 65P
   Low Power Audio CODEC for Portable Applications
WM8903 WOLFSON-WM8903 Datasheet
1Mb / 178P
   Ultra Low Power CODEC for Portable Audio Applications
logo
Cirrus Logic
WM8904 CIRRUS-WM8904 Datasheet
3Mb / 184P
   Ultra Low-Power Codec for Portable Audio Applications
logo
Wolfson Microelectronic...
WM8904 WOLFSON-WM8904 Datasheet
1Mb / 188P
   Ultra Low Power CODEC for Portable Audio Applications
WM8973 WOLFSON-WM8973_05 Datasheet
754Kb / 61P
   Stereo CODEC for Portable Audio Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com