Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TWL6041BYFFT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TWL6041BYFFT
Description  8-Channel Low-Power Audio Codec for Portable Applications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TWL6041BYFFT Datasheet(HTML) 3 Page - Texas Instruments

  TWL6041BYFFT Datasheet HTML 1Page - Texas Instruments TWL6041BYFFT Datasheet HTML 2Page - Texas Instruments TWL6041BYFFT Datasheet HTML 3Page - Texas Instruments TWL6041BYFFT Datasheet HTML 4Page - Texas Instruments TWL6041BYFFT Datasheet HTML 5Page - Texas Instruments TWL6041BYFFT Datasheet HTML 6Page - Texas Instruments TWL6041BYFFT Datasheet HTML 7Page - Texas Instruments TWL6041BYFFT Datasheet HTML 8Page - Texas Instruments TWL6041BYFFT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SWCS056-001
ADCL
MMICP
MMICN
HMICP
HMICN
ADCR
SMICP
SMICN
AFMR
AFML
HSL
HSR
HFLP
HFLN
HFRP
HFRN
EARP
EARN
AUXLP
AUXLN
AUXRP
AUXRN
VIBLP
VIBLN
PDM
to
PCM
PCM
to
PWM
VIBRP
VIBRN
PDM
Interface
I
2
C
Registers
HS LDO
LS LDO
Negative
Charge
Pump
GNDHFR
VDDHFR
GNDHFL
VDDHFL
GNDHS
VSSHS
VDDHS
GNDVIB
PDMCLK
PDMCLKLB
PDMFRAME
PDMDN
PDMUP
HP PLL
LP PLL
VSSEARLDO
VDDULLDO
MCLK
CLK32K
Reference
Temp
Sense
REF
GNDREF
SDA
SCL
Accessory
Connector
Detection
HMBIAS
DMBIAS1
MBIAS
DMBIAS2
MMBIAS
DBIAS1
DBIAS2
UL0
UL1
DL0
DL1
DL2
DL3
DL4
0:30 dB
VDDREGNCP
CFLYP
NCPOUT
–52:6 dB
–52:6 dB
–30:0 dB
–24:6 dB
–30:0 dB
–18:24 dB
AAFL
AAFR
MicAmpL
MicAmpR
LineInAmpR
LineInAmpL
EarDrv
HSLDrv
HSRDrv
HFLDrv
HFRDrv
VIBLDrv
VIBRDrv
PGAL
PGAR
HFDACL
HFDACR
HSDACR
HSDACL
HBIAS
Osc
UpLink
DownLink
Clock System
Power
Interface
CFLYN
GNDNCP
VSSPLL
VDDDLPLL
VSSUL
VDDMBIAS
VSSDL
LB0
LB1
GNDMIC
ACCONN
VDDVIB
GNDLDO
VDDV2V1
PBKG
GPO
VDDVIO
PCM
to
PWM
1
1
1
1
1
1
1
1
1
8
8
8
8
8
8
1
1
PLUGDET
0:30 dB
REFP
REFN
GNDDIGIO
VDDEAR
VDDRF
TWL6041
www.ti.com
SWCS058D – AUGUST 2010 – REVISED AUGUST 2014
1.4
Functional Block Diagram
Figure 1-1 shows a simplified block diagram of the device.
Figure 1-1. Simplified Block Diagram
Copyright © 2010–2014, Texas Instruments Incorporated
Device Overview
3
Submit Documentation Feedback
Product Folder Links: TWL6041


Similar Part No. - TWL6041BYFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TWL6041BYFFT TI1-TWL6041BYFFT Datasheet
417Kb / 9P
[Old version datasheet]   8-CHANNEL HIGH_QUALITY LOW-POWER AUDIO CODEC
More results

Similar Description - TWL6041BYFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TWL6040 TI1-TWL6040_16 Datasheet
724Kb / 12P
[Old version datasheet]   TWL6040 8-Channel Low-Power Audio Codec for Portable Applications
TWL6040 TI1-TWL6040 Datasheet
533Kb / 37P
[Old version datasheet]   8-CHANNEL HIGH_QUALITY LOW-POWER AUDIO CODEC FOR PORTABLE APPLICATIONS
TWL6040 TI-TWL6040_V02 Datasheet
458Kb / 15P
[Old version datasheet]   TWL6040 8-Channel Low-Power Audio Codec for Portable Applications
REVISED AUGUST 2014
TWL6040 TI-TWL6040_V01 Datasheet
749Kb / 12P
[Old version datasheet]   TWL6040 8-Channel Low-Power Audio Codec for Portable Applications
REVISED AUGUST 2014
logo
Wolfson Microelectronic...
WM9711 WOLFSON-WM9711 Datasheet
645Kb / 66P
   LOW POWER AUDIO CODEC FOR PORTABLE APPLICATIONS
WM9711 WOLFSON-WM9711_06 Datasheet
607Kb / 65P
   Low Power Audio CODEC for Portable Applications
WM8903 WOLFSON-WM8903 Datasheet
1Mb / 178P
   Ultra Low Power CODEC for Portable Audio Applications
logo
Cirrus Logic
WM8904 CIRRUS-WM8904 Datasheet
3Mb / 184P
   Ultra Low-Power Codec for Portable Audio Applications
logo
Wolfson Microelectronic...
WM8904 WOLFSON-WM8904 Datasheet
1Mb / 188P
   Ultra Low Power CODEC for Portable Audio Applications
WM8973 WOLFSON-WM8973_05 Datasheet
754Kb / 61P
   Stereo CODEC for Portable Audio Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com