Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA6166A2YFFT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPA6166A2YFFT
Description  3.5-mm Jack Detect and Headset Interface IC
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6166A2YFFT Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPA6166A2YFFT Datasheet HTML 5Page - Texas Instruments TPA6166A2YFFT Datasheet HTML 6Page - Texas Instruments TPA6166A2YFFT Datasheet HTML 7Page - Texas Instruments TPA6166A2YFFT Datasheet HTML 8Page - Texas Instruments TPA6166A2YFFT Datasheet HTML 9Page - Texas Instruments TPA6166A2YFFT Datasheet HTML 10Page - Texas Instruments TPA6166A2YFFT Datasheet HTML 11Page - Texas Instruments TPA6166A2YFFT Datasheet HTML 12Page - Texas Instruments TPA6166A2YFFT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
f − Frequency − Hz
20
100
1k
10k
20k
0
20
40
60
80
100
PO − Output Power per Channel− mW
0.001
0.01
0.1
1
10
50
1
10
100
200
Both Channels On − In phase
f − Frequency − Hz
20
100
1k
10k
20k
0.001
0.01
0.1
1
10
PO = 100 uW per Channel
PO = 10 mW per Channel
RL − Load Resistance − W
10
100
1000
10000
0.1
1
10
40
Both Channels On − In phase
PO − Output Power per Channel − mW
0.1
1
10
50
0.01
0.1
1
10
In Phase
Out of Phase
PO − Output Power per Channel − mW
0.1
1
10
50
0.01
0.1
1
10
In Phase
Out of Phase
TPA6166A2
www.ti.com
SLAS997B – MARCH 2014 – REVISED JANUARY 2015
6.9 Typical Characteristics
VDD = 1.8 V, MICVDD = 3.0 V, AV = 0 dB, CIN = 0.47 µF, CFLY = 1.0 μF, CCPVDD = CCPVSS = 1.0 μF, RHP = 32 Ω, outputs in
phase, TA = 25°C (unless otherwise noted).
VDD = 1.8 V
RL = 16 Ω
Gain = 0 dB
VDD = 1.8 V
RL = 32 Ω
Gain = 0 dB
f - 1 kHz
f - 1 kHz
Figure 3. Headphone Total Harmonic Distortion + Noise vs
Figure 4. Headphone Total Harmonic Distortion + Noise vs
Output Power
Output Power
VDD = 1.8 V
RL = 16 Ω
Gain = 0 dB
VDD = 1.8 V
f = 1 kHz
Gain = 0 dB
THD+N = 1%
Figure 5. Headphone Total Harmonic Distortion + Noise vs
Figure 6. Headphone Output Power vs Load Resistance
Frequency
VDD = 1.8 V
RL = 16 Ω
Gain = 0 dB
VDD = 1.8 V
RL = 16 Ω
Gain = 0 dB
f = 1kHz
THRH = 0
Figure 7. Headphone Psrr vs Frequency
Figure 8. Headphone Supply Current vs Total Output Power
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPA6166A2


Similar Part No. - TPA6166A2YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6166A2 TI-TPA6166A2_15 Datasheet
1Mb / 49P
[Old version datasheet]   TPA6166A2 3.5-mm Jack Detect and Headset Interface IC
More results

Similar Description - TPA6166A2YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6166A2 TI-TPA6166A2_15 Datasheet
1Mb / 49P
[Old version datasheet]   TPA6166A2 3.5-mm Jack Detect and Headset Interface IC
logo
ON Semiconductor
NCS2302 ONSEMI-NCS2302 Datasheet
81Kb / 8P
   Headset Detection Interface Interface
June, 2014 ??Rev. 3
NCS2300 ONSEMI-NCS2300 Datasheet
401Kb / 7P
   Headset Detection Interface Interface
June, 2014 ??Rev. 5
logo
CUI INC
SJ1-43502PM CUI-SJ1-43502PM Datasheet
285Kb / 3P
   3.5 MM AUDIO JACK
SJ-3598 CUI-SJ-3598 Datasheet
147Kb / 3P
   3.5 MM AUDIO JACK
SJ-435107 CUI-SJ-435107 Datasheet
280Kb / 3P
   3.5 MM AUDIO JACK
SJ-43514 CUI-SJ-43514 Datasheet
158Kb / 3P
   3.5 MM AUDIO JACK
SR-3501 CUI-SR-3501 Datasheet
269Kb / 3P
   3.5 MM AUDIO JACK
MR-3501 CUI-MR-3501 Datasheet
262Kb / 3P
   3.5 MM AUDIO JACK
SJ-4351X CUI-SJ-4351X Datasheet
162Kb / 3P
   3.5 MM AUDIO JACK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com