Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA6120A2RGYT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPA6120A2RGYT
Description  High Fidelity Headphone Amplifier
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6120A2RGYT Datasheet(HTML) 4 Page - Texas Instruments

  TPA6120A2RGYT Datasheet HTML 1Page - Texas Instruments TPA6120A2RGYT Datasheet HTML 2Page - Texas Instruments TPA6120A2RGYT Datasheet HTML 3Page - Texas Instruments TPA6120A2RGYT Datasheet HTML 4Page - Texas Instruments TPA6120A2RGYT Datasheet HTML 5Page - Texas Instruments TPA6120A2RGYT Datasheet HTML 6Page - Texas Instruments TPA6120A2RGYT Datasheet HTML 7Page - Texas Instruments TPA6120A2RGYT Datasheet HTML 8Page - Texas Instruments TPA6120A2RGYT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
TPA6120A2
SLOS431B – MARCH 2004 – REVISED FEBRUARY 2015
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage, xVCC+ to xVCC- Where x=L or R channel
9
33
V
Input voltage, VI
(2)
± VCC
Differential input voltage, VID
6
V
Minimum load impedance
8
Ω
Continuous total power dissipation
See Thermal Information
Operating free–air temperature range, TA
–40
85
°C
Operating junction temperature range, TJ
(3)
–40
150
°C
Storage Temperature, Tstg
–40
125
°C
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
(2)
When the TPA6120A2 is powered down, the input source voltage must be kept below 600mV peak.
(3)
The TPA6120A2 incorporates an exposed PowerPAD on the underside of the chip. This acts as a heatsink and must be connected to a
thermally dissipating plane for proper power dissipation. Failure to do so may result in exceeding the maximum junction temperature that
could permanently damage the device. See TI Technical Brief SLMA002 for more information about utilizing the PowerPAD thermally
enhanced package.
7.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS- For Pins: LVCC+, RVCC+,
±500
001(1)
LVCC-, RVCC
Electrostatic
For all pins except:
±2000
V(ESD)
Human body model (HBM), per ANSI/ESDA/JEDEC JS-
V
Discharge
LVCC+, RVCC+, LVCC-,
001, all other pins
RVCC
Charged device model (CDM), per JEDEC specification JESD22-C101
±1500
(1)
Level listed above is the passing level per ANSI, ESDA, and JEDEC JS-001. JEDEC document JEP155 states that 500V HBM allows
safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
Split Supply
±5
±15
Supply voltage, VCC+ and VCC-
V
Single Supply
10
30
Load impedance
VCC = ±5V or ±15V
16
Operating free–air temperature, TA
–40
85
°C
7.4 Thermal Information
TPA6120A2
TPA6120A2
THERMAL METRIC(1)
DWP [HSOP]
RGY [VQFN]
UNIT
20 PINS
14 PINS
RθJA
Junction-to-ambient thermal resistance
44.5
49.4
RθJCtop
Junction-to-case (top) thermal resistance
55.2
62.0
RθJB
Junction-to-board thermal resistance
36.1
25.4
°C/W
ψJT
Junction-to-top characterization parameter
23.1
1.6
ψJB
Junction-to-board characterization parameter
36.2
25.5
RθJCbot
Junction-to-case (bottom) thermal resistance
7.6
6.2
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: TPA6120A2


Similar Part No. - TPA6120A2RGYT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6120A2 TI-TPA6120A2 Datasheet
527Kb / 24P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2 TI-TPA6120A2 Datasheet
731Kb / 26P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2DWP TI-TPA6120A2DWP Datasheet
527Kb / 24P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2DWP TI-TPA6120A2DWP Datasheet
607Kb / 24P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2DWP TI-TPA6120A2DWP Datasheet
731Kb / 26P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
More results

Similar Description - TPA6120A2RGYT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6120A2 TI-TPA6120A2_08 Datasheet
731Kb / 26P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2 TI-TPA6120A2_07 Datasheet
607Kb / 24P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2 TI-TPA6120A2 Datasheet
527Kb / 24P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2 TI-TPA6120A2_15 Datasheet
2Mb / 31P
[Old version datasheet]   TPA6120A2 High Fidelity Headphone Amplifier
LME49600 TI1-LME49600 Datasheet
439Kb / 21P
[Old version datasheet]   High-Performance, High-Fidelity, High-Current Headphone Buffer
logo
National Semiconductor ...
LME49723 NSC-LME49723 Datasheet
640Kb / 24P
   Dual High Fidelity Audio Operational Amplifier
LME49710 NSC-LME49710_07 Datasheet
815Kb / 28P
   High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49710 TI1-LME49710 Datasheet
1Mb / 34P
[Old version datasheet]   High-Performance, High-Fidelity Audio Operational Amplifier
LME49723 TI1-LME49723 Datasheet
1Mb / 26P
[Old version datasheet]   Dual High Fidelity Audio Operational Amplifier
LME49710 TI1-LME49710_14 Datasheet
1Mb / 33P
[Old version datasheet]   High Performance, High Fidelity Audio Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com