Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA6138A2PW Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPA6138A2PW
Description  DirectPath Headphone Driver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6138A2PW Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPA6138A2PW Datasheet HTML 7Page - Texas Instruments TPA6138A2PW Datasheet HTML 8Page - Texas Instruments TPA6138A2PW Datasheet HTML 9Page - Texas Instruments TPA6138A2PW Datasheet HTML 10Page - Texas Instruments TPA6138A2PW Datasheet HTML 11Page - Texas Instruments TPA6138A2PW Datasheet HTML 12Page - Texas Instruments TPA6138A2PW Datasheet HTML 13Page - Texas Instruments TPA6138A2PW Datasheet HTML 14Page - Texas Instruments TPA6138A2PW Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
cIN
IN
IN
IN
cIN
IN
1
1
f
=
C
=
2 R
C
2 f
R
or
p
p
TPA6138A2
www.ti.com
SLOS704B – JANUARY 2011 – REVISED AUGUST 2015
10 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
10.1 Application Information
The TPA6138A2 starts its operation by asserting the MUTE pin to logic 1. The device enters in mute mode when
pulling low MUTE pin. The charge pump generates a negative supply voltage. The charge pump flying capacitor
connected between CP and CN transfers charge to generate the negative supply voltage. The output voltages
are capable of positive and negative voltage swings and are centered close to 0 V, eliminating the need for
output capacitors. Input coupling capacitors block any dc bias from the audio source and ensure maximum
dynamic range. The device has built-in pop suppression circuitry to completely eliminate pop noise during turn-
on, turn-off and enter or exit shutdown mode.
10.1.1 Gain-Setting Resistor Ranges
The gain-setting resistors, RIN and Rfb, must be chosen so that noise, stability, and input capacitor size of the
TPA6138A2 are kept within acceptable limits. Voltage gain is defined as Rfb divided by RIN.
Selecting values that are too low demands a large input ac-coupling capacitor, CIN. Selecting values that are too
high increases the noise of the amplifier. Table 1 lists the recommended resistor values for different inverting-
input gain settings.
Table 1. Recommended Resistor Values
INPUT RESISTOR VALUE, RIN
FEEDBACK RESISTOR VALUE,
GAIN
Rfb
–1 V/V
10 k
10 k
–1.5 V/V
8.2 k
12 k
–2 V/V
15 k
30 k
–10 V/V
4.7 k
47 k
10.1.2 Input-Blocking Capacitors
DC input-blocking capacitors are required to be added in series with the audio signal into the input pins of the
TPA6138A2. These capacitors block the dc portion of the audio source and allow the TPA6138A2 inputs to be
properly biased to provide maximum performance.
These capacitors form a high-pass filter with the input resistor, RIN. The cutoff frequency is calculated using
Equation 5. For this calculation, the capacitance used is the input-blocking capacitor and the resistance is the
input resistor chosen from Table 1; then the frequency and/or capacitance can be determined when one of the
two values is given.
It is recommended to use electrolytic capacitors or high-voltage-rated capacitors as input blocking capacitors to
ensure minimal variation in capacitance with input voltages. Such variation in capacitance with input voltages is
commonly seen in ceramic capacitors and can increase low-frequency audio distortion.
(5)
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPA6138A2


Similar Part No. - TPA6138A2PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6138A2PW TI-TPA6138A2PW Datasheet
3Mb / 16P
[Old version datasheet]   evaluation of the features of the TAS5548 PWM digital audio processor.
TPA6138A2PW TI1-TPA6138A2PW Datasheet
918Kb / 22P
[Old version datasheet]   DirectPath Headphone Driver With Adjustable Gain
TPA6138A2PWR TI1-TPA6138A2PWR Datasheet
588Kb / 18P
[Old version datasheet]   DirectPath??Headphone Driver With Adjustable Gain
TPA6138A2PWR TI1-TPA6138A2PWR Datasheet
918Kb / 22P
[Old version datasheet]   DirectPath Headphone Driver With Adjustable Gain
More results

Similar Description - TPA6138A2PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6138A2 TI1-TPA6138A2_17 Datasheet
918Kb / 22P
[Old version datasheet]   DirectPath Headphone Driver With Adjustable Gain
TPA4411 TI-TPA4411_07 Datasheet
1Mb / 33P
[Old version datasheet]   80-mW DIRECTPATH STEREO HEADPHONE DRIVER
logo
TEXAS ADVANCED OPTOELEC...
TPA4411 TAOS-TPA4411 Datasheet
1Mb / 30P
   80-mW DIRECTPATH??STEREO HEADPHONE DRIVER
logo
Texas Instruments
TPA6138A2PWR TI1-TPA6138A2PWR Datasheet
588Kb / 18P
[Old version datasheet]   DirectPath??Headphone Driver With Adjustable Gain
TPA6138A2 TI-TPA6138A2_15 Datasheet
654Kb / 22P
[Old version datasheet]   TPA6138A2 DirectPath??Headphone Driver With Adjustable Gain
TPA6135A2 TI-TPA6135A2 Datasheet
1,015Kb / 22P
[Old version datasheet]   DIRECTPATH??Stereo Headphone Amplifier
TPA6141A2YFFR TI1-TPA6141A2YFFR Datasheet
970Kb / 23P
[Old version datasheet]   CLASS-G DIRECTPATH STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2 Datasheet
1Mb / 18P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER
TPA6141A2 TI-TPA6141A2 Datasheet
448Kb / 18P
[Old version datasheet]   CLASS-G DIRECTPATH??STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_14 Datasheet
1Mb / 19P
[Old version datasheet]   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com