Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA6130A2RTJRG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPA6130A2RTJRG4
Description  Stereo Headphone Amplifier
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6130A2RTJRG4 Datasheet(HTML) 1 Page - Texas Instruments

  TPA6130A2RTJRG4 Datasheet HTML 1Page - Texas Instruments TPA6130A2RTJRG4 Datasheet HTML 2Page - Texas Instruments TPA6130A2RTJRG4 Datasheet HTML 3Page - Texas Instruments TPA6130A2RTJRG4 Datasheet HTML 4Page - Texas Instruments TPA6130A2RTJRG4 Datasheet HTML 5Page - Texas Instruments TPA6130A2RTJRG4 Datasheet HTML 6Page - Texas Instruments TPA6130A2RTJRG4 Datasheet HTML 7Page - Texas Instruments TPA6130A2RTJRG4 Datasheet HTML 8Page - Texas Instruments TPA6130A2RTJRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
RIGHTINP
RIGHTINM
LEFTINP
LEFTINM
CPP CPN
CPVSS
VDD
VDD
HPLEFT
HPRIGHT
SDA
SCL
SD
GND
GND
GPIO
I C
2
AudioSource
LeftOutM
LeftOutP
RightOutM
RightOutP
TPA6130A2
1 F
m
0.47 F
m
0.47 F
m
0.47 F
m
1 F
m
0.47 F
m
1 F
m
1 F
m
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPA6130A2
SLOS488F – NOVEMBER 2006 – REVISED MARCH 2015
TPA6130A2 138-mW DIRECTPATH™ Stereo Headphone Amplifier with I2C Volume Control
1 Features
3 Description
The TPA6130A2 is a stereo DirectPath™ headphone
1
DirectPath™ Ground-Referenced Outputs
amplifier
with
I2C
digital
volume
control.
The
Eliminates Output DC Blocking Capacitors
TPA6130A2
has
minimal
quiescent
current
Reduces Board Area
consumption, with a typical IDD of 4 mA, making it
optimal for portable applications. The I2C control
Reduces Component Height and Cost
allows maximum flexibility with a 64 step audio taper
Full Bass Response Without Attenuation
volume control, channel independent enables and
Power Supply Voltage Range: 2.5 V to 5.5 V
mutes, and the ability to configure the outputs into
stereo, dual mono, or a single receiver speaker BTL
64 Step Audio Taper Volume Control
amplifier that drives 300 mW of power into 16
High Power Supply Rejection Ratio
loads.
(>100 dB PSRR)
The TPA6130A2 is a high fidelity amplifier with an
Differential Inputs for Maximum Noise Rejection
SNR of 98 dB. A PSRR greater than 100 dB enables
(68 dB CMRR)
direct-to-battery connections without compromising
High-Impedance Outputs When Disabled
the listening experience. The output noise of 9
μVrms
Advanced Pop and Click Suppression Circuitry
(typical
A-weighted)
provides
a
minimal
noise
background during periods of silence. Configurable
Digital I2C Bus Control
differential inputs and high CMRR allow for maximum
Per Channel Mute and Enable
noise rejection in the noisy environment of a mobile
Software Shutdown
device.
Multi-Mode Support: Stereo HP, Dual Mono
TPA6130A2 packaging includes a 2 by 2 mm chip-
HP, and Single-Channel BTL Operation
scale package, and a 4 by 4 mm QFN package.
Amplifier Status
Device Information(1)
Space Saving Packages
PART NUMBER
PACKAGE
BODY SIZE (NOM)
20 Pin, 4 mm x 4 mm QFN
WQFN (20)
4.00mm x 4.00mm
16 ball, 2 mm x 2 mm DSBGA
TPA6130A2
DSBGA (16)
2.00mm x 2.00mm
ESD Protection of 8 kV HBM and IEC Contact
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
2 Applications
Mobile Phones
Portable Media Players
Notebook Computers
High Fidelity Applications
4 Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPA6130A2RTJRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6130A2RTJRG4 TI-TPA6130A2RTJRG4 Datasheet
1Mb / 29P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2RTJRG4 TI1-TPA6130A2RTJRG4 Datasheet
1Mb / 39P
[Old version datasheet]   138-mW DIRECTPATH Stereo Headphone Amplifier with I2C Volume Control
More results

Similar Description - TPA6130A2RTJRG4

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4809M SANYO-LA4809M Datasheet
255Kb / 15P
   Stereo Headphone Amplifier
logo
Ceramate Technical
CO8301 CERAMATE-CO8301 Datasheet
122Kb / 9P
   Stereo Headphone Amplifier
logo
Maxim Integrated Produc...
MAX9729 MAXIM-MAX9729_V01 Datasheet
2Mb / 27P
   Stereo Headphone Amplifier with BassMax, Stereo Headphone Amplifier with BassMax,
19-0857; Rev 1; 5/14
logo
Eutech Microelectronics...
EUA6211 EUTECH-EUA6211 Datasheet
821Kb / 1P
   Advanced Stereo Headphone Amplifier
logo
Sanyo Semicon Device
LA4802T SANYO-LA4802T Datasheet
87Kb / 10P
   Headphone Stereo Power Amplifier
logo
Texas Instruments
TPA6135A2 TI-TPA6135A2 Datasheet
1,015Kb / 22P
[Old version datasheet]   DIRECTPATH??Stereo Headphone Amplifier
logo
Global Mixed-mode Techn...
G1402 GMT-G1402 Datasheet
259Kb / 8P
   Stereo Headphone Power Amplifier
logo
Toshiba Semiconductor
TA2123AF TOSHIBA-TA2123AF Datasheet
427Kb / 20P
   1.5V Stereo Headphone Amplifier
logo
Global Mixed-mode Techn...
G1401 GMT-G1401 Datasheet
211Kb / 6P
   Stereo Headphone Power Amplifier
logo
Sanyo Semicon Device
LA4801V SANYO-LA4801V Datasheet
102Kb / 10P
   Headphone Stereo Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com