Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA6130A2 Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # TPA6130A2
Description  Stereo Headphone Amplifier
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6130A2 Datasheet(HTML) 38 Page - Texas Instruments

Back Button TPA6130A2 Datasheet HTML 31Page - Texas Instruments TPA6130A2 Datasheet HTML 32Page - Texas Instruments TPA6130A2 Datasheet HTML 33Page - Texas Instruments TPA6130A2 Datasheet HTML 34Page - Texas Instruments TPA6130A2 Datasheet HTML 35Page - Texas Instruments TPA6130A2 Datasheet HTML 36Page - Texas Instruments TPA6130A2 Datasheet HTML 37Page - Texas Instruments TPA6130A2 Datasheet HTML 38Page - Texas Instruments TPA6130A2 Datasheet HTML 39Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 38 / 39 page
background image
D: Max =
E: Max =
1.968 mm, Min =
1.968 mm, Min =
1.908 mm
1.908 mm


Similar Part No. - TPA6130A2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6130A2 TI-TPA6130A2 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2 TI-TPA6130A2 Datasheet
1Mb / 29P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
TEXAS ADVANCED OPTOELEC...
TPA6130A2 TAOS-TPA6130A2 Datasheet
1Mb / 28P
   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
Texas Instruments
TPA6130A2 TI1-TPA6130A2 Datasheet
1Mb / 39P
[Old version datasheet]   138-mW DIRECTPATH Stereo Headphone Amplifier with I2C Volume Control
TPA6130A2RTJ TI-TPA6130A2RTJ Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
More results

Similar Description - TPA6130A2

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4809M SANYO-LA4809M Datasheet
255Kb / 15P
   Stereo Headphone Amplifier
logo
Ceramate Technical
CO8301 CERAMATE-CO8301 Datasheet
122Kb / 9P
   Stereo Headphone Amplifier
logo
Maxim Integrated Produc...
MAX9729 MAXIM-MAX9729_V01 Datasheet
2Mb / 27P
   Stereo Headphone Amplifier with BassMax, Stereo Headphone Amplifier with BassMax,
19-0857; Rev 1; 5/14
logo
Eutech Microelectronics...
EUA6211 EUTECH-EUA6211 Datasheet
821Kb / 1P
   Advanced Stereo Headphone Amplifier
logo
Sanyo Semicon Device
LA4802T SANYO-LA4802T Datasheet
87Kb / 10P
   Headphone Stereo Power Amplifier
logo
Texas Instruments
TPA6135A2 TI-TPA6135A2 Datasheet
1,015Kb / 22P
[Old version datasheet]   DIRECTPATH??Stereo Headphone Amplifier
logo
Global Mixed-mode Techn...
G1402 GMT-G1402 Datasheet
259Kb / 8P
   Stereo Headphone Power Amplifier
logo
Toshiba Semiconductor
TA2123AF TOSHIBA-TA2123AF Datasheet
427Kb / 20P
   1.5V Stereo Headphone Amplifier
logo
Global Mixed-mode Techn...
G1401 GMT-G1401 Datasheet
211Kb / 6P
   Stereo Headphone Power Amplifier
logo
Sanyo Semicon Device
LA4801V SANYO-LA4801V Datasheet
102Kb / 10P
   Headphone Stereo Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com