Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA6130A2 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TPA6130A2
Description  Stereo Headphone Amplifier
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6130A2 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TPA6130A2 Datasheet HTML 25Page - Texas Instruments TPA6130A2 Datasheet HTML 26Page - Texas Instruments TPA6130A2 Datasheet HTML 27Page - Texas Instruments TPA6130A2 Datasheet HTML 28Page - Texas Instruments TPA6130A2 Datasheet HTML 29Page - Texas Instruments TPA6130A2 Datasheet HTML 30Page - Texas Instruments TPA6130A2 Datasheet HTML 31Page - Texas Instruments TPA6130A2 Datasheet HTML 32Page - Texas Instruments TPA6130A2 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
20
1
19
18
17
16
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Audio
Source
0.47uf
0.47uf
0.47uf
0.47uf
1uf
1uf
1uf
VDD
1uf
VDD
Top Layer Ground Pour and PowerPad
Top Layer Signal Traces
Via to bottom Ground Plane
It is recommended to place a top layer ground pour for
shielding around TPA6130A2 and connect to lower main
PCB ground plane by multiple vias
Pad to top layer ground pour
Place decoupling caps as close to
TPA6120A2 pins as possible
Keep vias to ground plane away
from top layer ground pads to
distribute inductances
TPA6130A2
HPLEFT
HPRIGHT
Minimize charge pump cap series resistance.
Keep close to pins with zero vias.
TPA6130A2
www.ti.com
SLOS488F – NOVEMBER 2006 – REVISED MARCH 2015
Layout Example (continued)
Figure 49. RTJ (WQFN) Package
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: TPA6130A2


Similar Part No. - TPA6130A2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6130A2 TI-TPA6130A2 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2 TI-TPA6130A2 Datasheet
1Mb / 29P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
TEXAS ADVANCED OPTOELEC...
TPA6130A2 TAOS-TPA6130A2 Datasheet
1Mb / 28P
   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
Texas Instruments
TPA6130A2 TI1-TPA6130A2 Datasheet
1Mb / 39P
[Old version datasheet]   138-mW DIRECTPATH Stereo Headphone Amplifier with I2C Volume Control
TPA6130A2RTJ TI-TPA6130A2RTJ Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
More results

Similar Description - TPA6130A2

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4809M SANYO-LA4809M Datasheet
255Kb / 15P
   Stereo Headphone Amplifier
logo
Ceramate Technical
CO8301 CERAMATE-CO8301 Datasheet
122Kb / 9P
   Stereo Headphone Amplifier
logo
Maxim Integrated Produc...
MAX9729 MAXIM-MAX9729_V01 Datasheet
2Mb / 27P
   Stereo Headphone Amplifier with BassMax, Stereo Headphone Amplifier with BassMax,
19-0857; Rev 1; 5/14
logo
Eutech Microelectronics...
EUA6211 EUTECH-EUA6211 Datasheet
821Kb / 1P
   Advanced Stereo Headphone Amplifier
logo
Sanyo Semicon Device
LA4802T SANYO-LA4802T Datasheet
87Kb / 10P
   Headphone Stereo Power Amplifier
logo
Texas Instruments
TPA6135A2 TI-TPA6135A2 Datasheet
1,015Kb / 22P
[Old version datasheet]   DIRECTPATH??Stereo Headphone Amplifier
logo
Global Mixed-mode Techn...
G1402 GMT-G1402 Datasheet
259Kb / 8P
   Stereo Headphone Power Amplifier
logo
Toshiba Semiconductor
TA2123AF TOSHIBA-TA2123AF Datasheet
427Kb / 20P
   1.5V Stereo Headphone Amplifier
logo
Global Mixed-mode Techn...
G1401 GMT-G1401 Datasheet
211Kb / 6P
   Stereo Headphone Power Amplifier
logo
Sanyo Semicon Device
LA4801V SANYO-LA4801V Datasheet
102Kb / 10P
   Headphone Stereo Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com