Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLVH431AILP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLVH431AILP
Description  Low-Voltage Adjustable Precision Shunt Regulators
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLVH431AILP Datasheet(HTML) 1 Page - Texas Instruments

  TLVH431AILP Datasheet HTML 1Page - Texas Instruments TLVH431AILP Datasheet HTML 2Page - Texas Instruments TLVH431AILP Datasheet HTML 3Page - Texas Instruments TLVH431AILP Datasheet HTML 4Page - Texas Instruments TLVH431AILP Datasheet HTML 5Page - Texas Instruments TLVH431AILP Datasheet HTML 6Page - Texas Instruments TLVH431AILP Datasheet HTML 7Page - Texas Instruments TLVH431AILP Datasheet HTML 8Page - Texas Instruments TLVH431AILP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
VREF
Input
V
I
O
K
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TLVH431, TLVH431A, TLVH431B
TLVH432, TLVH432A, TLVH432B
SLVS555J – NOVEMBER 2004 – REVISED JANUARY 2015
TLVH43xx Low-Voltage Adjustable Precision Shunt Regulators
1 Features
3 Description
The TLVH431 and TLVH432 devices are low-voltage
1
Low-Voltage Operation: Down to 1.24 V
3-terminal
adjustable
voltage
references,
with
Reference Voltage Tolerances at 25°C
specified thermal stability over applicable industrial
0.5% for B Grade
and commercial temperature ranges. Output voltage
can be set to any value between VREF (1.24 V) and
1% for A Grade
18 V with two external resistors (see Figure 19).
1.5% for Standard Grade
These devices operate from a lower voltage (1.24 V)
Adjustable Output Voltage, VO = VREF to 18 V
than the widely used TL431 and TL1431 shunt-
regulator references.
Wide Operating Cathode Current Range:
100
μA to 70 mA
When used with an optocoupler, the TLVH431 and
0.25-
Ω Typical Output Impedance
TLVH432 devices are ideal voltage references in
isolated feedback circuits for 3-V to 3.3-V switching-
–40°C to 125°C Specifications
mode power supplies. They have a typical output
TLVH432 Provides Alternative Pinouts for
impedance of 0.25
Ω. Active output circuitry provides
SOT-23-3 and SOT-89 Packages
a very sharp turn-on characteristic, making the
Ultra-Small SC-70 Package Offers 40%
TLVH431
and
TLVH432
devices
excellent
Smaller Footprint than SOT-23-3
replacements for low-voltage Zener diodes in many
applications,
including
on-board
regulation
and
adjustable power supplies.
2 Applications
The TLVH432 device is identical to the TLVH431
Adjustable Voltage and Current Referencing
device, but is offered with different pinouts for the
Secondary Side Regulation in Flyback SMPSs
SOT-23-3 and SOT-89 packages.
Zener Replacement
Voltage Monitoring
Device Information(1)
PART NUMBER
PACKAGE (PIN)
BODY SIZE (NOM)
Comparator with Integrated Reference
SOT-23 (5)
2.90 mm × 1.60 mm
SOT-23 (3)
2.92 mm × 1.30 mm
TLVH43xx
SC70 (6)
2.00 mm × 1.25 mm
TO-92 (3)
4.30 mm × 4.30 mm
SOT-89 (3)
4.50 mm × 2.50 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
4 Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TLVH431AILP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLVH431AILP TI-TLVH431AILP Datasheet
570Kb / 37P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLVH431AILP TI-TLVH431AILP Datasheet
673Kb / 38P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLVH431AILP TI1-TLVH431AILP Datasheet
1Mb / 53P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLVH431AILPE3 TI-TLVH431AILPE3 Datasheet
570Kb / 37P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLVH431AILPE3 TI-TLVH431AILPE3 Datasheet
673Kb / 38P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
More results

Similar Description - TLVH431AILP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLVH431AIDBVRG4 TI1-TLVH431AIDBVRG4 Datasheet
1Mb / 53P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Microsemi Corporation
LX432 MICROSEMI-LX432 Datasheet
155Kb / 8P
   LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Texas Instruments
TLVH431A-Q1 TI1-TLVH431A-Q1 Datasheet
658Kb / 25P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLV431 TI-TLV431_06 Datasheet
787Kb / 31P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLV431 TI-TLV431 Datasheet
232Kb / 34P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLV431A-Q1 TI1-TLV431A-Q1 Datasheet
489Kb / 21P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
SYNC POWER Crop.
SP432 SYNC-POWER-SP432_13 Datasheet
394Kb / 15P
   Low Voltage Adjustable Precision Shunt Regulators
logo
Linear Dimensions Semic...
LND431 LINEAR_DIMENSIONS-LND431 Datasheet
128Kb / 6P
   Low-voltage Adjustable Precision Shunt Regulators
logo
Texas Instruments
TLVH431A-Q1 TI1-TLVH431A-Q1_15 Datasheet
1,003Kb / 25P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
SYNC POWER Crop.
SP432 SYNC-POWER-SP432 Datasheet
347Kb / 14P
   Low Voltage Adjustable Precision Shunt Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com