Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3118D2QDAPRQ1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3118D2QDAPRQ1
Description  100-W and 50-W Class-D Stereo Automotive Amplifiers
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3118D2QDAPRQ1 Datasheet(HTML) 5 Page - Texas Instruments

  TPA3118D2QDAPRQ1 Datasheet HTML 1Page - Texas Instruments TPA3118D2QDAPRQ1 Datasheet HTML 2Page - Texas Instruments TPA3118D2QDAPRQ1 Datasheet HTML 3Page - Texas Instruments TPA3118D2QDAPRQ1 Datasheet HTML 4Page - Texas Instruments TPA3118D2QDAPRQ1 Datasheet HTML 5Page - Texas Instruments TPA3118D2QDAPRQ1 Datasheet HTML 6Page - Texas Instruments TPA3118D2QDAPRQ1 Datasheet HTML 7Page - Texas Instruments TPA3118D2QDAPRQ1 Datasheet HTML 8Page - Texas Instruments TPA3118D2QDAPRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
TPA3116D2-Q1, TPA3118D2-Q1
www.ti.com
SLOS862A – JULY 2015 – REVISED AUGUST 2015
6 Specifications
6.1 Absolute Maximum Ratings
over operating ambient temperature range (unless otherwise noted)
(1)
VALUE
UNIT
Supply voltage, VCC
PVCC, AVCC
–0.3 to 30
V
INPL, INNL, INPR, INNR
–0.3 to 6.3
V
Input voltage, VI
PLIMIT, GAIN/SLV, SYNC
–0.3 to GVDD + 0.3
V
AM0, AM1, AM2, MUTE, SD, MODSEL
–0.3 to PVCC + 0.3
V
Slew rate, maximum(2)
AM0, AM1, AM2, MUTE, SD, MODSEL
10
V/ms
Operating ambient temperature, TA
–40 to 125
°C
Operating junction temperature range, TJ
–40 to 150
°C
Storage temperature range, Tstg
–40 to 125
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
100-k
Ω series resistor is needed if maximum slew rate is exceeded.
6.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per AEC Q100-002(1)
±2000
All pins
±450
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per AEC
Corner pins (1, 16, 17,
Q100-011
±450
and 32)
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.3 Recommended Operating Conditions
over operating ambient temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC
Supply voltage
PVCC, AVCC
4.5
26
V
High-level input
VIH
AM0, AM1, AM2, MUTE, SD, SYNC, MODSEL
2
V
voltage
Low-level input
VIL
AM0, AM1, AM2, MUTE, SD, SYNC, MODSEL
0.8
V
voltage
Low-level output
VOL
FAULT, RPULLUP = 100 kΩ, V(PVCC) = 26 V
0.8
V
voltage
High-level input
IIH
AM0, AM1, AM2, MUTE, SD, MODSEL (VI = 2 V, VCC = 18 V)
50
µA
current
Output filter: L = 10 µH, C = 680 nF, BTL
3.2
4
Minimum load
RL
Ω
impedance
Output filter: L = 10 µH, C = 1 µF, PBTL
1.6
Output-filter
Lo
Minimum output filter inductance under short-circuit condition
1
µH
inductance
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPA3116D2-Q1 TPA3118D2-Q1


Similar Part No. - TPA3118D2QDAPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3118D2 TI1-TPA3118D2 Datasheet
1Mb / 34P
[Old version datasheet]   15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
TPA3118D2 TI-TPA3118D2 Datasheet
2Mb / 45P
[Old version datasheet]   15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
DECEMBER 2017
TPA3118D2DAP TI1-TPA3118D2DAP Datasheet
1Mb / 34P
[Old version datasheet]   15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
TPA3118D2DAP TI1-TPA3118D2DAP Datasheet
2Mb / 43P
[Old version datasheet]   Filter-Free Class-D Stereo Amplifier Family
TPA3118D2DAP TI-TPA3118D2DAP Datasheet
2Mb / 45P
[Old version datasheet]   15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
DECEMBER 2017
More results

Similar Description - TPA3118D2QDAPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3116D2-Q1 TI-TPA3116D2-Q1_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPA311xD2-Q1 100-W and 50-W Class-D Stereo Automotive Amplifiers
TPA3221 TI1-TPA3221 Datasheet
708Kb / 39P
[Old version datasheet]   100-W Stereo, 200-W Mono HD-Audio, Analog-Input, Class-D Amplifier
TPA3116D2 TI-TPA3116D2_V01 Datasheet
2Mb / 45P
[Old version datasheet]   15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
DECEMBER 2017
TAS5622A TI1-TAS5622A_15 Datasheet
1Mb / 42P
[Old version datasheet]   125-W Stereo and 250-W Stereo PurePath HD Digital-Input Class-D Power Stage
logo
STMicroelectronics
TDA749213TR STMICROELECTRONICS-TDA749213TR Datasheet
537Kb / 32P
   50 W 50 W dual BTL class-D audio amplifier
logo
Analog Devices
SSM2518 AD-SSM2518 Datasheet
2Mb / 48P
   Digital Input Stereo, 2 W, Class-D
REV. A
logo
Texas Instruments
TPA3116D2 TI-TPA3116D2_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPA3116D2 15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
TPA3244 TI1-TPA3244_16 Datasheet
472Kb / 31P
[Old version datasheet]   40-W Stereo, 100-W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3220 TI1-TPA3220 Datasheet
863Kb / 39P
[Old version datasheet]   60-W Stereo, 100-W Peak HD Analog-Input, Pad-Down Class-D Amplifier
TAS5622A TI-TAS5622A_15 Datasheet
1Mb / 42P
[Old version datasheet]   TAS5622A 125-W Stereo and 250-W Stereo PurePath??HD Digital-Input Class-D Power Stage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com