Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA2006D1DRBTG4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2006D1DRBTG4
Description  MONO Filter-free Class-D Audio Power Amplifier
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2006D1DRBTG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPA2006D1DRBTG4 Datasheet HTML 4Page - Texas Instruments TPA2006D1DRBTG4 Datasheet HTML 5Page - Texas Instruments TPA2006D1DRBTG4 Datasheet HTML 6Page - Texas Instruments TPA2006D1DRBTG4 Datasheet HTML 7Page - Texas Instruments TPA2006D1DRBTG4 Datasheet HTML 8Page - Texas Instruments TPA2006D1DRBTG4 Datasheet HTML 9Page - Texas Instruments TPA2006D1DRBTG4 Datasheet HTML 10Page - Texas Instruments TPA2006D1DRBTG4 Datasheet HTML 11Page - Texas Instruments TPA2006D1DRBTG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
0.01
0.1
1
10
20
20k
100
1k
10k
375mW
75mW
200mW
V
=2.5V,
R =4
,
Gain=2V/V
DD
L
W
f-Frequency-Hz
0.01
0.1
1
10
20
20k
100
1k
10k
f-Frequency-Hz
V
=3.6V,
R =4
,
Gain=2V/V
DD
L
W
850mW
500mW
250mW
0.01
0.1
1
10
20
20k
100
1k
10k
f-Frequency-Hz
V
=4.2V,
R =4
,
Gain=2V/V
DD
L
W
1W
500mW
250mW
10
0.001
0.1
1
20
100
10k 20k
f − Frequency − Hz
0.01
1k
V
=2.5V
DD
R
=8
L
W
P
=0.2W
O
P
=0.075W
O
P
=0.015W
O
10
0.01
0.1
1
20
100
10k 20k
f − Frequency − Hz
P
=1W
O
P
=0.25W
O
P
=0.5W
O
V
=5V
DD
R
=8
L
W
1k
10
0.001
0.1
1
20
100
10k 20k
f − Frequency − Hz
0.01
1k
V
=3.6V
DD
R =8
L
W
P
=0.25W
O
P
=0.5W
O
P
=0.125W
O
TPA2006D1
SLOS498B – SEPTEMBER 2006 – REVISED SEPTEMBER 2015
www.ti.com
Typical Characteristics (continued)
Figure 13. Total Harmonic Distortion + Noise vs Frequency
Figure 14. Total Harmonic Distortion + Noise vs Frequency
Figure 15. Total Harmonic Distortion + Noise vs Frequency
Figure 16. Total Harmonic Distortion + Noise vs Frequency
Figure 17. Total Harmonic Distortion + Noise vs Frequency
Figure 18. Total Harmonic Distortion + Noise vs Frequency
8
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: TPA2006D1


Similar Part No. - TPA2006D1DRBTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2006D1DRBTG4 TI-TPA2006D1DRBTG4 Datasheet
914Kb / 23P
[Old version datasheet]   1.45-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER WITH 1.8-V COMPATIBLE INPUT THRESHOLDS
More results

Similar Description - TPA2006D1DRBTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3112D1-Q1 TI1-TPA3112D1-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   Filter-Free Mono Class-D Audio Power Amplifier
TPA2005D1 TI1-TPA2005D1 Datasheet
1Mb / 42P
[Old version datasheet]   MONO Filter-Free Class-D Audio Power Amplifier
TPA2010D1 TI1-TPA2010D1 Datasheet
1Mb / 33P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA2005D1-Q1 TI1-TPA2005D1-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA2011D1 TI1-TPA2011D1_15 Datasheet
1Mb / 30P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA3111D1-Q1 TI1-TPA3111D1-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   Filter-Free Mono Class-D Audio Power Amplifier
logo
Skyworks Solutions Inc.
AAT5101 SKYWORKS-AAT5101 Datasheet
1Mb / 15P
   2.5W Mono Filter-Free Class D Audio Power Amplifier
logo
Texas Instruments
TPA2011D1 TI1-TPA2011D1_12 Datasheet
840Kb / 24P
[Old version datasheet]   3.2W Mono Filter-Free Class-D Audio Power Amplifier
logo
STMicroelectronics
TS4962 STMICROELECTRONICS-TS4962_07 Datasheet
606Kb / 46P
   2.8W filter-free mono class D audio power amplifier
logo
AiT Semiconductor Inc.
A2327 AITSEMI-A2327 Datasheet
901Kb / 12P
   AUDIO AMPLIFIER 2.6W MONO FILTER-FREE CLASS-D
REV2.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com