Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA2005D1DRBQ1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2005D1DRBQ1
Description  Mono Filter-Free Class-D Audio Power Amplifier
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2005D1DRBQ1 Datasheet(HTML) 5 Page - Texas Instruments

  TPA2005D1DRBQ1 Datasheet HTML 1Page - Texas Instruments TPA2005D1DRBQ1 Datasheet HTML 2Page - Texas Instruments TPA2005D1DRBQ1 Datasheet HTML 3Page - Texas Instruments TPA2005D1DRBQ1 Datasheet HTML 4Page - Texas Instruments TPA2005D1DRBQ1 Datasheet HTML 5Page - Texas Instruments TPA2005D1DRBQ1 Datasheet HTML 6Page - Texas Instruments TPA2005D1DRBQ1 Datasheet HTML 7Page - Texas Instruments TPA2005D1DRBQ1 Datasheet HTML 8Page - Texas Instruments TPA2005D1DRBQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
2
150 kW
R
I
2
142 kW
R
I
2
158 kW
R
I
V
V
TPA2005D1-Q1
www.ti.com
SLOS474D – AUGUST 2005 – REVISED DECEMBER 2015
7.5 Electrical Characteristics
TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output offset voltage (measured
|VOS|
VI = 0 V, AV = 2 V/V, VDD = 2.5 V to 5.5 V
25
mV
differentially)
PSRR
Power-supply rejection ratio
VDD = 2.5 V to 5.5 V
–75
–55
dB
VDD = 2.5 V to 5.5 V,
TA = 25°C
–68
–49
CMRR
Common-mode rejection ratio
VIC = VDD/2 to 0.5 V,
dB
TA = –40°C to 85°C
–35
VIC = VDD/2 to VDD – 0.8 V
|IIH|
High-level input current
VDD = 5.5 V, VI = 5.8 V
50
μA
TA = –40°C to 85°C
4
|IIL|
Low-level input current
VDD = 5.5 V, VI = 0.3 V
μA
TA = –40°C to 105°C
12
VDD = 5.5 V, no load
3.4
4.5
I(Q)
Quiescent current
VDD = 3.6 V, no load
2.8
mA
VDD = 2.5 V, no load
2.2
3.2
TA = –40°C to 85°C
0.5
2
V (SHUTDOWN) = 0.8 V,
I(SD)
Shutdown current
μA
VDD = 2.5 V to 5.5 V
TA = –40°C to 105°C
2.5
VDD = 2.5 V
770
Static drain-source on-state
rDS(on)
VDD = 3.6 V
590
m
resistance
VDD = 5.5 V
500
Output impedance in SHUTDOWN
V (SHUTDOWN) = 0.8 V
>1
k
f(sw)
Switching frequency
VDD = 2.5 V to 5.5 V
200
250
300
kHz
Gain
7.6 Operating Characteristics
TA = 25°C, Gain = 2 V/V, RL = 8 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD = 5 V
1.18
THD + N= 1%, f = 1 kHz,
VDD = 3.6 V
0.58
W
RL = 8 Ω
VDD = 2.5 V
0.26
PO
Output power
VDD = 5 V
1.45
THD + N= 10%, f = 1 kHz,
VDD = 3.6 V
0.75
W
RL = 8 Ω
VDD = 2.5 V
0.35
PO = 1 W, f = 1 kHz, RL = 8 Ω
VDD = 5 V
0.18%
THD+N
Total harmonic distortion plus noise
PO = 0.5 W, f = 1 kHz, RL = 8 Ω
VDD = 3.6 V
0.19%
PO = 200 mW, f = 1 kHz, RL = 8 Ω
VDD = 2.5 V
0.20%
f = 217 Hz, V(RIPPLE) = 200 mVpp,
kSVR
Supply ripple rejection ratio
VDD = 3.6 V
–71
dB
Inputs ac-grounded with Ci = 2 μF
SNR
Signal-to-noise ratio
PO= 1 W, RL = 8 Ω
VDD = 5 V
97
dB
No weighting
48
VDD = 3.6 V, f = 20 Hz to 20 kHz,
Vn
Output voltage noise
μVRMS
Inputs ac-grounded with Ci = 2 μF
A weighting
36
CMRR
Common-mode rejection ratio
VIC = 1 Vpp , f = 217 Hz
VDD = 3.6 V
–63
dB
ZI
Input impedance
142
150
158
k
Start-up time from shutdown
VDD = 3.6 V
9
ms
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPA2005D1-Q1


Similar Part No. - TPA2005D1DRBQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2005D1DRBQ1 TI-TPA2005D1DRBQ1 Datasheet
867Kb / 24P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TPA2005D1DRBQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2006D1 TI1-TPA2006D1 Datasheet
1Mb / 32P
[Old version datasheet]   MONO Filter-free Class-D Audio Power Amplifier
TPA3112D1-Q1 TI1-TPA3112D1-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   Filter-Free Mono Class-D Audio Power Amplifier
TPA2005D1 TI1-TPA2005D1 Datasheet
1Mb / 42P
[Old version datasheet]   MONO Filter-Free Class-D Audio Power Amplifier
TPA2010D1 TI1-TPA2010D1 Datasheet
1Mb / 33P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA2011D1 TI1-TPA2011D1_15 Datasheet
1Mb / 30P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA3111D1-Q1 TI1-TPA3111D1-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   Filter-Free Mono Class-D Audio Power Amplifier
logo
Skyworks Solutions Inc.
AAT5101 SKYWORKS-AAT5101 Datasheet
1Mb / 15P
   2.5W Mono Filter-Free Class D Audio Power Amplifier
logo
Texas Instruments
TPA2011D1 TI1-TPA2011D1_12 Datasheet
840Kb / 24P
[Old version datasheet]   3.2W Mono Filter-Free Class-D Audio Power Amplifier
logo
STMicroelectronics
TS4962 STMICROELECTRONICS-TS4962_07 Datasheet
606Kb / 46P
   2.8W filter-free mono class D audio power amplifier
logo
AiT Semiconductor Inc.
A2327 AITSEMI-A2327 Datasheet
901Kb / 12P
   AUDIO AMPLIFIER 2.6W MONO FILTER-FREE CLASS-D
REV2.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com