Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPA2005D1DGNR Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part No. TPA2005D1DGNR
Description  MONO Filter-Free Class-D Audio Power Amplifier
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2005D1DGNR Datasheet(HTML) 19 Page - Texas Instruments

Back Button TPA2005D1DGNR Datasheet HTML 15Page - Texas Instruments TPA2005D1DGNR Datasheet HTML 16Page - Texas Instruments TPA2005D1DGNR Datasheet HTML 17Page - Texas Instruments TPA2005D1DGNR Datasheet HTML 18Page - Texas Instruments TPA2005D1DGNR Datasheet HTML 19Page - Texas Instruments TPA2005D1DGNR Datasheet HTML 20Page - Texas Instruments TPA2005D1DGNR Datasheet HTML 21Page - Texas Instruments TPA2005D1DGNR Datasheet HTML 22Page - Texas Instruments TPA2005D1DGNR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
_
+
IN–
IN+
PWM
H–
Bridge
VO+
VO–
Internal
Oscillator
CS
To Battery
VDD
GND
Bias
Circuitry
RI2
RP
Filter-Free Class D
SHUTDOWN
RI1
Single-Ended
Input 2
CI2
CP
Single-Ended
Input 1
CI1
TPA2005D1
www.ti.com
SLOS369G – JULY 2002 – REVISED OCTOBER 2015
Device Functional Modes (continued)
Figure 39. Application Schematic With TPA2005D1 Summing Two Single-Ended Inputs
9.4.2 Shutdown Mode
The TPA2005D1 can be put in shutdown mode when asserting SHUTDOWN pin to a logic LOW. While in
shutdown mode, the device output stage is turned off and set into high impedance, making the current
consumption very low. The device exits shutdown mode when a HIGH logic level is applied to SHUTDOWN pin.
Copyright © 2002–2015, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: TPA2005D1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn