Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP275AQDGKRQ1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMP275AQDGKRQ1
Description  Automotive Grade Temperature Sensor
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP275AQDGKRQ1 Datasheet(HTML) 1 Page - Texas Instruments

  TMP275AQDGKRQ1 Datasheet HTML 1Page - Texas Instruments TMP275AQDGKRQ1 Datasheet HTML 2Page - Texas Instruments TMP275AQDGKRQ1 Datasheet HTML 3Page - Texas Instruments TMP275AQDGKRQ1 Datasheet HTML 4Page - Texas Instruments TMP275AQDGKRQ1 Datasheet HTML 5Page - Texas Instruments TMP275AQDGKRQ1 Datasheet HTML 6Page - Texas Instruments TMP275AQDGKRQ1 Datasheet HTML 7Page - Texas Instruments TMP275AQDGKRQ1 Datasheet HTML 8Page - Texas Instruments TMP275AQDGKRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
SCL
ALERT
GND
2
6
1
A0
V+
3
5
Two-Wire
Host
Controller
TMP275-Q1
SDA
5-k
Pullup Resistors
0.01-µF
Supply Bypass
Capacitor
2.7-V to 5.5-V
Supply Voltage
A1
A2
4
7
8
Diode
Sensor
Σ
ADC
OSC
Control
Logic
Serial
Interface
Config.
and Temp.
Register
Temperature
ALERT
SDA
1
3
4
8
6
5
GND
V+
A1
SCL
2
7
A0
A2
Temp.
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TMP275-Q1
SBOS760A – NOVEMBER 2015 – REVISED JANUARY 2016
TMP275-Q1 Automotive Grade ±0.5°C Temperature Sensor with I2C and SMBus Interface
in Industry-Standard LM75 Form Factor and Pinout
1
1 Features
1
AEC-Q100 Qualified with:
Temperature Grade 1: –40°C to +125°C
Ambient Operation Temperature Range
HBM ESD Classification Level 2
CDM ESD Classification Level C6
High Accuracy:
±0.5°C (Maximum) from
−20°C to +100°C
±1°C (Maximum) from
−40°C to +125°C
Low Quiescent Current:
50
μA (Typical)
0.1
μA (Standby)
Resolution: 9 to 12 Bits, User-Selectable
Digital Output: SMBus™, Two-Wire, and I2C
Interface Compatibility
8 I2C, SMBus Addresses
Wide Supply Range: 2.7 V to 5.5 V
Small 8-Pin VSSOP and SOIC Packages
No Specified Power-Up Sequence Required, Two-
Wire Bus Pullups Can Be Enabled Before V+
2 Applications
Climate Controls
Infotainment Processor Management
Airflow Sensors
Battery Control Units
Engine Control Units
UREA Sensors
Water Pumps
HID Lamps
Airbag Control Units
Simplified Schematic
3 Description
The TMP275-Q1 is a ±0.5°C, accurate integrated
digital temperature sensor with a 12-bit, analog-to-
digital converter (ADC) that can operate on a supply
voltage as low as 2.7 V and is pin- and register-
compatible
with
the
Texas
Instruments'
LM75,
TMP75,
TMP75B,
and
TMP175
devices.
The
TMP275-Q1 device is available in 8-pin SOIC and
VSSOP
packages
and
requires
no
external
components to sense temperature. The device is
capable of reading temperatures with a maximum
resolution of 0.0625°C (12 bits) and as low as 0.5°C
(9 bits), thus allowing the user to maximize efficiency
by programming for higher resolution or faster
conversion time. The device is specified over the
temperature range of –40°C to +125°C.
The TMP275-Q1 device features SMBus and two-
wire interface compatibility, and allows up to eight
devices
on
the
same
bus
with
the
SMBus
overtemperature alert function. The factory-calibrated
temperature accuracy and the noise-immune digital
interface make the TMP275-Q1 the preferred solution
for temperature compensation of other sensors and
electronic
components,
without
the
need
for
additional system-level calibration or elaborate board
layout for distributed temperature sensing.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TMP275-Q1
SOIC (8)
4.90 mm × 3.91 mm
VSSOP (8)
3.00 mm × 3.00 mm
(1) For all available packages, see the package option addendum
at the end of the data sheet.
Internal Block Diagram


Similar Part No. - TMP275AQDGKRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP275AID TI-TMP275AID Datasheet
832Kb / 19P
[Old version datasheet]   0.5 C Digital Out Temperature Sensor
TMP275AIDG4 TI-TMP275AIDG4 Datasheet
832Kb / 19P
[Old version datasheet]   0.5 C Digital Out Temperature Sensor
logo
Burr-Brown (TI)
TMP275AIDGKR BURR-BROWN-TMP275AIDGKR Datasheet
233Kb / 14P
   0.5째C Digital Out Temperature Sensor
logo
Texas Instruments
TMP275AIDGKR TI-TMP275AIDGKR Datasheet
832Kb / 19P
[Old version datasheet]   0.5 C Digital Out Temperature Sensor
logo
Burr-Brown (TI)
TMP275AIDGKRG4 BURR-BROWN-TMP275AIDGKRG4 Datasheet
233Kb / 14P
   0.5째C Digital Out Temperature Sensor
More results

Similar Description - TMP275AQDGKRQ1

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CGA2B2NP01H181J050BA TDK-CGA2B2NP01H181J050BA Datasheet
131Kb / 1P
   Automotive Grade ( High Temperature Application )
CGA2B2NP01H271J050BA TDK-CGA2B2NP01H271J050BA Datasheet
131Kb / 1P
   Automotive Grade ( High Temperature Application )
CGA4J2X8R1E224K125AA TDK-CGA4J2X8R1E224K125AA Datasheet
139Kb / 1P
   Automotive Grade ( High Temperature Application )
CGA4J2X8R1H104K125AA TDK-CGA4J2X8R1H104K125AA Datasheet
139Kb / 1P
   Automotive Grade ( High Temperature Application )
CGA5H2NP01H473J115AA TDK-CGA5H2NP01H473J115AA Datasheet
131Kb / 1P
   Automotive Grade ( High Temperature Application )
CGA6N3NP02E333J230AA TDK-CGA6N3NP02E333J230AA Datasheet
238Kb / 1P
   Automotive Grade ( High Temperature Application ) )
CGA6N2NP02A473J230AA TDK-CGA6N2NP02A473J230AA Datasheet
131Kb / 1P
   Automotive Grade ( High Temperature Application )
CGA9N4NP02E154J230KN TDK-CGA9N4NP02E154J230KN Datasheet
239Kb / 1P
   Automotive Grade ( High Temperature Application ) )
CGA2B2NP01H3R3C050BA TDK-CGA2B2NP01H3R3C050BA Datasheet
131Kb / 1P
   Automotive Grade ( High Temperature Application )
CGA2B2NP01H030C050BA TDK-CGA2B2NP01H030C050BA Datasheet
130Kb / 1P
   Automotive Grade ( High Temperature Application )
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com