Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP103 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMP103
Description  Low-Power, Digital Temperature Sensor
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP103 Datasheet(HTML) 1 Page - Texas Instruments

  TMP103 Datasheet HTML 1Page - Texas Instruments TMP103 Datasheet HTML 2Page - Texas Instruments TMP103 Datasheet HTML 3Page - Texas Instruments TMP103 Datasheet HTML 4Page - Texas Instruments TMP103 Datasheet HTML 5Page - Texas Instruments TMP103 Datasheet HTML 6Page - Texas Instruments TMP103 Datasheet HTML 7Page - Texas Instruments TMP103 Datasheet HTML 8Page - Texas Instruments TMP103 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
MCU
TMP103A
TMP103B
TMP103C
SCL
SCL
SCL
SDA
SDA
SDA
Out
IO
V+
V+
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
TMP103
SBOS545B – FEBRUARY 2011 – REVISED JANUARY 2016
TMP103 Low-Power, Digital Temperature Sensor With Two-Wire Interface in WCSP
1 Features
3 Description
The TMP103 is a digital output temperature sensor in
1
Multiple Device Access (MDA):
a four-ball wafer chip-scale package (WCSP). The
Global Read/Write Operations
TMP103 is capable of reading temperatures to a
I2C™ and SMBus™-Compatible Interface
resolution of 1°C.
Resolution: 8 Bits
The TMP103 features a two-wire interface that is
Accuracy: ±1°C Typical (–10°C to 100°C)
compatible with both I2C and SMBus interfaces. In
addition,
the
interface
supports
multiple
device
Low Quiescent Current:
access (MDA) commands that allow the master to
3-
μA Active IQ at 0.25 Hz
communicate with multiple devices on the bus
1-
μA Shutdown
simultaneously,
eliminating
the
need
to
send
individual commands to each TMP103 on the bus.
Supply Range: 1.4 V to 3.6 V
Digital Output
Up to eight TMP103s can be tied together in parallel
and easily read by the host. The TMP103 is
4-Ball WCSP (DSBGA) Package
especially suitable for space-constrained, power-
sensitive
applications
with
multiple
temperature
2 Applications
measurement zones that must be monitored.
Handsets
The TMP103 is specified for operation over a
Notebooks
temperature range of –40°C to 125°C.
SSDs
Device Information(1)
Servers
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Telecom
TMP103
DSBGA (4)
0.76 mm × 0.76 mm
Set Top Boxes
(1) For all available packages, see the orderable addendum at
Low Power Environmental
the end of the data sheet.
Sensors
Typical Application Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TMP103

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP103 TI-TMP103 Datasheet
472Kb / 23P
[Old version datasheet]   Low-Power, Digital Temperature Sensor with Two-Wire Interface in WCSP
TMP103AYFFR TI-TMP103AYFFR Datasheet
472Kb / 23P
[Old version datasheet]   Low-Power, Digital Temperature Sensor with Two-Wire Interface in WCSP
TMP103AYFFT TI-TMP103AYFFT Datasheet
472Kb / 23P
[Old version datasheet]   Low-Power, Digital Temperature Sensor with Two-Wire Interface in WCSP
TMP103BYFFR TI-TMP103BYFFR Datasheet
472Kb / 23P
[Old version datasheet]   Low-Power, Digital Temperature Sensor with Two-Wire Interface in WCSP
TMP103BYFFT TI-TMP103BYFFT Datasheet
472Kb / 23P
[Old version datasheet]   Low-Power, Digital Temperature Sensor with Two-Wire Interface in WCSP
More results

Similar Description - TMP103

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP102 TI1-TMP102 Datasheet
958Kb / 30P
[Old version datasheet]   Low-Power Digital Temperature Sensor
TMP102-Q1 TI1-TMP102-Q1 Datasheet
921Kb / 29P
[Old version datasheet]   Low-Power Digital Temperature Sensor
HDC2080 TI1-HDC2080 Datasheet
1Mb / 41P
[Old version datasheet]   Low Power Humidity and Temperature Digital Sensor
logo
ON Semiconductor
N34TS108 ONSEMI-N34TS108 Datasheet
326Kb / 16P
   Low?륷oltage Digital Temperature Sensor
February, 2020 ??Rev. 1
logo
Texas Instruments
HDC1080 TI1-HDC1080 Datasheet
467Kb / 26P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1010 TI1-HDC1010 Datasheet
253Kb / 7P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1000 TI1-HDC1000_16 Datasheet
1Mb / 31P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1050 TI-HDC1050_15 Datasheet
818Kb / 25P
[Old version datasheet]   HDC1050 Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1000 TI-HDC1000_15 Datasheet
1Mb / 31P
[Old version datasheet]   HDC1000 Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1008 TI-HDC1008_15 Datasheet
1Mb / 30P
[Old version datasheet]   HDC1008 Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com