Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM2707CPJT Datasheet(PDF) 6 Page - Texas Instruments

Part # PCM2707CPJT
Description  Stereo Audio DAC
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM2707CPJT Datasheet(HTML) 6 Page - Texas Instruments

Back Button PCM2707CPJT Datasheet HTML 2Page - Texas Instruments PCM2707CPJT Datasheet HTML 3Page - Texas Instruments PCM2707CPJT Datasheet HTML 4Page - Texas Instruments PCM2707CPJT Datasheet HTML 5Page - Texas Instruments PCM2707CPJT Datasheet HTML 6Page - Texas Instruments PCM2707CPJT Datasheet HTML 7Page - Texas Instruments PCM2707CPJT Datasheet HTML 8Page - Texas Instruments PCM2707CPJT Datasheet HTML 9Page - Texas Instruments PCM2707CPJT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
PGND
V
CCP
HOST
FUNC3
FUNC0
HID0/MS
HID1/MC
HID2/MD
V
BUS
D+
D
-
V
DD
DGND
FUNC1
FUNC2
DOUT
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
32
9
31
10
30
11
29
12
28
13
27
14
26
15
25
16
PCM2704C, PCM2705C, PCM2706C, PCM2707C
SBFS036B – MAY 2015 – REVISED AUGUST 2015
www.ti.com
PCM2706C, PCM2707C PJT Package
32-Pin TQFP
Top View
Pin Functions: PJT Package (PCM2706C/PCM2707C)
PIN
DESCRIPTION
NAME
NO.
I/O
AGNDL
26
Analog ground for headphone amplifier of L-channel
AGNDR
31
Analog ground for headphone amplifier of R-channel
CK
14
O
Clock output for external ROM (PCM2706C). Must be left open (PCM2707C).
D+
23
I/O
USB differential input/output plus(1)
D–
22
I/O
USB differential input/output minus(1)
DGND
20
Digital ground
DOUT
17
O
S/PDIF output/I2S data output
DT
15
I/O
Data input/output for external ROM (PCM2706C). Must be left open with pullup resistor (PCM2707C). (1)
FSEL
9
I
Function select (low: I2S data output, high: S/PDIF output)(2)
FUNC0
5
I/O
HID key state input (next track), active high (FSEL = 1). I2S LR clock output (FSEL = 0).(3)
FUNC1
19
I/O
HID key state input (previous track), active high (FSEL = 1). I2S bit clock output (FSEL = 0).(3)
FUNC2
18
I/O
HID key state input (stop), active high (FSEL = 1). I2S system clock output (FSEL = 0).(3)
FUNC3
4
I
HID key state input (play/pause), active high (FSEL = 1). I2S data input (FSEL = 0).(3)
HID0/MS
6
I
HID key state input (mute), active high (PCM2706C). MS input (PCM2707C). (3)
HID1/MC
7
I
HID key state input (volume up), active high (PCM2706C). MC input (PCM2707C). (3)
HID2/MD
8
I
HID key state input (volume down), active high (PCM2706C). MD input (PCM2707C).(3)
Host detection during self-powered operation (connect to VBUS). Max power select during bus-powered
HOST
3
I
operation. (low: 100 mA, high: 500 mA).(4)
PGND
1
Analog ground for DAC, OSC, and PLL
PSEL
16
I
Power source select (low: self-power, high: bus-power)(1)
SSPND
11
O
Suspend flag, active low (low: suspend, high: operational)
TEST
10
I
Test pin. Must be set high(1)
(1)
LV-TTL level
(2)
LV-TTL level.
(3)
LV-TTL level with internal pulldown
(4)
LV-TTL level, 5-V tolerant
6
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: PCM2704C PCM2705C PCM2706C PCM2707C


Similar Part No. - PCM2707CPJT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2707CPJT TI1-PCM2707CPJT Datasheet
969Kb / 40P
[Old version datasheet]   Stereo Audio DAC with USB Interface, Single-Ended Headphone Output and S/PDIF Output
PCM2707CPJTR TI1-PCM2707CPJTR Datasheet
969Kb / 40P
[Old version datasheet]   Stereo Audio DAC with USB Interface, Single-Ended Headphone Output and S/PDIF Output
More results

Similar Description - PCM2707CPJT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MS6311 ETC-MS6311 Datasheet
197Kb / 6P
   Stereo Audio DAC
logo
Winbond
W6630CR WINBOND-W6630CR Datasheet
14Kb / 1P
   STEREO AUDIO DAC
logo
MOSA ELECTRONICS
MS6610 MOSA-MS6610 Datasheet
162Kb / 6P
   Stereo Audio DAC
logo
List of Unclassifed Man...
MS6310 ETC-MS6310 Datasheet
88Kb / 6P
   Stereo Audio DAC
logo
MOSA ELECTRONICS
MS6311 MOSA-MS6311 Datasheet
169Kb / 6P
   Stereo Audio DAC
MS6313 MOSA-MS6313 Datasheet
245Kb / 7P
   Stereo Audio DAC
logo
Texas Instruments
PCM5100A TI1-PCM5100A_15 Datasheet
1Mb / 42P
[Old version datasheet]   Audio Stereo DAC
PCM5121 TI1-PCM5121_16 Datasheet
2Mb / 120P
[Old version datasheet]   Audio Stereo DAC
PCM5141 TI1-PCM5141_16 Datasheet
2Mb / 123P
[Old version datasheet]   Audio Stereo DAC
logo
Winbond
W6631CS WINBOND-W6631CS Datasheet
13Kb / 1P
   STEREO AUDIO DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com