Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM2704CDBR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2704CDBR
Description  Stereo Audio DAC
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM2704CDBR Datasheet(HTML) 11 Page - Texas Instruments

Back Button PCM2704CDBR Datasheet HTML 7Page - Texas Instruments PCM2704CDBR Datasheet HTML 8Page - Texas Instruments PCM2704CDBR Datasheet HTML 9Page - Texas Instruments PCM2704CDBR Datasheet HTML 10Page - Texas Instruments PCM2704CDBR Datasheet HTML 11Page - Texas Instruments PCM2704CDBR Datasheet HTML 12Page - Texas Instruments PCM2704CDBR Datasheet HTML 13Page - Texas Instruments PCM2704CDBR Datasheet HTML 14Page - Texas Instruments PCM2704CDBR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
PCM2704C, PCM2705C, PCM2706C, PCM2707C
www.ti.com
SBFS036B – MAY 2015 – REVISED AUGUST 2015
7.7 Audio Interface Timing Characteristics
Load capacitance of LRCK, BCK, and DOUT is 20 pF. For timing diagrams, see Figure 1 and Figure 2.
MIN
MAX
UNIT
t(BCY)
BCK pulse cycle time
300
ns
t(BCH)
BCK pulse duration, high
100
ns
t(BCL)
BCK pulse duration, low
100
ns
t(BL)
LRCK delay time from BCK falling edge
–20
40
ns
t(BD)
DOUT delay time from BCK falling edge
–20
40
ns
t(LD)
DOUT delay time from LRCK edge
–20
40
ns
t(DS)
DIN setup time
20
ns
t(DH)
DIN hold time
20
ns
7.8 Audio Clock Timing Characteristics
Load capacitance is 20 pF. For timing diagrams, see Figure 3.
MIN
MAX
UNIT
t(SLL), t(SLH)
LRCK delay time from SYSCK rising edge
–5
10
ns
t(SBL), t(SBH)
BCK delay time from SYSCK rising edge
–5
10
ns
7.9 External ROM Read Interface Timing Characteristics
For timing diagrams, see Figure 4.
MIN
MAX
UNIT
ƒ(CK)
CK clock frequency
100
kHz
t(BUF)
Bus free time between a STOP and a START condition
4.7
μs
t(LOW)
Low period of the CK clock
4.7
μs
t(HI)
High period of the CK clock
4
μs
t(RS-SU)
Setup time for START/repeated START condition
4.7
μs
t(S-HD)
Hold time for START/repeated START condition
4
μs
t(RS-HD)
t(D-SU)
Data setup time
250
ns
t(D-HD)
Data hold time
0
900
ns
t(CK-R)
Rise time of CK signal
20 + 0.1 CB
1000
ns
t(CK-F)
Fall time of CK signal
20 + 0.1 CB
1000
ns
t(DT-R)
Rise time of DT signal
20 + 0.1 CB
1000
ns
t(DT-F)
Fall time of DT signal
20 + 0.1 CB
1000
ns
t(P-SU)
Setup time for STOP condition
4
μs
CB
Capacitive load for DT and CK lines
400
pF
VNH
Noise margin at high level for each connected device (including hysteresis)
0.2 VDD
V
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: PCM2704C PCM2705C PCM2706C PCM2707C


Similar Part No. - PCM2704CDBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2704CDBR TI1-PCM2704CDBR Datasheet
969Kb / 40P
[Old version datasheet]   Stereo Audio DAC with USB Interface, Single-Ended Headphone Output and S/PDIF Output
More results

Similar Description - PCM2704CDBR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MS6311 ETC-MS6311 Datasheet
197Kb / 6P
   Stereo Audio DAC
logo
Winbond
W6630CR WINBOND-W6630CR Datasheet
14Kb / 1P
   STEREO AUDIO DAC
logo
MOSA ELECTRONICS
MS6610 MOSA-MS6610 Datasheet
162Kb / 6P
   Stereo Audio DAC
logo
List of Unclassifed Man...
MS6310 ETC-MS6310 Datasheet
88Kb / 6P
   Stereo Audio DAC
logo
MOSA ELECTRONICS
MS6311 MOSA-MS6311 Datasheet
169Kb / 6P
   Stereo Audio DAC
MS6313 MOSA-MS6313 Datasheet
245Kb / 7P
   Stereo Audio DAC
logo
Texas Instruments
PCM5100A TI1-PCM5100A_15 Datasheet
1Mb / 42P
[Old version datasheet]   Audio Stereo DAC
PCM5121 TI1-PCM5121_16 Datasheet
2Mb / 120P
[Old version datasheet]   Audio Stereo DAC
PCM5141 TI1-PCM5141_16 Datasheet
2Mb / 123P
[Old version datasheet]   Audio Stereo DAC
logo
Winbond
W6631CS WINBOND-W6631CS Datasheet
13Kb / 1P
   STEREO AUDIO DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com