Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EFM32G232 Datasheet(PDF) 34 Page - Silicon Laboratories

Part # EFM32G232
Description  Wake-up Interrupt Controller
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFM32G232 Datasheet(HTML) 34 Page - Silicon Laboratories

Back Button EFM32G232 Datasheet HTML 30Page - Silicon Laboratories EFM32G232 Datasheet HTML 31Page - Silicon Laboratories EFM32G232 Datasheet HTML 32Page - Silicon Laboratories EFM32G232 Datasheet HTML 33Page - Silicon Laboratories EFM32G232 Datasheet HTML 34Page - Silicon Laboratories EFM32G232 Datasheet HTML 35Page - Silicon Laboratories EFM32G232 Datasheet HTML 36Page - Silicon Laboratories EFM32G232 Datasheet HTML 37Page - Silicon Laboratories EFM32G232 Datasheet HTML 38Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 69 page
background image
...the world's most energy friendly microcontrollers
2015-05-22 - EFM32G232FXX - d0069_Rev1.90
34
www.silabs.com
Symbol
Parameter
Condition
Min
Typ
Max
Unit
KEEPADCWARM
mode
1 MSamples/s, 12 bit, single
ended, internal 1.25V refer-
ence
59
dB
1 MSamples/s, 12 bit, single
ended, internal 2.5V reference
63
dB
1 MSamples/s, 12 bit, single
ended, VDD reference
65
dB
1 MSamples/s, 12 bit, differen-
tial, internal 1.25V reference
60
dB
1 MSamples/s, 12 bit, differen-
tial, internal 2.5V reference
65
dB
1 MSamples/s, 12 bit, differen-
tial, 5V reference
54
dB
1 MSamples/s, 12 bit, differen-
tial, VDD reference
67
dB
1 MSamples/s, 12 bit, differen-
tial, 2xVDD reference
69
dB
200 kSamples/s, 12 bit, sin-
gle ended, internal 1.25V refer-
ence
62
dB
200 kSamples/s, 12 bit, single
ended, internal 2.5V reference
63
dB
200 kSamples/s, 12 bit, single
ended, VDD reference
67
dB
200 kSamples/s, 12 bit, differ-
ential, internal 1.25V reference
63
dB
200 kSamples/s, 12 bit, differ-
ential, internal 2.5V reference
66
dB
200 kSamples/s, 12 bit, differ-
ential, 5V reference
66
dB
200 kSamples/s, 12 bit, differ-
ential, VDD reference
63
69
dB
SNRADC
Signal to Noise Ra-
tio (SNR)
200 kSamples/s, 12 bit, differ-
ential, 2xVDD reference
70
dB
1 MSamples/s, 12 bit, single
ended, internal 1.25V refer-
ence
58
dB
1 MSamples/s, 12 bit, single
ended, internal 2.5V reference
62
dB
1 MSamples/s, 12 bit, single
ended, VDD reference
64
dB
1 MSamples/s, 12 bit, differen-
tial, internal 1.25V reference
60
dB
1 MSamples/s, 12 bit, differen-
tial, internal 2.5V reference
64
dB
SINADADC
SIgnal-to-Noise
And Distortion-ratio
(SINAD)
1 MSamples/s, 12 bit, differen-
tial, 5V reference
54
dB


Similar Part No. - EFM32G232

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32G232F128-QFP64 SILABS-EFM32G232F128-QFP64 Datasheet
267Kb / 2P
   Updated specifications based on the results of additional silicon characterization
EFM32G232F32-QFP64 SILABS-EFM32G232F32-QFP64 Datasheet
267Kb / 2P
   Updated specifications based on the results of additional silicon characterization
EFM32G232F64-QFP64 SILABS-EFM32G232F64-QFP64 Datasheet
267Kb / 2P
   Updated specifications based on the results of additional silicon characterization
More results

Similar Description - EFM32G232

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32G200 SILABS-EFM32G200 Datasheet
1Mb / 67P
   Wake-up Interrupt Controller
EFM32G210 SILABS-EFM32G210 Datasheet
1Mb / 68P
   Wake-up Interrupt Controller
EFM32G280 SILABS-EFM32G280 Datasheet
1Mb / 72P
   Wake-up Interrupt Controller
EFM32G880 SILABS-EFM32G880 Datasheet
1Mb / 75P
   Wake-up Interrupt Controller
EFM32G222 SILABS-EFM32G222 Datasheet
1Mb / 68P
   Wake-up Interrupt Controller
EFM32G230 SILABS-EFM32G230 Datasheet
1Mb / 70P
   Wake-up Interrupt Controller
EFM32G290 SILABS-EFM32G290 Datasheet
1Mb / 72P
   Wake-up Interrupt Controller
EFM32G842 SILABS-EFM32G842 Datasheet
1Mb / 70P
   Wake-up Interrupt Controller
EFM32G890 SILABS-EFM32G890 Datasheet
1Mb / 74P
   Wake-up Interrupt Controller
logo
ATMEL Corporation
ATMEGA103L ATMEL-ATMEGA103L_14 Datasheet
46Kb / 4P
   Wake-up from Power Save Executes Instructions before Interrupt
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com