Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EFM32G232 Datasheet(PDF) 66 Page - Silicon Laboratories

Part # EFM32G232
Description  Wake-up Interrupt Controller
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFM32G232 Datasheet(HTML) 66 Page - Silicon Laboratories

Back Button EFM32G232 Datasheet HTML 61Page - Silicon Laboratories EFM32G232 Datasheet HTML 62Page - Silicon Laboratories EFM32G232 Datasheet HTML 63Page - Silicon Laboratories EFM32G232 Datasheet HTML 64Page - Silicon Laboratories EFM32G232 Datasheet HTML 65Page - Silicon Laboratories EFM32G232 Datasheet HTML 66Page - Silicon Laboratories EFM32G232 Datasheet HTML 67Page - Silicon Laboratories EFM32G232 Datasheet HTML 68Page - Silicon Laboratories EFM32G232 Datasheet HTML 69Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 66 / 69 page
background image
...the world's most energy friendly microcontrollers
2015-05-22 - EFM32G232FXX - d0069_Rev1.90
66
www.silabs.com
List of Figures
2.1. Block Diagram ....................................................................................................................................... 3
2.2. EFM32G232 Memory Map with largest RAM and Flash sizes .......................................................................... 8
3.1. EM0 Current consumption while executing prime number calculation code from flash with HFRCO running at 28
MHz ........................................................................................................................................................ 11
3.2. EM0 Current consumption while executing prime number calculation code from flash with HFRCO running at 21
MHz ........................................................................................................................................................ 11
3.3. EM0 Current consumption while executing prime number calculation code from flash with HFRCO running at 14
MHz ........................................................................................................................................................ 12
3.4. EM0 Current consumption while executing prime number calculation code from flash with HFRCO running at 11
MHz ........................................................................................................................................................ 12
3.5. EM0 Current consumption while executing prime number calculation code from flash with HFRCO running at 7
MHz ........................................................................................................................................................ 13
3.6. EM1 Current consumption with all peripheral clocks disabled and HFRCO running at 28 MHz .............................. 13
3.7. EM1 Current consumption with all peripheral clocks disabled and HFRCO running at 21 MHz .............................. 14
3.8. EM1 Current consumption with all peripheral clocks disabled and HFRCO running at 14 MHz .............................. 14
3.9. EM1 Current consumption with all peripheral clocks disabled and HFRCO running at 11 MHz .............................. 15
3.10. EM1 Current consumption with all peripheral clocks disabled and HFRCO running at 7 MHz .............................. 15
3.11. EM2 current consumption. RTC prescaled to 1kHz, 32.768 kHz LFRCO. ....................................................... 16
3.12. EM3 current consumption. ................................................................................................................... 16
3.13. EM4 current consumption. ................................................................................................................... 17
3.14. Typical Low-Level Output Current, 2V Supply Voltage ................................................................................ 21
3.15. Typical High-Level Output Current, 2V Supply Voltage ................................................................................ 22
3.16. Typical Low-Level Output Current, 3V Supply Voltage ................................................................................ 23
3.17. Typical High-Level Output Current, 3V Supply Voltage ................................................................................ 24
3.18. Typical Low-Level Output Current, 3.8V Supply Voltage .............................................................................. 25
3.19. Typical High-Level Output Current, 3.8V Supply Voltage ............................................................................. 26
3.20. Calibrated LFRCO Frequency vs Temperature and Supply Voltage .............................................................. 29
3.21. Calibrated HFRCO 1 MHz Band Frequency vs Supply Voltage and Temperature ............................................ 30
3.22. Calibrated HFRCO 7 MHz Band Frequency vs Supply Voltage and Temperature ............................................ 30
3.23. Calibrated HFRCO 11 MHz Band Frequency vs Supply Voltage and Temperature ........................................... 30
3.24. Calibrated HFRCO 14 MHz Band Frequency vs Supply Voltage and Temperature ........................................... 31
3.25. Calibrated HFRCO 21 MHz Band Frequency vs Supply Voltage and Temperature ........................................... 31
3.26. Calibrated HFRCO 28 MHz Band Frequency vs Supply Voltage and Temperature ........................................... 31
3.27. Integral Non-Linearity (INL) ................................................................................................................... 36
3.28. Differential Non-Linearity (DNL) .............................................................................................................. 37
3.29. ADC Frequency Spectrum, Vdd = 3V, Temp = 25°C ................................................................................. 38
3.30. ADC Integral Linearity Error vs Code, Vdd = 3V, Temp = 25°C ................................................................... 39
3.31. ADC Differential Linearity Error vs Code, Vdd = 3V, Temp = 25°C ............................................................... 40
3.32. ADC Absolute Offset, Common Mode = Vdd /2 ........................................................................................ 41
3.33. ADC Dynamic Performance vs Temperature for all ADC References, Vdd = 3V .............................................. 41
3.34. ACMP Characteristics, Vdd = 3V, Temp = 25°C, FULLBIAS = 0, HALFBIAS = 1 ............................................. 44
4.1. EFM32G232 Pinout (top view, not to scale) ............................................................................................... 48
4.2. TQFP64 .............................................................................................................................................. 54
5.1. TQFP64 PCB Land Pattern ..................................................................................................................... 56
5.2. TQFP64 PCB Solder Mask ..................................................................................................................... 57
5.3. TQFP64 PCB Stencil Design ................................................................................................................... 58
6.1. Example Chip Marking (top view) ............................................................................................................. 59


Similar Part No. - EFM32G232

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32G232F128-QFP64 SILABS-EFM32G232F128-QFP64 Datasheet
267Kb / 2P
   Updated specifications based on the results of additional silicon characterization
EFM32G232F32-QFP64 SILABS-EFM32G232F32-QFP64 Datasheet
267Kb / 2P
   Updated specifications based on the results of additional silicon characterization
EFM32G232F64-QFP64 SILABS-EFM32G232F64-QFP64 Datasheet
267Kb / 2P
   Updated specifications based on the results of additional silicon characterization
More results

Similar Description - EFM32G232

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32G200 SILABS-EFM32G200 Datasheet
1Mb / 67P
   Wake-up Interrupt Controller
EFM32G210 SILABS-EFM32G210 Datasheet
1Mb / 68P
   Wake-up Interrupt Controller
EFM32G280 SILABS-EFM32G280 Datasheet
1Mb / 72P
   Wake-up Interrupt Controller
EFM32G880 SILABS-EFM32G880 Datasheet
1Mb / 75P
   Wake-up Interrupt Controller
EFM32G222 SILABS-EFM32G222 Datasheet
1Mb / 68P
   Wake-up Interrupt Controller
EFM32G230 SILABS-EFM32G230 Datasheet
1Mb / 70P
   Wake-up Interrupt Controller
EFM32G290 SILABS-EFM32G290 Datasheet
1Mb / 72P
   Wake-up Interrupt Controller
EFM32G842 SILABS-EFM32G842 Datasheet
1Mb / 70P
   Wake-up Interrupt Controller
EFM32G890 SILABS-EFM32G890 Datasheet
1Mb / 74P
   Wake-up Interrupt Controller
logo
ATMEL Corporation
ATMEGA103L ATMEL-ATMEGA103L_14 Datasheet
46Kb / 4P
   Wake-up from Power Save Executes Instructions before Interrupt
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com