Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DT1446-04V Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DT1446-04V
Description  4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DT1446-04V Datasheet(HTML) 2 Page - Diodes Incorporated

  DT1446-04V Datasheet HTML 1Page - Diodes Incorporated DT1446-04V Datasheet HTML 2Page - Diodes Incorporated DT1446-04V Datasheet HTML 3Page - Diodes Incorporated DT1446-04V Datasheet HTML 4Page - Diodes Incorporated DT1446-04V Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DT1446-04V
Maximum Ratings (@T
A = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Conditions
Peak Pulse Current ,per IEC 61000-4-5
IPP_I/O
4.7
A
I/O to VSS, 8/20µs
Operating Voltage (DC)
VDC
6
V
VCC to VSS
ESD Protection – Contact Discharge
VESD_I/O
±16
kV
I/O to VSS, per IEC 61000-4-2
VESD_VCC
±30
kV
Vcc to VSS, per IEC 61000-4-2
ESD Protection – Air Discharge, per IEC 61000-4-2
VESD_I/O
±19
kV
I/O to VSS, per IEC 61000-4-2
VESD_VCC
±30
kV
VCC to VSS, per IEC 61000-4-2
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation Typical (Note 5)
PD
380
mW
Thermal Resistance, Junction to Ambient Typical (Note 5)
R
θJA
327
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@T
A = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Conditions
Reverse Working Voltage
VRWM
5.5
V
VCC to VSS
Reverse Current (Note 6)
IR(VCC to VSS)
5.0
μA
VR = 5V, VCC to VSS
Reverse Current (Note 6)
IR(IO to VSS)
1.0
μA
VR = 5V, any I/O to VSS
Reverse Breakdown Voltage
VBR
6.0
9.0
V
IR = 1mA, VCC to VSS
Forward Clamping Voltage
VF
0.8
1.0
V
IF = 15mA, VSS to VCC
Reverse Clamping Voltage (Note 7)
VC_I/O
8.5
V
IPP = 4.7A, I/O to VSS, 8/20µs
ESD Clamping Voltage
VESD_VCC
10
V
TLP, 20A, tp = 100 ns, VCC to VSS
VESD_I/O
12
V
TLP, 20A, tp = 100 ns, I/O to VSS
Dynamic Resistance
RDIF_VCC
0.2
TLP, 20A, tp = 100 ns, VCC to VSS
RDIF_I/O
0.3
TLP, 20A, tp = 100 ns, I/O to VSS
Channel Input Capacitance
CI/O to VSS
0.55
0.65
pF
VR = 2.5V, VCC = 5V, f = 1MHz
Channel Input Capacitance
CI/O to VSS
0.65
pF
VR = 2.5V, VCC = floating, f = 1MHz
Variation of Channel Input
Capacitance
CI/OMAX-CI/OMIN
0.03
pF
VCC = 5V, VSS = 0V, I/O = 2.5V, f =1MHz,
T=25 °C , CI/OMAX-CI/OMIN
Variation of Channel Input
Capacitance
CI/OMAX-CI/OMIN
0.05
pF
VCC = floating , VSS = 0V, I/O = 2.5V,
f =1MHz, T = +25°C , CI/OMAX-CI/OMIN
Notes:
5. Device mounted on FR-4 PCB pad layout (2oz copper) as shown on Diodes, Inc. suggested pad layout AP02001, which can be found on our website at
http://www.diodes.com.
6. Short duration pulse test used to minimize self-heating effect.
7. Clamping voltage value is based on an 8x20µs peak pulse current (Ipp) waveform.
DT1446-04V
Document number: DS36609 Rev. 3 – 2
2 of 5
www.diodes.com
July 2014
© Diodes Incorporated


Similar Part No. - DT1446-04V

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DT1446-04S DIODES-DT1446-04S Datasheet
231Kb / 5P
   4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
DT1446-04S-7 DIODES-DT1446-04S-7 Datasheet
231Kb / 5P
   4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
DT1446-04SO DIODES-DT1446-04SO Datasheet
226Kb / 5P
   4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
DT1446-04SO-7 DIODES-DT1446-04SO-7 Datasheet
226Kb / 5P
   4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
DT1446-04TS DIODES-DT1446-04TS Datasheet
246Kb / 5P
   4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
More results

Similar Description - DT1446-04V

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D3V3F4U6S DIODES-D3V3F4U6S Datasheet
179Kb / 4P
   4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
DT1140-04LP DIODES-DT1140-04LP Datasheet
262Kb / 5P
   4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
D1213A-04SO DIODES-D1213A-04SO Datasheet
123Kb / 5P
   4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
D3V3F4U10LP DIODES-D3V3F4U10LP Datasheet
404Kb / 5P
   4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
D1213A-04TS-7 DIODES-D1213A-04TS-7 Datasheet
147Kb / 5P
   4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
D3V3F4U10LPQ DIODES-D3V3F4U10LPQ Datasheet
416Kb / 5P
   4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
June 2021 Rev. 1 - 2
D3V3XS4B10LP DIODES-D3V3XS4B10LP Datasheet
360Kb / 4P
   4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
June 2018 Rev. 1 - 2
D1213A-04S-7 DIODES-D1213A-04S-7 Datasheet
140Kb / 5P
   4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
DRTR5V0U4S DIODES-DRTR5V0U4S Datasheet
126Kb / 4P
   4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
DRTR5V0U4SL DIODES-DRTR5V0U4SL Datasheet
194Kb / 5P
   4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
DT1240-04LP DIODES-DT1240-04LP Datasheet
238Kb / 5P
   4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com