Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRTR5V0U1LP Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DRTR5V0U1LP
Description  LOW CAPACITANCE SINGLE ESD PROTECTION TVS DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DRTR5V0U1LP Datasheet(HTML) 2 Page - Diodes Incorporated

  DRTR5V0U1LP Datasheet HTML 1Page - Diodes Incorporated DRTR5V0U1LP Datasheet HTML 2Page - Diodes Incorporated DRTR5V0U1LP Datasheet HTML 3Page - Diodes Incorporated DRTR5V0U1LP Datasheet HTML 4Page - Diodes Incorporated DRTR5V0U1LP Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DRTR5V0U1LP
Document number: DS36051 Rev. 2 - 2
2 of 5
www.diodes.com
March 2013
© Diodes Incorporated
DRTR5V0U1LP
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Conditions
Peak Pulse Current
IPP
5
A
8/20μs, Per Figure 3
ESD Protection – Contact Discharge
VESD_Contact
±8
kV
Standard IEC 61000-4-2
ESD Protection – Air Discharge
VESD_Air
±15
kV
Standard IEC 61000-4-2
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Package Power Dissipation (Note 5)
PD
250
mW
Thermal Resistance, Junction to Ambient (Note 5)
RθJA
500
C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Conditions
Reverse Working Voltage
VRWM
5.5
V
Reverse Current (Note 6)
IR
1
100
nA
VR = 3.0V
Reverse Breakdown Voltage
VBR
6.0
V
IR = 1mA
Forward Voltage
VF
0.8
V
IF = 1mA
Reverse Clamping Voltage, Positive Transients
VCL1
10.0
V
IPP = 1A, tp = 8/20μs
Reverse Clamping Voltage, Negative Transients
VCL2
-1.7
V
IPP = -1A, tp = 8/20μs
Dynamic Resistance
RDYN
0.9
IR = 1A, tp = 8/20μs
Capacitance
CT
1.0
1.5
pF
VR = 0V, f = 1MHz
Notes:
5. Device mounted on FR-4 PCB pad layout (2oz copper) as shown on Diodes, Inc. suggested pad layout AP02001, which can be found on our website at
http://www.diodes.com.
6. Short duration pulse test used to minimize self-heating effect.
7. For information on the impact of Diodes' USB 2.0 compatible ESD protectors on signal integrity including eye diagram plots, please refer to AN77 at the
following URL: http://www.diodes.com/destools/appnote_dnote.html.
0125
175
150
50
100
0
T , AMBIENT TEMPERATURE ( C)
Figure 1 Power Derating Curve
A
°
25
100
50
75
150
25
75
125
250
175
Note 5
200
225
0
50
25
50
75
100 125
150
T , AMBIENT TEMPERATURE (°C)
Figure 2 Pulse Derating Curve
A
0
100
25
75
175 200


Similar Part No. - DRTR5V0U1LP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DRTR5V0U1SO DIODES-DRTR5V0U1SO Datasheet
106Kb / 4P
   1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
DRTR5V0U1SO-7 DIODES-DRTR5V0U1SO-7 Datasheet
106Kb / 4P
   1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
More results

Similar Description - DRTR5V0U1LP

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RSRV05-4LC RECTRON-RSRV05-4LC Datasheet
209Kb / 5P
   Low Capacitance TVS/ESD Protection Diode
TEP0801LC RECTRON-TEP0801LC Datasheet
168Kb / 5P
   Low Capacitance TVS/ESD Protection Diode
TEP81302LC RECTRON-TEP81302LC Datasheet
723Kb / 6P
   Low Capacitance TVS/ESD Protection Diode
TEP2401QM RECTRON-TEP2401QM Datasheet
167Kb / 5P
   Low Capacitance TVS/ESD Protection Diode
TEP0301M RECTRON-TEP0301M Datasheet
353Kb / 5P
   Low Capacitance TVS/ESD Protection Diode
TEP2401M RECTRON-TEP2401M Datasheet
511Kb / 5P
   Low Capacitance TVS/ESD Protection Diode
TEP2401TM RECTRON-TEP2401TM Datasheet
249Kb / 5P
   Low Capacitance TVS/ESD Protection Diode
TEP0701M RECTRON-TEP0701M Datasheet
167Kb / 5P
   Low Capacitance TVS/ESD Protection Diode
TEP0801MLC RECTRON-TEP0801MLC Datasheet
247Kb / 5P
   Low Capacitance TVS/ESD Protection Diode
TEP1201M RECTRON-TEP1201M Datasheet
167Kb / 5P
   Low Capacitance TVS/ESD Protection Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com