Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR91 Datasheet(PDF) 1 Page - LSI Computer Systems

Part # XR91
Description  Zinc-Manganese Dioxide (Zn/MnO2) No added mercury or cadmium
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

XR91 Datasheet(HTML) 1 Page - LSI Computer Systems

  XR91 Datasheet HTML 1Page - LSI Computer Systems XR91 Datasheet HTML 2Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AA
Classification:
Alkaline
Chemical System:
Zinc-Manganese Dioxide (Zn/MnO2)
Designation:
ANSI-15A, IEC-LR6
Nominal Voltage:
1.5 volts
Nominal IR:
150 to 300 milliohms (fresh)
Operating Temp:
-18°C to 55°C (0°F to 130°F)
Typical Weight:
24.0 grams (0.8 oz.)
Typical Volume:
8.1 cubic centimeters (0.5 cubic inch)
Jacket:
Plastic Label
Shelf Life:
12 years at 21°C
Terminal:
Flat Contact
Constant Power Performance
Constant Current Performance
Milliamp-Hours Capacity
Continuous discharge to 0.8 volts at 21°C
ENERGIZER XR91
Specifications
mm (inches)
No added mercury or cadmium
Industry Standard Dimensions
ECO ADVANCED
Typical Characteristics (21°C)
Typical Characteristics (21°C)
PRODUCT DATASHEET
Engineering Data
1
10
100
100
1000
Discharge (mW)
0.9 Volts
1.2 Volts
1
10
100
1000
10
100
1000
Discharge (mA)
0.8 Volts
1.0 Volts
1.2 Volts
0
500
1000
1500
2000
2500
3000
25
100
250
500
Discharge (mA)
5.50 (0.217)
Maximum
0.10 (0.004)
Typical
14.50 (0.571)
13.50 (0.531)
1.00 (0.039)
Minimum
7.00 (0.276)
Minimum
50.50 (1.988)
49.50 (1.949)
(+)
(-)
Page 1 of 2


Similar Part No. - XR91

ManufacturerPart #DatasheetDescription
logo
Energizer
XR92 ENERGIZER-XR92 Datasheet
219Kb / 2P
   Zinc-Manganese Dioxide (Zn/MnO2) No added mercury or cadmium
More results

Similar Description - XR91

ManufacturerPart #DatasheetDescription
logo
Energizer
XR92 ENERGIZER-XR92 Datasheet
219Kb / 2P
   Zinc-Manganese Dioxide (Zn/MnO2) No added mercury or cadmium
LR14 ENERGIZER-LR14 Datasheet
2Mb / 1P
   Zinc-manganese Dioxide No added mercury or cadmium
LR20 ENERGIZER-LR20 Datasheet
2Mb / 1P
   Zinc-manganese Dioxide No added mercury or cadmium
3LR12 ENERGIZER-3LR12 Datasheet
193Kb / 1P
   Zinc-Manganese Dioxide No Added Mercury or Cadmium
E300171700 ENERGIZER-E300171700 Datasheet
226Kb / 1P
   Zinc-Manganese Dioxide No added mercury or cadmium
E300173100 ENERGIZER-E300173100 Datasheet
225Kb / 1P
   Zinc-Manganese Dioxide No added mercury or cadmium
E300488100 ENERGIZER-E300488100 Datasheet
2Mb / 1P
   Zinc-Manganese Dioxide No added mercury or cadmium
E300116700 ENERGIZER-E300116700 Datasheet
3Mb / 1P
   Zinc-Manganese Dioxide No added mercury or cadmium
logo
Panasonic Battery Group
6LR61XWA PANASONICBATTERY-6LR61XWA Datasheet
201Kb / 2P
   Alkaline-Zinc/Manganese Dioxide
logo
List of Unclassifed Man...
4LR44 ETC2-4LR44 Datasheet
247Kb / 1P
   Alkaline Manganese Dioxide (mercury free)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com