Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T521D475M075A(1)E075 Datasheet(PDF) 3 Page - Kemet Corporation

Part # T521D475M075A(1)E075
Description  High Voltage Polymer Electrolytic
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T521D475M075A(1)E075 Datasheet(HTML) 3 Page - Kemet Corporation

  T521D475M075A(1)E075 Datasheet HTML 1Page - Kemet Corporation T521D475M075A(1)E075 Datasheet HTML 2Page - Kemet Corporation T521D475M075A(1)E075 Datasheet HTML 3Page - Kemet Corporation T521D475M075A(1)E075 Datasheet HTML 4Page - Kemet Corporation T521D475M075A(1)E075 Datasheet HTML 5Page - Kemet Corporation T521D475M075A(1)E075 Datasheet HTML 6Page - Kemet Corporation T521D475M075A(1)E075 Datasheet HTML 7Page - Kemet Corporation T521D475M075A(1)E075 Datasheet HTML 8Page - Kemet Corporation T521D475M075A(1)E075 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2016_T521 • 12/11/2015
33
KEMET Organic Capacitor (KO-CAP®) – Industrial
T521 High Voltage Polymer Electrolytic, 12.5 – 75 VDC
Qualification
Test
Condition
Characteristics
Endurance
105°C at rated voltage, 2,000 hours
125°C at 2/3 rated voltage, 2,000 hours**
ΔC/C
Within -20%/+10% of initial value
DF
Within initial limits
DCL
IL at 105°C, 2 x IL at 125°C
ESR
2 x Initial Limit
Storage Life
105°C at 0 volts, 2,000 hours
125°C at 0 voltage, 2,000 hours**
ΔC/C
Within -20%/+10% of initial value
DF
Within initial limits
DCL
IL at 105°C, 2 x IL at 125°C
ESR
2 x Initial Limit
Humidity
60° C, 90% RH, 500 hours, No Load
ΔC/C
Within -5%/+35% of initial value
DF
Within initial limits
DCL
Within 3.0 x initial limit
Temperature Stability
Extreme temperature exposure at a
succession of continuous steps at +25°C,
-55°C, +25°C, +85°C, +105°/125°C, +25°C
+25°C
-55°C
+85°C
+105º/125°C
ΔC/C
IL*
±20%
±20%
±30%
DF
IL
IL
1.2 x IL
1.5 x IL
DCL
IL
N/A
10 x IL
10 x IL
Surge Voltage
105°C,1.32xratedvoltage,33ΩResistance,1,000cycles
ΔC/C
Within -20%/+10% of initial value
DF
Within initial limits
DCL
Within initial limits
ESR
Within initial limits
Mechanical Shock/Vibration
MIL–STD–202, Method 213, Condition I, 100 G peak.
MIL–STD–202, Method 204, Condition D, 10 Hz to 2,000 Hz,
20 G peak
ΔC/C
Within ±10% of initial value
DF
Within initial limits
DCL
Within initial limits
*IL = Initial limit
**Refer to part number specifications for individual temperature classification.


Similar Part No. - T521D475M075A(1)E075

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T521D475M075ATE075 KEMET-T521D475M075ATE075 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, T521, 4.7 uF, 20%, 75 V, 7343, SMD, Polymer, Molded, Low ESR, Non-Combustible, 75 mOhms, 3.1mm
More results

Similar Description - T521D475M075A(1)E075

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T543D156K035AHE100 KEMET-T543D156K035AHE100 Datasheet
2Mb / 26P
   COTS Polymer Electrolytic
T540 KEMET-T540 Datasheet
1Mb / 24P
   COTS Polymer Electrolytic for High Reliability Applications
logo
Murata Manufacturing Co...
C90E MURATA-C90E Datasheet
533Kb / 9P
   Polymer Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
4SW150M2.7X7.3 RUBYCON-4SW150M2.7X7.3 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SW470MX RUBYCON-2.5SW470MX Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ270MR06 RUBYCON-2.5SWZ270MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2SWZ270MR06 RUBYCON-2SWZ270MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
6SW150MDR1X RUBYCON-6SW150MDR1X Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2SWZ270M1.9X7.3 RUBYCON-2SWZ270M1.9X7.3 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
4SWZ180MR09 RUBYCON-4SWZ180MR09 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com