Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T521D685M050A(1)E090 Datasheet(PDF) 7 Page - Kemet Corporation

Part # T521D685M050A(1)E090
Description  High Voltage Polymer Electrolytic
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T521D685M050A(1)E090 Datasheet(HTML) 7 Page - Kemet Corporation

Back Button T521D685M050A(1)E090 Datasheet HTML 3Page - Kemet Corporation T521D685M050A(1)E090 Datasheet HTML 4Page - Kemet Corporation T521D685M050A(1)E090 Datasheet HTML 5Page - Kemet Corporation T521D685M050A(1)E090 Datasheet HTML 6Page - Kemet Corporation T521D685M050A(1)E090 Datasheet HTML 7Page - Kemet Corporation T521D685M050A(1)E090 Datasheet HTML 8Page - Kemet Corporation T521D685M050A(1)E090 Datasheet HTML 9Page - Kemet Corporation T521D685M050A(1)E090 Datasheet HTML 10Page - Kemet Corporation T521D685M050A(1)E090 Datasheet HTML 11Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2016_T521 • 12/11/2015
77
KEMET Organic Capacitor (KO-CAP®) – Industrial
T521 High Voltage Polymer Electrolytic, 12.5 – 75 VDC
Table 1 – Ratings & Part Number Reference cont'd
Other part number options:
1- Standard with tin terminations (14th character = T). Tin/lead terminations is also available (14th character = H).
Also available on large (13 inch) reels. Add 7280 to the end of the part number.
Higher voltage ratings and tighter tolerance product including ESR may be substituted within the same size at KEMET's option. Voltage substitutions will be marked
with the higher voltage rating. Substitutions can include better than series.
Rated
Voltage
Rated
Capacitance
Case Code/
Case Size
KEMET Part
Number
DC
Leakage
DF
ESR
Maximum
Allowable
Ripple
Current
MSL
Maximum
Operating
Temp
VDC at 105ºC
µF
KEMET/EIA
(See below for
part options)
µA at 25°C
Max/5 Min
% at 25°C
120 Hz Max
mΩ at 25°C
100 kHz Max
mA at +45ºC
100 kHz
Reflow Temp
≤ 260ºC
ºC
63
15
X/7343-43
T521X156M063A(1)E035
94.5
10
35
2600.0
3
125
63
15
X/7343-43
T521X156M063A(1)E150
94.5
10
150
1300.0
3
125
75
4.7
D/7343-31
T521D475M075A(1)E075
35.3
10
75
1700.0
3
125
75
10
X/7343-43
T521X106M075A(1)E050
75
10
50
2200
3
125
75
15
X/7343-43
T521X156M075A(1)E035
1125
10
35
2600
3
125
VDC at 105ºC
µF
KEMET/EIA
(See below for
part options)
µA at 25°C
Max/5 Min
% at 25°C
120 Hz Max
mΩ at 25°C
100 kHz Max
mA at +45ºC
100 kHz
Reflow Temp
≤ 260ºC
ºC
Rated
Voltage
Rated
Capacitance
Case Code/
Case Size
KEMET Part
Number
DC
Leakage
DF
ESR
Maximum
Allowable
Ripple
Current
MSL
Maximum
Operating
Temp


Similar Part No. - T521D685M050A(1)E090

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T521D685M050ATE070 KEMET-T521D685M050ATE070 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, T521, 6.8 uF, 20%, 50 V, 7343, SMD, Polymer, Molded, Low ESR, Non-Combustible, 70 mOhms, Height Max = 3.1mm
T521D685M050ATE090 KEMET-T521D685M050ATE090 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, T521, 6.8 uF, 20%, 50 V, 7343, SMD, Polymer, Molded, Low ESR, Non-Combustible, 90 mOhms, Height Max = 3.1mm
More results

Similar Description - T521D685M050A(1)E090

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T543D156K035AHE100 KEMET-T543D156K035AHE100 Datasheet
2Mb / 26P
   COTS Polymer Electrolytic
T540 KEMET-T540 Datasheet
1Mb / 24P
   COTS Polymer Electrolytic for High Reliability Applications
logo
Murata Manufacturing Co...
C90E MURATA-C90E Datasheet
533Kb / 9P
   Polymer Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
4SW150M2.7X7.3 RUBYCON-4SW150M2.7X7.3 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SW470MX RUBYCON-2.5SW470MX Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ270MR06 RUBYCON-2.5SWZ270MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2SWZ270MR06 RUBYCON-2SWZ270MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
6SW150MDR1X RUBYCON-6SW150MDR1X Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2SWZ270M1.9X7.3 RUBYCON-2SWZ270M1.9X7.3 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
4SWZ180MR09 RUBYCON-4SWZ180MR09 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com