Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D5V0X2A3LP37 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # D5V0X2A3LP37
Description  CHANNEL LOW CAPACITANCE BI-DIRECTIONAL TVS ARRAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

D5V0X2A3LP37 Datasheet(HTML) 1 Page - Diodes Incorporated

  D5V0X2A3LP37 Datasheet HTML 1Page - Diodes Incorporated D5V0X2A3LP37 Datasheet HTML 2Page - Diodes Incorporated D5V0X2A3LP37 Datasheet HTML 3Page - Diodes Incorporated D5V0X2A3LP37 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
D5V0L2B3SO
Document number: DS35430 Rev. 5 - 2
1 of 4
www.diodes.com
January 2012
© Diodes Incorporated
D5V0L2B3SO
2 CHANNEL LOW CAPACITANCE BI-DIRECTIONAL TVS ARRAY
Features
Provides ESD Protection per IEC 61000-4-2 Standard:
Air – ±30kV, Contact – ±30kV
2 Channels of Bi-Directional ESD Protection
Low Channel Input Capacitance
Typically Used in Cellular Handsets, Portable Electronics,
Communication Systems, Computers and Peripherals
Lead Free/RoHS Compliant (Note 1)
“Green” Device (Note 2)
Mechanical Data
Case: SOT23
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Matte Tin Finish annealed over Alloy 42 leadframe
(Lead Free Plating). Solderable per MIL-STD-202, Method 208
Weight: 0.0089 grams (approximate)
Ordering Information (Note 3)
D 5V0 L X B X XXX- XX
5V0: 5.0 Volts
Voltage
Capacitance
# of Channels
Polarity
# of Pins
Package
Packing
X: Extremely Low (<0.5pF)
F: Ultra Low (0.5 ~ 1.0pF)
P: Very Low (1.1 ~ 10pF)
L: Low (10.1 ~ 20pF)
M: Medium (>20pF)
1: 1 Channel
2: 2 Channels
4: 4 Channels
6: 6 Channels
B: Bidirectional
(Symmetrical)
U: Unidirectional
A: Bidirectional
(Asymmetrical)
2: 2 Pins
3: 3 Pins
5: 5 Pins
6: 6 Pins
8: 8 Pins
10: 10 Pins
LP3: X3-DFN0603-2
LP: X1-DFN1006-2
LP4: X2-DFN1006-2
WS: SOD323
T: SOD523/SOT523
SO: SOT23/SOT25
W: SOD123/SOT323
TS: TSOT25/TSOT26
S: SOT353/SOT363
V:SOT553/SOT563
7: 7” reel (3K/reel)
7B: 7” reel (10Kreel)
13: 13” reel
Part Number
Case
Packaging
D5V0L2B3SO-7
SOT23
3000/Tape & Reel
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. No purposely added lead. Halogen and Antimony free.
2. Diodes Inc.’s “Green” policy can be found on our website at http://www.diodes.com.
3. For packaging details, go to our website at http://www.diodes.com.
Marking Information
Date Code Key
Year
2011
2012
2013
2014
2015
2016
2017
Code
Y
Z
A
B
C
D
E
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Pin Configuration
Device Schematic
Top View
TB2 = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: Z = 2012)
M = Month (ex: 9 = September)
12
3
3
1
2
 
TB2


Similar Part No. - D5V0X2A3LP37

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D5V0X2A3LP37 DIODES-D5V0X2A3LP37 Datasheet
232Kb / 5P
   58V UNIDIRECTIONAL TVS DIODE ARRAY
D5V0X2A3LP3713 DIODES-D5V0X2A3LP3713 Datasheet
144Kb / 6P
   LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
D5V0X2A3LP37B DIODES-D5V0X2A3LP37B Datasheet
232Kb / 5P
   58V UNIDIRECTIONAL TVS DIODE ARRAY
More results

Similar Description - D5V0X2A3LP37

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D5V0L2B3T DIODES-D5V0L2B3T Datasheet
96Kb / 4P
   2 CHANNEL LOW CAPACITANCE BI-DIRECTIONAL TVS ARRAY
D5V0L4B5SO DIODES-D5V0L4B5SO Datasheet
102Kb / 5P
   4 CHANNEL LOW CAPACITANCE BI-DIRECTIONAL TVS ARRAY
D5V0L2B3W DIODES-D5V0L2B3W Datasheet
95Kb / 4P
   2 CHANNEL LOW CAPACITANCE BI-DIRECTIONAL TVS ARRAY
D5V0L4B5SOQ DIODES-D5V0L4B5SOQ Datasheet
327Kb / 5P
   4 CHANNEL LOW CAPACITANCE BI-DIRECTIONAL TVS ARRAY
June 2022 Rev. 1 - 2
D5V0L4B5V-7 DIODES-D5V0L4B5V-7 Datasheet
142Kb / 5P
   4 CHANNEL LOW CAPACITANCE BI-DIRECTIONAL TVS ARRAY
D5V0L4B5TS-7 DIODES-D5V0L4B5TS-7 Datasheet
111Kb / 5P
   4 CHANNEL LOW CAPACITANCE BI-DIRECTIONAL TVS ARRAY
D5V0L2B3SO-7 DIODES-D5V0L2B3SO-7 Datasheet
106Kb / 4P
   2 CHANNEL LOW CAPACITANCE BI-DIRECTIONAL TVS ARRAY
D5V0L4B5S DIODES-D5V0L4B5S Datasheet
103Kb / 5P
   4 CHANNEL LOW CAPACITANCE BI-DIRECTIONAL TVS ARRAY
logo
SHIKUES Electronics
GBLCXXCI SKTECHNOLGY-GBLCXXCI Datasheet
1Mb / 2P
   Bi-directional Ultra Low Capacitance TVS Array
logo
Shanghai Leiditech Elec...
PESD1LIN LEIDITECH-PESD1LIN Datasheet
605Kb / 3P
   Ultra Low Capacitance Bi-Directional TVS Diode Array
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com