Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D55V0M4U2LP37 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # D55V0M4U2LP37
Description  55V BIDIRECTIONAL TVS DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

D55V0M4U2LP37 Datasheet(HTML) 4 Page - Diodes Incorporated

  D55V0M4U2LP37 Datasheet HTML 1Page - Diodes Incorporated D55V0M4U2LP37 Datasheet HTML 2Page - Diodes Incorporated D55V0M4U2LP37 Datasheet HTML 3Page - Diodes Incorporated D55V0M4U2LP37 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
D55V0M1B2WS
Document number: DS36160 Rev. 3 - 2
4 of 4
www.diodes.com
June 2013
© Diodes Incorporated
D55V0M1B2WS
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
IMPORTANT NOTICE
DIODES INCORPORATED MAKES NO WARRANTY OF ANY KIND, EXPRESS OR IMPLIED, WITH REGARDS TO THIS DOCUMENT,
INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTIES OF MERCHANTABILITY AND FITNESS FOR A PARTICULAR PURPOSE
(AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION).
Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes
without further notice to this document and any product described herein. Diodes Incorporated does not assume any liability arising out of the
application or use of this document or any product described herein; neither does Diodes Incorporated convey any license under its patent or
trademark rights, nor the rights of others. Any Customer or user of this document or products described herein in such applications shall assume
all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on Diodes Incorporated
website, harmless against all damages.
Diodes Incorporated does not warrant or accept any liability whatsoever in respect of any products purchased through unauthorized sales channel.
Should Customers purchase or use Diodes Incorporated products for any unintended or unauthorized application, Customers shall indemnify and
hold Diodes Incorporated and its representatives harmless against all claims, damages, expenses, and attorney fees arising out of, directly or
indirectly, any claim of personal injury or death associated with such unintended or unauthorized application.
Products described herein may be covered by one or more United States, international or foreign patents pending. Product names and markings
noted herein may also be covered by one or more United States, international or foreign trademarks.
This document is written in English but may be translated into multiple languages for reference. Only the English version of this document is the
final and determinative format released by Diodes Incorporated.
LIFE SUPPORT
Diodes Incorporated products are specifically not authorized for use as critical components in life support devices or systems without the express
written approval of the Chief Executive Officer of Diodes Incorporated. As used herein:
A. Life support devices or systems are devices or systems which:
1. are intended to implant into the body, or
2. support or sustain life and whose failure to perform when properly used in accordance with instructions for use provided in the
labeling can be reasonably expected to result in significant injury to the user.
B. A critical component is any component in a life support device or system whose failure to perform can be reasonably expected to cause the
failure of the life support device or to affect its safety or effectiveness.
Customers represent that they have all necessary expertise in the safety and regulatory ramifications of their life support devices or systems, and
acknowledge and agree that they are solely responsible for all legal, regulatory and safety-related requirements concerning their products and any
use of Diodes Incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or systems-related
information or support that may be provided by Diodes Incorporated. Further, Customers must fully indemnify Diodes Incorporated and its
representatives against any damages arising out of the use of Diodes Incorporated products in such safety-critical, life support devices or systems.
Copyright © 2013, Diodes Incorporated
www.diodes.com
Dimensions Value (in mm)
G
1.520
X
0.590
X1
2.700
Y
0.450
Y
X
X1
G


Similar Part No. - D55V0M4U2LP37

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D55V0M1B2WSQ DIODES-D55V0M1B2WSQ Datasheet
296Kb / 5P
   55V BIDIRECTIONAL TVS DIODE
D55V0M1B2WSQ-7 DIODES-D55V0M1B2WSQ-7 Datasheet
296Kb / 5P
   55V BIDIRECTIONAL TVS DIODE
More results

Similar Description - D55V0M4U2LP37

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D55V0M1B2WSQ DIODES-D55V0M1B2WSQ Datasheet
296Kb / 5P
   55V BIDIRECTIONAL TVS DIODE
logo
Yea Shin Technology Co....
YSDAXX11CDN YEASHIN-YSDAXX11CDN Datasheet
795Kb / 3P
   BIDIRECTIONAL TVS DIODE
logo
Shanghai Leiditech Elec...
SDA3611CDN LEIDITECH-SDA3611CDN Datasheet
154Kb / 3P
   BIDIRECTIONAL TVS DIODE
ESDA05CW LEIDITECH-ESDA05CW Datasheet
490Kb / 3P
   BIDIRECTIONAL TVS DIODE
ESD5Z5C LEIDITECH-ESD5Z5C Datasheet
198Kb / 3P
   Bidirectional TVS Diode
ESDA05CC LEIDITECH-ESDA05CC Datasheet
341Kb / 3P
   Bidirectional TVS Diode
ESDA33CT30 LEIDITECH-ESDA33CT30 Datasheet
327Kb / 3P
   Bidirectional TVS Diode
MY05ESD1 LEIDITECH-MY05ESD1 Datasheet
510Kb / 3P
   BIDIRECTIONAL TVS DIODE
SDA2411CBP LEIDITECH-SDA2411CBP Datasheet
437Kb / 3P
   BIDIRECTIONAL TVS DIODE
SD33C LEIDITECH-SD33C Datasheet
1Mb / 5P
   BIDIRECTIONAL TVS DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com