Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V23818-M305-L57 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # V23818-M305-L57
Description  Small Form Factor Multimode 850 nm 2.125 and 1.0625 GBd Fibre Channel 2x5 Transceiver with LC??Connector
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23818-M305-L57 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button V23818-M305-L57 Datasheet HTML 7Page - Infineon Technologies AG V23818-M305-L57 Datasheet HTML 8Page - Infineon Technologies AG V23818-M305-L57 Datasheet HTML 9Page - Infineon Technologies AG V23818-M305-L57 Datasheet HTML 10Page - Infineon Technologies AG V23818-M305-L57 Datasheet HTML 11Page - Infineon Technologies AG V23818-M305-L57 Datasheet HTML 12Page - Infineon Technologies AG V23818-M305-L57 Datasheet HTML 13Page - Infineon Technologies AG V23818-M305-L57 Datasheet HTML 14Page - Infineon Technologies AG V23818-M305-L57 Datasheet HTML 15Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
V23818-M305-L57
Application Notes
Data Sheet
13
2002-03-21
Multimode 850 nm Fibre Channel 2x5 Transceiver, AC/AC TTL
Figure 7
Values of R1/2/3/4 may vary as long as proper 50
termination to V
EE or 100
differential is provided. The power supply filtering is required for good EMI performance.
Use short tracks from the inductor L1/L2 to the module
V
CCRx/VCCTx.
VCSEL
Driver
Signal
Detect
Limiting
Amplifier
Pre-
Amp
RD
RD+
Tx+
Tx
Serializer/
Deserializer
Gigabit
Transceiver
Chip
ECL/PECL
Driver
Receiver
PLL etc.
Infineon Transceiver
V23818-M305-L57
1
5
4
3
2
6
10
9
7
SD to upper level
VEEt
TD+
TD
VCCt
VCCr
SD
RD
RD+
VEEr
VCC
L1
L2
C2
C1
C3
VCC SerDes
3.3 V
VCC
3.3 V
100
TTL level
8
TxDis
C1/2/3 = 4.7 µF
L1/2
= 1 µH
R1/2
= Depends on SerDes chip used
R3/4
= Depends on SerDes chip used
R7/8 = Biasing (depends on SerDes chip)
Place R1/2/3/4/7/8 close to SerDes chip
Place R5/6 close to Infineon transceiver


Similar Part No. - V23818-M305-L57

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23818-M305-B57 INFINEON-V23818-M305-B57 Datasheet
1Mb / 19P
   SFP - Small Form-factor Pluggable Multimode 850 nm 2.125 and 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver with LC??Connector
2003-04-25
More results

Similar Description - V23818-M305-L57

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23818-K305-L56 INFINEON-V23818-K305-L56 Datasheet
232Kb / 6P
   Small Form Factor Multimode 850 nm 1.0625 GBd Fibre Channel 1.3 Gigabit Ethernet 2x5 Transceiver with LC??Connector
2001
V23818-K305-L17 INFINEON-V23818-K305-L17 Datasheet
2Mb / 16P
   Small Form Factor Multimode 850 nm 1.0625 GBd Fibre Channel 1.25 Gigabit Ethernet Transceiver 2x5 Pinning with LC??Connector
2003-01-22
V23818-M305-B57 INFINEON-V23818-M305-B57 Datasheet
1Mb / 19P
   SFP - Small Form-factor Pluggable Multimode 850 nm 2.125 and 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver with LC??Connector
2003-04-25
V23838-M305-M56 INFINEON-V23838-M305-M56 Datasheet
619Kb / 21P
   SFP-Small Form-factor Pluggable 1.25 Gigabit Ethernet 2.125/1.0625 Gbit/s Fibre Channel Multimode 850 nm Transceiver with LC??Connector
2004-06-23
logo
Agilent(Hewlett-Packard...
HFBR-5720L HP-HFBR-5720L Datasheet
293Kb / 16P
   Fibre Channel 2.125/1.0625 GBd 850 nm Small Form Pluggable Low Voltage (3.3 V) Optical Transceiver
logo
Infineon Technologies A...
V23839-R35-L55 INFINEON-V23839-R35-L55 Datasheet
636Kb / 34P
   iSFF - Intelligent Small Form Factor 1.25 Gigabit Ethernet 4.25/2.125/1.0625 Gbit/s Fibre Channel Multimode 850 nm Transceiver with LC??Connector
2004-06-25
V23848-M305-C56 INFINEON-V23848-M305-C56 Datasheet
739Kb / 30P
   iSFP-Intelligent Small Form-factor Pluggable 1.25 Gigabit Ethernet 2.125/1.0625 Gbit/s Fibre Channel Multimode 850 nm Transceiver with LC Connector
2004-06-23
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5921ALZ AVAGO-AFBR-5921ALZ Datasheet
691Kb / 13P
   Small Form Factor, Pin Through Hole (PTH), Low Voltage (3.3 V) 2x5 RoHS-Compliant Optical Transceiver for Fibre Channel 2.125/1.0625 GBd 850 nm
HFBR-5921L AVAGO-HFBR-5921L Datasheet
301Kb / 18P
   Fibre Channel 2.125/1.0625 GBd 850 nm Small Form Factor Pin Through Hole (PTH) Low Voltage (3.3 V) Optical Transceiver
logo
Agilent(Hewlett-Packard...
HFBR-5921L HP-HFBR-5921L Datasheet
293Kb / 18P
   Fibre Channel 2.125/1.0625 GBd 850 nm Small Form Factor Pin Through Hole (PTH) Low Voltage (3.3 V) Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com