Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D1213A-02SM Datasheet(PDF) 3 Page - Diodes Incorporated

Part # D1213A-02SM
Description  2 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

D1213A-02SM Datasheet(HTML) 3 Page - Diodes Incorporated

  D1213A-02SM Datasheet HTML 1Page - Diodes Incorporated D1213A-02SM Datasheet HTML 2Page - Diodes Incorporated D1213A-02SM Datasheet HTML 3Page - Diodes Incorporated D1213A-02SM Datasheet HTML 4Page - Diodes Incorporated D1213A-02SM Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
D1213A-02SM
Document number: DS35411 Rev. 10 - 2
3 of 5
www.diodes.com
November 2012
© Diodes Incorporated
D1213A-02SM
100
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (°C)
Figure 1 Power Dissipation vs. Ambient Temperature
A
150
200
250
400
0
50
0
300
350
Note 5
0
50
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (°C)
Figure 2 Pulse Derating Curve
A
0
100
25
75
175 200
0
t, TIME ( s)
Figure 3 Pulse Waveform
μ
20
40
60
100
50
0
0.001
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1
0.01
0.1
1
10
100
1,000
Figure 4 Typical Forward Characteristics
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
T = 25°C
A
T = -55°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
Note 8
10,000
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
1,000
100
10
1
Figure 5 Typical Reverse Characteristics
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
T = 25°C
A
T = -55°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
Note 8
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
V , REVERSE VOLTAGE (V)
Figure 6 Typical Total Capacitance vs. Reverse Voltage
R
0.5
1.5
0
1.0
2.0
f = 1MHz
Note 7


Similar Part No. - D1213A-02SM

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D1213A-02S DIODES-D1213A-02S Datasheet
154Kb / 5P
   2 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
D1213A-02S-7 DIODES-D1213A-02S-7 Datasheet
154Kb / 5P
   2 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
D1213A-02SO DIODES-D1213A-02SO Datasheet
146Kb / 5P
   2 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
D1213A-02SO-7 DIODES-D1213A-02SO-7 Datasheet
146Kb / 5P
   2 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
D1213A-02SOL DIODES-D1213A-02SOL Datasheet
126Kb / 4P
   2 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
More results

Similar Description - D1213A-02SM

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D1213A-02S DIODES-D1213A-02S Datasheet
154Kb / 5P
   2 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
D5V0F2U3LP DIODES-D5V0F2U3LP Datasheet
193Kb / 4P
   2 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
D5V0F2U3LP08 DIODES-D5V0F2U3LP08 Datasheet
214Kb / 5P
   2 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
D1213A-02SO-7 DIODES-D1213A-02SO-7 Datasheet
146Kb / 5P
   2 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
D5V0F2U3LPQ DIODES-D5V0F2U3LPQ Datasheet
296Kb / 5P
   2 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
D1213A-02SOL-7 DIODES-D1213A-02SOL-7 Datasheet
126Kb / 4P
   2 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
D24V0F2U3WQ DIODES-D24V0F2U3WQ Datasheet
431Kb / 5P
   2 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
January 2020 Rev. 1 - 2
DUSBULC6-CSP4 DIODES-DUSBULC6-CSP4 Datasheet
590Kb / 6P
   2 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
April 2017
DRTR5V0U2SR DIODES-DRTR5V0U2SR Datasheet
113Kb / 4P
   2 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
D1213A-02WL DIODES-D1213A-02WL Datasheet
134Kb / 4P
   2 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com