Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV320AIC3107IYZFT Datasheet(PDF) 8 Page - Texas Instruments

Part # TLV320AIC3107IYZFT
Description  Low-Power Stereo Codec
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC3107IYZFT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV320AIC3107IYZFT Datasheet HTML 4Page - Texas Instruments TLV320AIC3107IYZFT Datasheet HTML 5Page - Texas Instruments TLV320AIC3107IYZFT Datasheet HTML 6Page - Texas Instruments TLV320AIC3107IYZFT Datasheet HTML 7Page - Texas Instruments TLV320AIC3107IYZFT Datasheet HTML 8Page - Texas Instruments TLV320AIC3107IYZFT Datasheet HTML 9Page - Texas Instruments TLV320AIC3107IYZFT Datasheet HTML 10Page - Texas Instruments TLV320AIC3107IYZFT Datasheet HTML 11Page - Texas Instruments TLV320AIC3107IYZFT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 102 page
background image
TLV320AIC3107
SLOS545D – NOVEMBER 2008 – REVISED DECEMBER 2014
www.ti.com
8.6 Electrical Characteristics
At 25°C, AVDD_DAC = 3.3 V, DRVDD = 3.3 V, SPVDD = 5 V, IOVDD = 3.3 V, DVDD = 1.8 V, Fs = 48-kHz, 16-bit audio data
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AUDIO ADC
Input signal level (0 dB)
Single-ended input
0.707
VRMS
Signal-to-noise ratio, A-
Fs = 48 ksps, 0 dB PGA gain, Inputs ac-shorted to ground
80
92
dB
weighted(1) (2)
Fs = 48 ksps, 0 dB PGA gain,
Dynamic range (2)
91
dB
–60 dB full-scale input signal
Fs = 48 ksps, 0 dB PGA gain,
THD
Total harmonic distortion
–88
–70
dB
–2dB full-scale 1kHz input signal
217 Hz signal applied to DRVDD
49
Power supply rejection ratio
dB
1 kHz signal applied to DRVDD
46
Fs = 48 ksps, 0 dB PGA gain,
Gain error
0.84
dB
–2dB full-scale 1kHz input signal
1 kHz, -2dB full-scale signal, MIC3L to MIC3R
-86
Input channel separation
1 kHz, -2dB full-scale signal, MIC2L to MIC2R
-98
dB
1 kHz, -2dB full-scale signal, MIC1L to MIC1R
-75
ADC programmable gain
1-kHz input tone
59.5
dB
amplifier maximum gain
ADC programmable gain
0.5
dB
amplifier step size
LINE1L inputs routed to single ADC
20
Input mix attenuation = 0 dB
LINE1L inputs routed to single ADC,
80
input mix attenuation = 12 dB
Input resistance
k
LINE2L inputs routed to single ADC
20
Input mix attenuation = 0 dB
LINE2L inputs routed to single ADC,
80
input mix attenuation = 12 dB
Input level control minimum
0
dB
attenuation setting
Input level control maximum
12
dB
attenuation setting
Input signal level
Differential Input
1.414
VRMS
Signal-to-noise ratio, A-
Fs = 48 ksps, 0 dB PGA gain, Inputs ac-shorted to
92
dB
weighted(1) (2)
ground, Differential Mode
Fs = 48 ksps, 0 dB PGA gain, –2dB Full-scale 1kHz input
THD
Total harmonic distortion
–91
dB
signal, Differential Mode
ANALOG PASS THROUGH MODE
LINE1L to LEFT_LOP
330
LINE1R to RIGHT_LOP
330
Input to output switch
resistance, (rDS(on))
SWINP to SWOUTP
1
SWINM to SWOUTM
1
ADC DIGITAL DECIMATION FILTER, Fs = 48 kHz
Filter gain from 0 to 0.39 Fs
±0.1
dB
Filter gain at 0.4125 Fs
–0.25
dB
Filter gain at 0.45 Fs
–3
dB
Filter gain at 0.5 Fs
–17.5
dB
Filter gain from 0.55 Fs to 64 Fs
–75
dB
Filter group delay
17/Fs
s
(1)
Ratio of output level with 1-kHz full-scale sine-wave input, to the output level with the inputs short circuited, measured A-weighted over a
20-Hz to 20-kHz bandwidth using an audio analyzer.
(2)
All performance measurements done with 20-kHz low-pass filter and, where noted, A-weighted filter. Failure to use such a filter may
result in higher THD+N and lower SNR and dynamic range readings than shown in the Electrical Characteristics. The low-pass filter
removes out-of-band noise, which, although not audible, may affect dynamic specification values.
8
Submit Documentation Feedback
Copyright © 2008–2014, Texas Instruments Incorporated
Product Folder Links: TLV320AIC3107


Similar Part No. - TLV320AIC3107IYZFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3107IYZFT TI-TLV320AIC3107IYZFT Datasheet
1Mb / 94P
[Old version datasheet]   LOW-POWER STEREO CODEC WITH INTEGRATED MONO CLASS-D SPEAKER AMPLIFIER
More results

Similar Description - TLV320AIC3107IYZFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3105 TI1-TLV320AIC3105 Datasheet
2Mb / 103P
[Old version datasheet]   Low-Power Stereo Audio Codec
logo
Dialog Semiconductor
DA7218 DIALOG-DA7218 Datasheet
2Mb / 173P
   Ultra-Low Power Stereo Codec
DA7211 DIALOG-DA7211 Datasheet
2Mb / 105P
   Ultra-low power stereo codec
logo
Texas Instruments
TLV320AIC3104 TI1-TLV320AIC3104_14 Datasheet
1Mb / 95P
[Old version datasheet]   Low-Power Stereo Audio Codec
logo
Renesas Technology Corp
DA7211 RENESAS-DA7211 Datasheet
1Mb / 111P
   Ultra-low power stereo codec
23-Dec-2021
logo
Dialog Semiconductor
DA7210 DIALOG-DA7210 Datasheet
2Mb / 113P
   Ultra-low power stereo codec
DA7212 DIALOG-DA7212 Datasheet
2Mb / 129P
   Ultra-low power stereo codec
logo
Texas Instruments
TLV320AIC3106 TI1-TLV320AIC3106 Datasheet
2Mb / 105P
[Old version datasheet]   Low-Power Stereo Audio CODEC
logo
Suzhou Everest Semicond...
ES8396 EVEREST-ES8396 Datasheet
633Kb / 13P
   Low Power Stereo Audio CODEC
logo
Renesas Technology Corp
DA7210 RENESAS-DA7210 Datasheet
1Mb / 119P
   Ultra-low power stereo codec
23-Dec-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com