Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D5V0X6B2LP37 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # D5V0X6B2LP37
Description  4 CHANNEL LOW CAPACITANCE BI-DIRECTIONAL TVS ARRAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

D5V0X6B2LP37 Datasheet(HTML) 4 Page - Diodes Incorporated

  D5V0X6B2LP37 Datasheet HTML 1Page - Diodes Incorporated D5V0X6B2LP37 Datasheet HTML 2Page - Diodes Incorporated D5V0X6B2LP37 Datasheet HTML 3Page - Diodes Incorporated D5V0X6B2LP37 Datasheet HTML 4Page - Diodes Incorporated D5V0X6B2LP37 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
D5V0L4B5S
Document number: DS
35573 Rev. 5 - 2
4 of 5
www.diodes.com
January 2012
© Diodes Incorporated
D5V0L4B5S
Package Outline Dimensions
Suggested Pad Layout
SOT353
Dim
Min
Max
A
0.10
0.30
B
1.15
1.35
C
2.00
2.20
D
0.65 Typ
F
0.40
0.45
H
1.80
2.20
J
0
0.10
K
0.90
1.00
L
0.25
0.40
M
0.10
0.22
α
All Dimensions in mm
Dimensions
Value (in mm)
Z
2.5
G
1.3
X
0.42
Y
0.6
C1
1.9
C2
0.65
A
M
J
L
D
B C
H
K
F
X
Z
Y
C1
C2
C2
G


Similar Part No. - D5V0X6B2LP37

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D5V0X6B2LP37 DIODES-D5V0X6B2LP37 Datasheet
102Kb / 4P
   LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
D5V0X6B2LP37 DIODES-D5V0X6B2LP37 Datasheet
106Kb / 4P
   CHANNEL LOW CAPACITANCE BI-DIRECTIONAL TVS ARRAY
D5V0X6B2LP37 DIODES-D5V0X6B2LP37 Datasheet
96Kb / 4P
   2 CHANNEL LOW CAPACITANCE BI-DIRECTIONAL TVS ARRAY
D5V0X6B2LP37 DIODES-D5V0X6B2LP37 Datasheet
102Kb / 5P
   4 CHANNEL LOW CAPACITANCE BI-DIRECTIONAL TVS ARRAY
D5V0X6B2LP37 DIODES-D5V0X6B2LP37 Datasheet
184Kb / 4P
   55V BIDIRECTIONAL TVS DIODE
More results

Similar Description - D5V0X6B2LP37

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D5V0L4B5SO DIODES-D5V0L4B5SO Datasheet
102Kb / 5P
   4 CHANNEL LOW CAPACITANCE BI-DIRECTIONAL TVS ARRAY
D5V0L4B5SOQ DIODES-D5V0L4B5SOQ Datasheet
327Kb / 5P
   4 CHANNEL LOW CAPACITANCE BI-DIRECTIONAL TVS ARRAY
June 2022 Rev. 1 - 2
D5V0L4B5TS-7 DIODES-D5V0L4B5TS-7 Datasheet
111Kb / 5P
   4 CHANNEL LOW CAPACITANCE BI-DIRECTIONAL TVS ARRAY
D5V0L4B5V-7 DIODES-D5V0L4B5V-7 Datasheet
142Kb / 5P
   4 CHANNEL LOW CAPACITANCE BI-DIRECTIONAL TVS ARRAY
D5V0L2B3SO DIODES-D5V0L2B3SO Datasheet
106Kb / 4P
   CHANNEL LOW CAPACITANCE BI-DIRECTIONAL TVS ARRAY
D5V0L2B3T DIODES-D5V0L2B3T Datasheet
96Kb / 4P
   2 CHANNEL LOW CAPACITANCE BI-DIRECTIONAL TVS ARRAY
D5V0L2B3W DIODES-D5V0L2B3W Datasheet
95Kb / 4P
   2 CHANNEL LOW CAPACITANCE BI-DIRECTIONAL TVS ARRAY
D5V0L2B3SO-7 DIODES-D5V0L2B3SO-7 Datasheet
106Kb / 4P
   2 CHANNEL LOW CAPACITANCE BI-DIRECTIONAL TVS ARRAY
logo
SHIKUES Electronics
GBLCXXCI SKTECHNOLGY-GBLCXXCI Datasheet
1Mb / 2P
   Bi-directional Ultra Low Capacitance TVS Array
logo
Diodes Incorporated
D5V0P4B5LP08 DIODES-D5V0P4B5LP08_16 Datasheet
443Kb / 5P
   4 CHANNEL BI-DIRECTIONAL TVS ARRAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com