Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D5V0L1B2LPS Datasheet(PDF) 4 Page - Diodes Incorporated

Part # D5V0L1B2LPS
Description  5V BIDIRECTIONAL TVS DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

D5V0L1B2LPS Datasheet(HTML) 4 Page - Diodes Incorporated

  D5V0L1B2LPS Datasheet HTML 1Page - Diodes Incorporated D5V0L1B2LPS Datasheet HTML 2Page - Diodes Incorporated D5V0L1B2LPS Datasheet HTML 3Page - Diodes Incorporated D5V0L1B2LPS Datasheet HTML 4Page - Diodes Incorporated D5V0L1B2LPS Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
D5V0L1B2LPS
Document number: DS36586 Rev. 1 - 2
4 of 5
www.diodes.com
March 2014
© Diodes Incorporated
D5V0L1B2LPS
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version.
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
-40
-35
-30
-25
-20
-15
-10
-5
0
5
t (ns)
Figure 9 Typical Clamping Performance
@ -8kV Contact Discharge
IEC 61000-4-2 -8kV Contact Discharge
0
20
40
60 80 100 120 140 160 180 200
U-DFN1006-2/SWP
Dim
Min
Max
Typ
A
0.47
 0.53
0.50
A1
0.0
0.05
0.03
b
0.45
0.55
0.50
c
0.55 REF
D
0.95
1.05
1.00
E
0.55
0.65
0.60
h
0.17 REF
k
0.37 REF
L
0.25
0.35
0.30
All Dimensions in mm
Dimensions
Value (in mm)
X
0.45
X1
1.20
Y
0.60
P i n # 1 I D
S e a t i n g P l a n e
A 1
A
E
D
b
2 x
L
2 x
k
h
c
X 1
X
2 x
Y


Similar Part No. - D5V0L1B2LPS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D5V0L1B2LP DIODES-D5V0L1B2LP Datasheet
101Kb / 4P
   LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
D5V0L1B2LP-7B DIODES-D5V0L1B2LP-7B Datasheet
101Kb / 4P
   LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
D5V0L1B2LP-7B DIODES-D5V0L1B2LP-7B Datasheet
101Kb / 4P
   LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
D5V0L1B2LP3 DIODES-D5V0L1B2LP3 Datasheet
144Kb / 6P
   LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
D5V0L1B2LP3-7 DIODES-D5V0L1B2LP3-7 Datasheet
144Kb / 6P
   LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
More results

Similar Description - D5V0L1B2LPS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DESD5V0S1BAQ DIODES-DESD5V0S1BAQ Datasheet
378Kb / 5P
   5V BIDIRECTIONAL TVS DIODE
D5V0X1BA2LPQ DIODES-D5V0X1BA2LPQ Datasheet
305Kb / 5P
   5V ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
September 2021 Rev. 1 - 2
logo
Yea Shin Technology Co....
YSDAXX11CDN YEASHIN-YSDAXX11CDN Datasheet
795Kb / 3P
   BIDIRECTIONAL TVS DIODE
logo
Shanghai Leiditech Elec...
SDA3611CDN LEIDITECH-SDA3611CDN Datasheet
154Kb / 3P
   BIDIRECTIONAL TVS DIODE
ESDA05CW LEIDITECH-ESDA05CW Datasheet
490Kb / 3P
   BIDIRECTIONAL TVS DIODE
ESD5Z5C LEIDITECH-ESD5Z5C Datasheet
198Kb / 3P
   Bidirectional TVS Diode
ESDA05CC LEIDITECH-ESDA05CC Datasheet
341Kb / 3P
   Bidirectional TVS Diode
ESDA33CT30 LEIDITECH-ESDA33CT30 Datasheet
327Kb / 3P
   Bidirectional TVS Diode
MY05ESD1 LEIDITECH-MY05ESD1 Datasheet
510Kb / 3P
   BIDIRECTIONAL TVS DIODE
SDA2411CBP LEIDITECH-SDA2411CBP Datasheet
437Kb / 3P
   BIDIRECTIONAL TVS DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com