Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F861AL104M310C Datasheet(PDF) 9 Page - Kemet Corporation

Part # F861AL104M310C
Description  Metallized Polypropylene Film, Class X2, 310 VAC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

F861AL104M310C Datasheet(HTML) 9 Page - Kemet Corporation

Back Button F861AL104M310C Datasheet HTML 5Page - Kemet Corporation F861AL104M310C Datasheet HTML 6Page - Kemet Corporation F861AL104M310C Datasheet HTML 7Page - Kemet Corporation F861AL104M310C Datasheet HTML 8Page - Kemet Corporation F861AL104M310C Datasheet HTML 9Page - Kemet Corporation F861AL104M310C Datasheet HTML 10Page - Kemet Corporation F861AL104M310C Datasheet HTML 11Page - Kemet Corporation F861AL104M310C Datasheet HTML 12Page - Kemet Corporation F861AL104M310C Datasheet HTML 13Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3001_F861_X2_310 • 5/13/2015
9
Film Capacitors
AC Line EMI Suppression and RC Networks – F861 Series Metallized Polypropylene Film, Class X2, 310 VAC
Capacitance Value
(µF)
Size Code
Maximum Dimensions in mm
Lead
Spacing (p)
dV/dt
(V/µs)
Part Number
B
H
L
1.2
DO
10.0
18.5
26.0
22.5
200
F861DO125(1)310(2)
1.5
DP
11.0
20.0
26.0
22.5
200
F861DP155(1)310(2)
1.8
DP
11.0
20.0
26.0
22.5
200
F861DP185(3)310(2)
1.8
DU
13.0
22.0
26.0
22.5
200
F861DU185(1)310(2)
2.2
DU
13.0
22.0
26.0
22.5
200
F861DU225(1)310(2)
2.5
DU
13.0
22.0
26.0
22.5
200
F861DU255(3)310(2)
2.5
DY
15.5
24.5
26.0
22.5
200
F861DY255(1)310(2)
2.7
DY
15.5
24.5
26.0
22.5
200
F861DY275(1)310(2)
3.3
DY
15.5
24.5
26.0
22.5
200
F861DY335(3)310(2)
0.15
FB
9.0
17.0
31.5
27.5
150
F861FB154(1)310(2)
0.18
FB
9.0
17.0
31.5
27.5
150
F861FB184(1)310(2)
0.22
FB
9.0
17.0
31.5
27.5
150
F861FB224(1)310(2)
0.25
FB
9.0
17.0
31.5
27.5
150
F861FB254(1)310(2)
0.25
FH
21.0
12.5
31.5
27.5
150
F861FH254(1)310(2)
0.27
FB
9.0
17.0
31.5
27.5
150
F861FB274(1)310(2)
0.27
FH
21.0
12.5
31.5
27.5
150
F861FH274(1)310(2)
0.33
FB
9.0
17.0
31.5
27.5
150
F861FB334(1)310(2)
0.33
FH
21.0
12.5
31.5
27.5
150
F861FH334(1)310(2)
0.39
FB
9.0
17.0
31.5
27.5
150
F861FB394(1)310(2)
0.39
FH
21.0
12.5
31.5
27.5
150
F861FH394(1)310(2)
0.47
FB
9.0
17.0
31.5
27.5
150
F861FB474(1)310(2)
0.47
FH
21.0
12.5
31.5
27.5
150
F861FH474(1)310(2)
0.56
FB
9.0
17.0
31.5
27.5
150
F861FB564(1)310(2)
0.56
FH
21.0
12.5
31.5
27.5
150
F861FH564(1)310(2)
0.68
FB
9.0
17.0
31.5
27.5
150
F861FB684(1)310(2)
0.68
FH
21.0
12.5
31.5
27.5
150
F861FH684(1)310(2)
0.82
FB
9.0
17.0
31.5
27.5
150
F861FB824(1)310(2)
0.82
FH
21.0
12.5
31.5
27.5
150
F861FH824(1)310(2)
1
FB
9.0
17.0
31.5
27.5
150
F861FB105(1)310(2)
1
FH
21.0
12.5
31.5
27.5
150
F861FH105(1)310(2)
1.2
FB
9.0
17.0
31.5
27.5
150
F861FB125(3)310(2)
1.2
FC
11.0
20.0
31.5
27.5
150
F861FC125(1)310(2)
1.2
FH
21.0
12.5
31.5
27.5
150
F861FH125(1)310(2)
1.5
FC
11.0
20.0
31.5
27.5
150
F861FC155(1)310(2)
1.5
FH
21.0
12.5
31.5
27.5
150
F861FH155(1)310(2)
1.8
FC
11.0
20.0
31.5
27.5
150
F861FC185(3)310(2)
1.8
FH
21.0
12.5
31.5
27.5
150
F861FH185(1)310(2)
2.2
FH
21.0
12.5
31.5
27.5
150
F861FH225(3)310(2)
2.2
FI
13.0
25.0
31.5
27.5
150
F861FI225(1)310(2)
2.5
FI
13.0
25.0
31.5
27.5
150
F861FI255(1)310(2)
2.5
FQ
27.5
16.0
31.5
27.5
150
F861FQ255(1)310(2)
2.7
FI
13.0
25.0
31.5
27.5
150
F861FI275(1)310(2)
2.7
FQ
27.5
16.0
31.5
27.5
150
F861FQ275(1)310(2)
3.3
FI
13.0
25.0
31.5
27.5
150
F861FI335(3)310(2)
3.3
FN
14.0
28.0
31.5
27.5
150
F861FN335(1)310(2)
3.3
FO
17.0
40.0
31.5
27.5
150
F861FO335(1)310(2)
3.3
FQ
27.5
16.0
31.5
27.5
150
F861FQ335(1)310(2)
3.9
FO
17.0
40.0
31.5
27.5
150
F861FO395(1)310(2)
3.9
FQ
27.5
16.0
31.5
27.5
150
F861FQ395(3)310(2)
3.9
FR
17.5
28.0
31.5
27.5
150
F861FR395(1)310(2)
3.9
FT
31.0
19.0
31.5
27.5
150
F861FT395(1)310(2)
4.7
FO
17.0
40.0
31.5
27.5
150
F861FO475(1)310(2)
4.7
FR
17.5
28.0
31.5
27.5
150
F861FR475(1)310(2)
4.7
FT
31.0
19.0
31.5
27.5
150
F861FT475(1)310(2)
4.7
RF
13.0
24.0
41.0
37.5
100
F861RF475(3)310(2)
4.7
RH
15.0
26.0
41.0
37.5
100
F861RH475(1)310(2)
4.7
RV
24.0
15.0
41.0
37.5
100
F861RV475(3)310(2)
4.7
RW
24.0
19.0
41.0
37.5
100
F861RW475(1)310(2)
Capacitance Value (µF)
Size Code
B (mm)
H (mm)
L (mm)
Lead Spacing (p)
dV/dt (V/µs)
Part Number
Table 1 – Ratings & Part Number Reference cont'd
(1) M = ±20%, K = ±10%.
(2) Insert lead and packaging code. See Ordering Options Table for available options.
(3) M = ±20% (only available tolerance).


Similar Part No. - F861AL104M310C

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
F861AO224K310A KEMET-F861AO224K310A Datasheet
57Kb / 1P
   F861, Film, Metallized Polypropylene, Safety, 0.22 uF, 10%, 630 VDC, 310 VAC (X2), 110C, Lead Spacing = 10mm
F861AO224M310A KEMET-F861AO224M310A Datasheet
228Kb / 1P
   F861, Film, Metallized Polypropylene, Safety, 0.22 uF, 20%, 310 VAC (X2), 630 VDC, 110°C, Lead Spacing = 10mm
10/20/2022
More results

Similar Description - F861AL104M310C

ManufacturerPart #DatasheetDescription
logo
Surge Components
CMPP SURGE-CMPP Datasheet
952Kb / 1P
   Metallized Polypropylene Film Capacitors X2-Class
logo
Kemet Corporation
F863BC104M310A KEMET-F863BC104M310A Datasheet
1Mb / 15P
   F863 Metallized Polypropylene Film for Harsh Environmental Conditions, Class X2, 310 VAC (Automotive Grade)
F862BC104M310Z KEMET-F862BC104M310Z Datasheet
1Mb / 14P
   F862 Series Metallized Polypropylene Film for Harsh Environmental Conditions, Class X2, 310 VAC (Automotive Grade)
F862BC104M310C KEMET-F862BC104M310C_16 Datasheet
1Mb / 14P
   F862 Series Metallized Polypropylene Film for Harsh Environmental Conditions, Class X2, 310 VAC (Automotive Grade)
logo
Suntan Capacitors
TS08H SUNTAN-TS08H Datasheet
161Kb / 1P
   METALLIZED POLYPROPYLENE FILM CAPACITOR ??X2
logo
jb Capacitors Company
JFV JBCAPACITORS-JFV_18 Datasheet
247Kb / 3P
   X2 Metallized Polypropylene Film Capacitor
JFW JBCAPACITORS-JFW Datasheet
259Kb / 3P
   X2 Metallized Polypropylene Film Capacitor
JFV JBCAPACITORS-JFV_16 Datasheet
243Kb / 3P
   X2 Metallized Polypropylene Film Capacitor
JFZ JBCAPACITORS-JFZ_16 Datasheet
254Kb / 3P
   X2 Metallized Polypropylene Film Capacitor
logo
Suntan Capacitors
TS08 SUNTAN-TS08 Datasheet
324Kb / 1P
   METALLIZED POLYPROPYLENE FILM CAPACITOR - X2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com