Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C4AEJBW5200A3JJ Datasheet(PDF) 1 Page - Kemet Corporation

Part # C4AEJBW5200A3JJ
Description  Typical applications include DC filtering and energy storage.
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C4AEJBW5200A3JJ Datasheet(HTML) 1 Page - Kemet Corporation

  C4AEJBW5200A3JJ Datasheet HTML 1Page - Kemet Corporation C4AEJBW5200A3JJ Datasheet HTML 2Page - Kemet Corporation C4AEJBW5200A3JJ Datasheet HTML 3Page - Kemet Corporation C4AEJBW5200A3JJ Datasheet HTML 4Page - Kemet Corporation C4AEJBW5200A3JJ Datasheet HTML 5Page - Kemet Corporation C4AEJBW5200A3JJ Datasheet HTML 6Page - Kemet Corporation C4AEJBW5200A3JJ Datasheet HTML 7Page - Kemet Corporation C4AEJBW5200A3JJ Datasheet HTML 8Page - Kemet Corporation C4AEJBW5200A3JJ Datasheet HTML 9Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3046_C4AE_RADIAL • 1/5/2016
1
One world. One KEMET
Benefits
• Self-healing
• Low losses
• High ripple current
• High capacitance density
• High contact reliability
• Suitable for high frequency applications
Overview
The C4AE Series is a polypropylene metallized film with
rectangular plastic box type filled with resin and 2 or 4 tinned
copper wires.
Applications
Typical applications include DC filtering and energy storage.
Printed Circuit Board Mount Power Film Capacitors
C4AE Series, Radial, 2 or 4 Leads, 450 – 1,100 VDC,
for DC Link
Part Number System
C4
AE
G
B
U
4450
A1
W
J
Series
Type
Rated Voltage
(VDC)
Case
Number of
Leads
Capacitance Code (pF)
Lead Diameter
(mm)
Size Code
Tolerance
C4 = MKP
capacitors
AE = Radial
box, dc-link
application
G = 450
H = 600
J = 700
O = 900
Q = 1,100
B = Plastic
box with
epoxy resin
sealing
U = 2 lead
W = 4 lead
Digits 2 – 4 indicate the
first three digits of the
capacitance value.
First digit indicates the
number of zeros to be
added.
A1 = 0.8
A3 = 1.2
See
Dimension
Table
J = 5%


Similar Part No. - C4AEJBW5200A3JJ

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C4AEJBW5200A3JJ KEMET-C4AEJBW5200A3JJ Datasheet
53Kb / 1P
   Film, Metallized Polypropylene, DC Link, C4AE, 20 uF, 5%, 700 V, 70C, Lead Spacing = 37.5mm
C4AEJBW5200A3JJ KEMET-C4AEJBW5200A3JJ_17 Datasheet
53Kb / 1P
   Film, Metallized Polypropylene, DC Link, C4AE, 20 uF, 5%, 700 V, 70C, Lead Spacing = 37.5mm
More results

Similar Description - C4AEJBW5200A3JJ

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
BT151 DYELEC-BT151 Datasheet
2Mb / 5P
   Typical applications include motor control
logo
AVX Corporation
DISFIM AVX-DISFIM Datasheet
42Kb / 1P
   For Energy Storage and Discharge Applications
logo
Rhombus Industries Inc.
L-14400 RHOMBUS-IND-L-14400 Datasheet
43Kb / 1P
   DC Energy Storage Inductors
logo
PREMO CORPORATION S.L
M65-400-16 PREMO-M65-400-16 Datasheet
492Kb / 5P
   High Energy Storage Chokes for Inverter Applications
M80-1-10 PREMO-M80-1-10 Datasheet
1,009Kb / 7P
   High Energy Storage Chokes for Inverter Applications
AIC-2P-300-12 PREMO-AIC-2P-300-12 Datasheet
431Kb / 4P
   High Energy Storage Chokes for inverter Applications
logo
Monolithic Power System...
MP6302 MPS-MP6302 Datasheet
397Kb / 12P
   Energy Storage and Release Control IC
logo
Bel Fuse Inc.
350INVCHGT150-120-240-8G BEL-350INVCHGT150-120-240-8G Datasheet
1Mb / 9P
   Storage Energy Systems
logo
Vishay Siliconix
220EDLC VISHAY-220EDLC_V01 Datasheet
105Kb / 6P
   Electrical Double Layer Energy Storage Capacitors Power and Energy Versions
01-Jan-2023
MAL222090003E3 VISHAY-MAL222090003E3 Datasheet
108Kb / 5P
   Electrical Double Layer Energy Storage Capacitors Power and Energy Versions
Revision: 18-Jan-16
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com