Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TUA6034 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TUA6034
Description  3-Band Digital TV / Set-Top-Box Tuner IC
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TUA6034 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TUA6034 Datasheet HTML 2Page - Infineon Technologies AG TUA6034 Datasheet HTML 3Page - Infineon Technologies AG TUA6034 Datasheet HTML 4Page - Infineon Technologies AG TUA6034 Datasheet HTML 5Page - Infineon Technologies AG TUA6034 Datasheet HTML 6Page - Infineon Technologies AG TUA6034 Datasheet HTML 7Page - Infineon Technologies AG TUA6034 Datasheet HTML 8Page - Infineon Technologies AG TUA6034 Datasheet HTML 9Page - Infineon Technologies AG TUA6034 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 61 page
background image
TUA6034, TUA6036
Specification
6
V 2.5, 2004-04-28
Product Info
General Description
The TUA6034, TUA6036 ’TAIFUN’ device combines a mixer-oscillator block with a
digitally programmable phase locked loop (PLL) for use in TV and VCR tuners and in set-
top-box applications.
Ordering Information
Type
Ordering Code
Package
TUA6034-T
Q67034-H0009
TSSOP-38
TUA6036-T
Q67037-A0012
TSSOP-38
TUA6034-V
Q67034-H0008
VQFN-48
Features
General
Suitable for PAL, NTSC, DVB and
ATSC
Wideband AGC detector for internal
tuner AGC
− 5 programmable take-over points
− 2 programmable time constants
Low phase noise
Full ESD protection
Mixer/Oscillator
High impedance mixer input
(common emitter) for LOW band
Low impedance mixer input
(common base) for MID band
Low impedance mixer input
(common base) for HIGH band
2 pin oscillator for LOW band
2 pin oscillator for MID band
4 pin oscillator for HIGH band
IF-Amplifier
Symmetrical IF preamplifier with low
output impedance able to drive a
compensated SAW filter (500
Ω//40pF)
PLL
4 independent I
2C addresses
•I
2C bus protocol compatible with 3.3 V
and 5V micro-controllers up to 400 kHz
High voltage VCO tuning output
4 PNP ports
1 NPN port/ADC input
Internal LOW/MID/HIGH band switch
Stand-by mode
Lock-in flag
6
programmable
reference
divider
ratios (24, 28, 32, 64, 80, 128)
4 programmable charge pump currents
Application
The IC is suitable for PAL, NTSC,
DVB-C, DVB-T, ISDB-T and ATSC
tuners.
The
focus
is
on
digital
terrestrial.
The AGC stage makes the tuner AGC
independent of the Video-IF AGC.


Similar Part No. - TUA6034

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TUA6034 INFINEON-TUA6034 Datasheet
1Mb / 65P
   3-Band Digital TV / Set-Top-Box Tuner IC TAIFUN
V 2.51, January 2006
TUA6034-T INFINEON-TUA6034-T Datasheet
1Mb / 65P
   3-Band Digital TV / Set-Top-Box Tuner IC TAIFUN
V 2.51, January 2006
TUA6034-V INFINEON-TUA6034-V Datasheet
1Mb / 65P
   3-Band Digital TV / Set-Top-Box Tuner IC TAIFUN
V 2.51, January 2006
TUA6034 INFINEON-TUA6034_06 Datasheet
1Mb / 65P
   3-Band Digital TV / Set-Top-Box Tuner IC TAIFUN
V 2.51, January 2006
More results

Similar Description - TUA6034

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TUA6034 INFINEON-TUA6034_06 Datasheet
1Mb / 65P
   3-Band Digital TV / Set-Top-Box Tuner IC TAIFUN
V 2.51, January 2006
logo
Skyworks Solutions Inc.
SI2144 SKYWORKS-SI2144 Datasheet
195Kb / 2P
   Worldwide Digital Set-Top Box Tuner
August 22, 2021
logo
Silicon Laboratories
SI2124 SILABS-SI2124 Datasheet
86Kb / 2P
   Digital Terrestrial Set-Top Box Tuner
SI2144 SILABS-SI2144 Datasheet
105Kb / 2P
   Worldwide Digital Set-Top Box Tuner
logo
Skyworks Solutions Inc.
SI2124 SKYWORKS-SI2124 Datasheet
190Kb / 2P
   Digital Terrestrial Set-Top Box Tuner
August 9, 2021
logo
Shanghai Leiditech Elec...
LCDA24C-8 LEIDITECH-LCDA24C-8 Datasheet
223Kb / 3P
   Set-top box and digital TV
SD18C LEIDITECH-SD18C Datasheet
131Kb / 3P
   Set-top box and digital TV
SD12C LEIDITECH-SD12C Datasheet
125Kb / 3P
   Set-top box and digital TV
SD03 LEIDITECH-SD03 Datasheet
140Kb / 3P
   Set-top box and digital TV
SD15C LEIDITECH-SD15C Datasheet
132Kb / 3P
   Set-top box and digital TV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com