Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMD27727 Datasheet(PDF) 11 Page - ams AG

Part # TMD27727
Description  Digital ALS and Proximity Module
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD27727 Datasheet(HTML) 11 Page - ams AG

Back Button TMD27727 Datasheet HTML 7Page - ams AG TMD27727 Datasheet HTML 8Page - ams AG TMD27727 Datasheet HTML 9Page - ams AG TMD27727 Datasheet HTML 10Page - ams AG TMD27727 Datasheet HTML 11Page - ams AG TMD27727 Datasheet HTML 12Page - ams AG TMD27727 Datasheet HTML 13Page - ams AG TMD27727 Datasheet HTML 14Page - ams AG TMD27727 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 59 page
background image
ams Datasheet, Confidential
Page 11
[v1-20] 2014-Jul-21
Document Feedback
TMD2772/ TMD2772WA − Timing Characteristics
Figure 15:
AC Electrical Characteristics, VDD = 3V, TA = 25°C (unless otherwise noted)
Note(s) and/or Footnote(s):
1. Specified by design and characterization; not production tested.
Timing Diagrams
Figure 16:
Parameter Measurement Information
Parameter (1)
Conditions
Min
Max
Unit
fSCL
Clock frequency (I²C only)
0
400
kHz
tBUF
Bus free time between start and stop condition
1.3
μs
tHD;STA
Hold time after (repeated) start condition.
After this period, the first clock is generated.
0.6
μs
tSU;STA
Repeated start condition setup time
0.6
μs
tSU;STO
Stop condition setup time
0.6
μs
tHD;DAT
Data hold time
10
ns
tSU;DAT
Data setup time
100
ns
tLOW
SCL clock low period
1.3
μs
tHIGH
SCL clock high period
0.6
μs
tF
Clock/data fall time
300
ns
tR
Clock/data rise time
300
ns
Ci
Input pin capacitance
10
pF
Timing Characteristics
START
START
STOP
STOP
tBUF
tLOW
tHD; STA
tR
tF
VIH
VIL
VIH
VIL
tSU; DAT
tSU; STA
tHD; DAT
tHIGH
tSU; STO
SCL
SDA


Similar Part No. - TMD27727

ManufacturerPart #DatasheetDescription
logo
ams AG
TMD27727 AMSCO-TMD27727 Datasheet
1Mb / 35P
   DIGITAL ALS and PROXIMITY MODULE
logo
OSRAM GmbH
TMD27727 OSRAM-TMD27727 Datasheet
1Mb / 60P
   Digital ALS and Proximity Module
v1-21 2016-Feb-16
More results

Similar Description - TMD27727

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
TMD27711 TAOS-TMD27711 Datasheet
1Mb / 33P
   DIGITAL ALS and PROXIMITY MODULE
TMD27723 TAOS-TMD27723 Datasheet
1Mb / 35P
   DIGITAL ALS and PROXIMITY MODULE
TMD27721 TAOS-TMD27721 Datasheet
1Mb / 35P
   DIGITAL ALS and PROXIMITY MODULE
logo
ams AG
TMD2771 AMSCO-TMD2771 Datasheet
1Mb / 33P
   DIGITAL ALS and PROXIMITY MODULE
TMD27722 AMSCO-TMD27722 Datasheet
1Mb / 35P
   DIGITAL ALS and PROXIMITY MODULE
TMD2772 AMSCO-TMD2772 Datasheet
1Mb / 35P
   DIGITAL ALS and PROXIMITY MODULE
TMD3725 AMSCO-TMD3725 Datasheet
1Mb / 55P
   ALS, Color and Proximity Sensor Module
logo
STMicroelectronics
VL6180X STMICROELECTRONICS-VL6180X Datasheet
1Mb / 79P
   Proximity and ambient light sensing (ALS) module
August 2014 Rev 6
logo
ams AG
TMD2725 AMSCO-TMD2725_V01 Datasheet
1Mb / 50P
   ALS, and Small Aperture Proximity Sensor Module
2018-Feb-23
TMD3702VC AMSCO-TMD3702VC Datasheet
1Mb / 57P
   Narrow ALS, Color and Proximity Sensor Module
v2-00 2023-Mar-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com