Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMD2772 Datasheet(PDF) 9 Page - ams AG

Part # TMD2772
Description  Digital ALS and Proximity Module
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD2772 Datasheet(HTML) 9 Page - ams AG

Back Button TMD2772 Datasheet HTML 5Page - ams AG TMD2772 Datasheet HTML 6Page - ams AG TMD2772 Datasheet HTML 7Page - ams AG TMD2772 Datasheet HTML 8Page - ams AG TMD2772 Datasheet HTML 9Page - ams AG TMD2772 Datasheet HTML 10Page - ams AG TMD2772 Datasheet HTML 11Page - ams AG TMD2772 Datasheet HTML 12Page - ams AG TMD2772 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 59 page
background image
ams Datasheet, Confidential
Page 9
[v1-20] 2014-Jul-21
Document Feedback
TMD2772/ TMD2772WA − Electrical Characteristics
Figure 11:
Proximity Characteristics, VDD = LEDA = 3V, TA = 25°C, PEN = 1 (unless otherwise noted)
Note(s) and/or Footnote(s):
1. Value is factory-adjusted to meet the Prox count specification. Considerable variation (relative to the typical value) is possible after
adjustment.
2. These parameters are ensured by design and characterization and are not 100% tested.
3. Proximity offset varies with power supply characteristics and noise.
4. ILEDA is factory calibrated to achieve this specification. Offset and crosstalk directly sum with this value and is system dependent.
5. No glass or aperture above the module. Tested value is the average of 5 consecutive readings.
6. Proximity test was done using the circuit shown in Figure 12. See Section , “PCB Pad Layout,” on page 46 for recommended
application circuit.
Parameter
Test Conditions
Min
Typ
Max
Units
IDD Supply current
LED On
3
mA
ILEDA LEDA current
(1)
LED On, PDRIVE = 0
100
mA
LED On, PDRIVE = 1
50
LED On, PDRIVE = 2
25
LED On, PDRIVE = 3
12.5
PTIME ADC conversion steps
1
256
steps
PTIME ADC conversion time
PTIME = 0xFF
(= 1 conversion step)
2.58
2.73
2.9
ms
PTIME ADC counts per step
PTIME = 0xFF
(= 1 conversion step)
0
1023
counts
PPULSE LED pulses (2)
0
255
pulses
LED On LED pulse width
PPULSE = 1, PDRIVE = 0
7.3
μs
LED pulse period
PPULSE = 2, PDRIVE = 0
16.0
μs
Proximity response, no
target (offset)
PPULSE = 8, PDRIVE = 0,
PGAIN = 4×, (3)
100
counts
Prox count, 100mm target,
TMD2772 devices (4)
73 mm × 83 mm, 90% reflective
Kodak Gray Card, PGAIN = 4×,
PPULSE = 8, PDRIVE = 0,
PTIME = 0xFF (5)
450
520
590
counts
Prox count, 100mm target,
TMD2772WA devices (4)
73 mm × 83 mm, 90% reflective
Kodak Gray Card, PGAIN = 4×,
PPULSE = 8, PDRIVE = 0,
PTIME = 0xFF (5)
235
275
315
counts


Similar Part No. - TMD2772

ManufacturerPart #DatasheetDescription
logo
ams AG
TMD2772 AMSCO-TMD2772 Datasheet
1Mb / 35P
   DIGITAL ALS and PROXIMITY MODULE
logo
OSRAM GmbH
TMD2772 OSRAM-TMD2772 Datasheet
1Mb / 60P
   Digital ALS and Proximity Module
v1-21 2016-Feb-16
logo
TEXAS ADVANCED OPTOELEC...
TMD27721 TAOS-TMD27721 Datasheet
1Mb / 35P
   DIGITAL ALS and PROXIMITY MODULE
logo
ams AG
TMD27721 AMSCO-TMD27721 Datasheet
1Mb / 35P
   DIGITAL ALS and PROXIMITY MODULE
logo
OSRAM GmbH
TMD27721 OSRAM-TMD27721 Datasheet
1Mb / 60P
   Digital ALS and Proximity Module
v1-21 2016-Feb-16
More results

Similar Description - TMD2772

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
TMD27711 TAOS-TMD27711 Datasheet
1Mb / 33P
   DIGITAL ALS and PROXIMITY MODULE
TMD27723 TAOS-TMD27723 Datasheet
1Mb / 35P
   DIGITAL ALS and PROXIMITY MODULE
TMD27721 TAOS-TMD27721 Datasheet
1Mb / 35P
   DIGITAL ALS and PROXIMITY MODULE
logo
ams AG
TMD2771 AMSCO-TMD2771 Datasheet
1Mb / 33P
   DIGITAL ALS and PROXIMITY MODULE
TMD27722 AMSCO-TMD27722 Datasheet
1Mb / 35P
   DIGITAL ALS and PROXIMITY MODULE
TMD2772 AMSCO-TMD2772 Datasheet
1Mb / 35P
   DIGITAL ALS and PROXIMITY MODULE
TMD3725 AMSCO-TMD3725 Datasheet
1Mb / 55P
   ALS, Color and Proximity Sensor Module
logo
STMicroelectronics
VL6180X STMICROELECTRONICS-VL6180X Datasheet
1Mb / 79P
   Proximity and ambient light sensing (ALS) module
August 2014 Rev 6
logo
ams AG
TMD2725 AMSCO-TMD2725_V01 Datasheet
1Mb / 50P
   ALS, and Small Aperture Proximity Sensor Module
2018-Feb-23
TMD3702VC AMSCO-TMD3702VC Datasheet
1Mb / 57P
   Narrow ALS, Color and Proximity Sensor Module
v2-00 2023-Mar-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com