Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TUA6030 Datasheet(PDF) 30 Page - Infineon Technologies AG

Part # TUA6030
Description  3-Band TV Tuner IC
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TUA6030 Datasheet(HTML) 30 Page - Infineon Technologies AG

Back Button TUA6030 Datasheet HTML 26Page - Infineon Technologies AG TUA6030 Datasheet HTML 27Page - Infineon Technologies AG TUA6030 Datasheet HTML 28Page - Infineon Technologies AG TUA6030 Datasheet HTML 29Page - Infineon Technologies AG TUA6030 Datasheet HTML 30Page - Infineon Technologies AG TUA6030 Datasheet HTML 31Page - Infineon Technologies AG TUA6030 Datasheet HTML 32Page - Infineon Technologies AG TUA6030 Datasheet HTML 33Page - Infineon Technologies AG TUA6030 Datasheet HTML 34Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 49 page
background image
Reference
5 - 30
TUA6030, TUA6032
Wireless Components
Specification, July 2001
5.1.3
AC/DC Characteristics
Table 5-3 AC/DC Characteristics with TAMB = 25 °C, VCC = 5V
Symbol
Limit Values
Unit
Test Conditions
LItem
min
typ
max
Supply
Supply voltage
VCC
4.5
55.5
V
Current consumption
IVCC
73
mA
LOW band
IVCC
75
mA
MID band
IVCC
-
66
mA
HIGH band
Digital Part
PLL
Crystal oscillator connections XTAL
Crystal frequency
fXTAL
3.2
4.0
4.48
MHz
series resonance
Crystal resistance
RQ
25
300
series resonance
Input impedance
ZQ
-1000
-1200
fXTAL = 4 MHz
Charge pump output CP
High-level output current
ICPH
±280
µA
CP = 1, VCP = 2 V
Low-level output current
ICPL
±60
µA
CP = 0, VCP = 2 V
Tristate current
ICPZ
+1
nA
T2, T1, T0 = 0, 1, 0,
VCP = 2 V
Output voltage
VCP
1.0
2.5
V
loop closed
Tuning voltage output VT (open collector)
Leakage current
ITH
10
µA
VTH = 33 V, OS = 1
Output voltage when the
loop is closed, (test mode
in normal operation)
VTL
0.4
32.7
VOS=0, RLoad = 33 kΩ,
tuning supply = 33 V
I2C-Bus
Bus inputs SCL, SDA
High-level input voltage
VIH
2.3
5.5
V
Low-level input voltage
VIL
0
1.5
V
High-level input current
IIH
10
µA
Vbus = 5.5 V,
VCC = 0 V
IIH
10
µA
Vbus = 5.5 V,
VCC = 5.5 V


Similar Part No. - TUA6030

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TUA6034 INFINEON-TUA6034 Datasheet
1Mb / 61P
   3-Band Digital TV / Set-Top-Box Tuner IC
V 2.5, April 2004
TUA6034 INFINEON-TUA6034 Datasheet
1Mb / 65P
   3-Band Digital TV / Set-Top-Box Tuner IC TAIFUN
V 2.51, January 2006
TUA6034-T INFINEON-TUA6034-T Datasheet
1Mb / 61P
   3-Band Digital TV / Set-Top-Box Tuner IC
V 2.5, April 2004
TUA6034-T INFINEON-TUA6034-T Datasheet
1Mb / 65P
   3-Band Digital TV / Set-Top-Box Tuner IC TAIFUN
V 2.51, January 2006
TUA6034-V INFINEON-TUA6034-V Datasheet
1Mb / 61P
   3-Band Digital TV / Set-Top-Box Tuner IC
V 2.5, April 2004
More results

Similar Description - TUA6030

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TUA6034 INFINEON-TUA6034 Datasheet
1Mb / 61P
   3-Band Digital TV / Set-Top-Box Tuner IC
V 2.5, April 2004
TUA6045 INFINEON-TUA6045 Datasheet
874Kb / 64P
   Low Power 3-Band Digital TV / Portable Tuner IC
Revision 3.1, Dec 2006
TUA6034 INFINEON-TUA6034_06 Datasheet
1Mb / 65P
   3-Band Digital TV / Set-Top-Box Tuner IC TAIFUN
V 2.51, January 2006
logo
Texas Instruments
SN761678B TI-SN761678B Datasheet
435Kb / 20P
[Old version datasheet]   TV TUNER IC
SN761678B TI1-SN761678B_14 Datasheet
413Kb / 21P
[Old version datasheet]   TV TUNER IC
SN761685 TI1-SN761685_14 Datasheet
414Kb / 14P
[Old version datasheet]   TV TUNER IC
SN761681 TI-SN761681 Datasheet
878Kb / 20P
[Old version datasheet]   TV TUNER IC
SN761685 TI-SN761685 Datasheet
271Kb / 14P
[Old version datasheet]   TV TUNER IC
SN761683B TI-SN761683B Datasheet
402Kb / 20P
[Old version datasheet]   TV TUNER IC
logo
Sony Corporation
CXA3025N SONY-CXA3025N Datasheet
233Kb / 12P
   All Band TV Tuner IC (VHF-CATV-UHF)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com